Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS63LV1024L-8JI Datasheet(PDF) 1 Page - Integrated Silicon Solution, Inc

Part # IS63LV1024L-8JI
Description  128K x 8 HIGH-SPEED CMOS STATIC RAM 3.3V REVOLUTIONARY PINOUT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS63LV1024L-8JI Datasheet(HTML) 1 Page - Integrated Silicon Solution, Inc

  IS63LV1024L-8JI Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS63LV1024L-8JI Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS63LV1024L-8JI Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS63LV1024L-8JI Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS63LV1024L-8JI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS63LV1024L-8JI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS63LV1024L-8JI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS63LV1024L-8JI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS63LV1024L-8JI Datasheet HTML 9Page - Integrated Silicon Solution, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
IS63LV1024L
ISSI®
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
1
Rev. B
08/07/02
Copyright © 2002 Integrated Silicon Solution, Inc.
All rights reserved.
ISSI reserves the right to make changes to this specification and its products at any time
without notice.
ISSI assumes no liability arising out of the application or use of any information, products or services described herein. Customers are advised to
obtain the latest version of this device specification before relying on any published information and before placing orders for products.
128K x 8 HIGH-SPEED CMOS STATIC RAM
3.3V REVOLUTIONARY PINOUT
FEATURES
• High-speed access times:
8, 10, 12 ns
• High-performance, low-power CMOS process
• Multiple center power and ground pins for
greater noise immunity
• Easy memory expansion with CE and OE
options
CE power-down
• Fully static operation: no clock or refresh
required
• TTL compatible inputs and outputs
• Single 3.3V power supply
• Packages available:
– 32-pin 300-mil SOJ
– 32-pin 400-mil SOJ
DESCRIPTION
The
ISSI IS63LV1024L is a very high-speed, low power,
131,072-word by 8-bit CMOS static RAM in revolutionary
pinout. The IS63LV1024L is fabricated using
ISSI's
high-performance CMOS technology. This highly reliable
process coupled with innovative circuit design
techniques, yields higher performance and low power
consumption devices.
When
CE is HIGH (deselected), the device assumes a
standby mode at which the power dissipation can be
reduced down to 250 µW (typical) with CMOS input levels.
The IS63LV1024L operates from a single 3.3V power
supply and all inputs are TTL-compatible.
FUNCTIONAL BLOCK DIAGRAM
A0-A16
CE
OE
WE
128K X 8
MEMORY ARRAY
DECODER
COLUMN I/O
CONTROL
CIRCUIT
GND
VCC
I/O
DATA
CIRCUIT
I/O0-I/O7
AUGUST 2002
– 32-pin TSOP (Type II)
– 32-pin STSOP (Type I)
– 36-pin BGA (8mmx10mm)


Similar Part No. - IS63LV1024L-8JI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS63LV1024L-8JI ISSI-IS63LV1024L-8JI Datasheet
614Kb / 18P
   128K x 8 HIGH-SPEED CMOS STATIC RAM 3.3V REVOLUTIONARY PINOUT
More results

Similar Description - IS63LV1024L-8JI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS63LV1024 ISSI-IS63LV1024 Datasheet
68Kb / 8P
   128K x 8 HIGH-SPEED CMOS STATIC RAM 3.3V REVOLUTIONARY PINOUT
logo
Integrated Circuit Solu...
IC63LV1024 ICSI-IC63LV1024 Datasheet
133Kb / 10P
   128K x 8 HIGH-SPEED CMOS STATIC RAM 3.3V REVOLUTIONARY PINOUT
logo
Integrated Silicon Solu...
IS63LV1024 ISSI-IS63LV1024_07 Datasheet
614Kb / 18P
   128K x 8 HIGH-SPEED CMOS STATIC RAM 3.3V REVOLUTIONARY PINOUT
logo
Integrated Device Techn...
IDT71V124 IDT-IDT71V124 Datasheet
66Kb / 8P
   3.3V CMOS Static RAM 1 Meg (128K x 8-Bit) Revolutionary Pinout
logo
Renesas Technology Corp
71124 RENESAS-71124 Datasheet
188Kb / 9P
   CMOS Static RAM 1 Meg (128K x 8-Bit) Revolutionary Pinout
Feb.27.20
logo
Integrated Device Techn...
IDT71124 IDT-IDT71124 Datasheet
83Kb / 8P
   CMOS Static RAM 1 Meg (128K x 8-Bit) Revolutionary Pinout
logo
List of Unclassifed Man...
P3C1024 ETC1-P3C1024 Datasheet
45Kb / 2P
   HIGH SPEED 128K x 8 3.3V STATIC CMOS RAM
logo
Austin Semiconductor
AS5LC1008 AUSTIN-AS5LC1008_05 Datasheet
527Kb / 10P
   128K x 8 SRAM High-Speed CMOS SRAM with 3.3V Revolutionary Pinout
AS5LC1008 AUSTIN-AS5LC1008 Datasheet
121Kb / 10P
   128K x 8 SRAM High-Speed CMOS SRAM with 3.3V Revolutionary Pinout
logo
Alliance Semiconductor ...
AS7C1025A ALSC-AS7C1025A Datasheet
116Kb / 8P
   5V/3.3V 128K X 8 CMOS SRAM (Revolutionary pinout)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com