Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1947 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX1947
Description  Low Input/Output Voltage Step-Up DC-DC Converter with RESET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1947 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX1947 Datasheet HTML 1Page - Maxim Integrated Products MAX1947 Datasheet HTML 2Page - Maxim Integrated Products MAX1947 Datasheet HTML 3Page - Maxim Integrated Products MAX1947 Datasheet HTML 4Page - Maxim Integrated Products MAX1947 Datasheet HTML 5Page - Maxim Integrated Products MAX1947 Datasheet HTML 6Page - Maxim Integrated Products MAX1947 Datasheet HTML 7Page - Maxim Integrated Products MAX1947 Datasheet HTML 8Page - Maxim Integrated Products MAX1947 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Low Input/Output Voltage
Step-Up DC-DC Converter with RESET
_______________________________________________________________________________________
3
Note 2: Limits are 100% production tested at TA = +25°C. Limits over the operating temperature range are guaranteed by design.
Note 3: When BATT is greater than the output-voltage set point, the part is in track mode (see the Track Mode section).
ELECTRICAL CHARACTERISTICS (continued)
(VBATT = 1.5V, TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.) (Note 2)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Startup to Normal-Mode Output
Transition Voltage
50mV hysteresis, rising edge
1.40
1.62
1.73
V
TA = 0°C to +85°C
600
800
1000
NFET Current Limit
TA = -40°C to +85°C
580
800
1000
mA
TA = 0°C to +85°C
15
75
150
PFET Turn-Off Current
TA = -40°C to +85°C
10
75
150
mA
MAX1947ETA18
0.3
0.6
MAX1947ETA25
0.22
0.44
MAX1947ETA30
0.17
0.34
Internal NFET
On-Resistance
ILX = 100mA
MAX1947ETA33
0.15
0.3
MAX1947ETA18
0.5
1.0
MAX1947ETA25
0.35
0.7
MAX1947ETA30
0.28
0.56
Internal PFET
On-Resistance
ILX = 100mA
MAX1947ETA33
0.25
0.5
TA = +25°C
0.1
1
LX Leakage Current
SHDN = GND, VOUT = 0V,
VLX = 3.6V
TA = +85°C
1
µA
SHUTDOWN MODE
Shutdown Supply Current
SHDN = GND
2
4
µA
VIH
0.8 x
VBATT
SHDN Input Voltage
VIL
0.18 x
VBATT
V
SHDN = OUT or GND, TA = +25°C1
100
SHDN Input Bias Current
SHDN = OUT or GND, TA = +85°C5
nA
OUT Discharge Resistance in
Shutdown
SHDN = GND
500
1000
RESET OUTPUT
Reset OUT Voltage Trip Level
VOUT falling, 1% hysteresis
87
90
93
%
Minimum VOUT for Valid Reset
0.9
V
Reset Timeout
65
140
235
ms
ISINK = 200µA
0.3
RESET Output Voltage
ISOURCE = 200µA
0.8 x VOUT
V


Similar Part No. - MAX1947

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1947 MAXIM-MAX1947 Datasheet
250Kb / 11P
   Low Input/Output Voltage Step-Up DC-DC Converter with RESET
2006
MAX1947ETAXY+T MAXIM-MAX1947ETAXY+T Datasheet
250Kb / 11P
   Low Input/Output Voltage Step-Up DC-DC Converter with RESET
2006
MAX1947ETAXY-T MAXIM-MAX1947ETAXY-T Datasheet
250Kb / 11P
   Low Input/Output Voltage Step-Up DC-DC Converter with RESET
2006
MAX1947 MAXIM-MAX1947_V01 Datasheet
250Kb / 11P
   Low Input/Output Voltage Step-Up DC-DC Converter with RESET
2006
More results

Similar Description - MAX1947

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1947 MAXIM-MAX1947_V01 Datasheet
250Kb / 11P
   Low Input/Output Voltage Step-Up DC-DC Converter with RESET
2006
logo
National Semiconductor ...
LM2621 NSC-LM2621_05 Datasheet
655Kb / 11P
   Low Input Voltage, Step-Up DC-DC Converter
LM2621 NSC-LM2621 Datasheet
254Kb / 10P
   Low Input Voltage, Step-Up DC-DC Converter
logo
Texas Instruments
LM2621 TI1-LM2621_14 Datasheet
1Mb / 16P
[Old version datasheet]   Low Input Voltage, Step-Up DC-DC Converter
LM2621 TI1-LM2621_15 Datasheet
507Kb / 17P
[Old version datasheet]   Low Input Voltage, Step-Up DC-DC Converter
LM2621MM TI-LM2621MM Datasheet
1Mb / 17P
[Old version datasheet]   LM2621 Low Input Voltage, Step-Up DC-DC Converter
LM2621 TI-LM2621_15 Datasheet
1Mb / 18P
[Old version datasheet]   LM2621 Low Input Voltage, Step-Up DC-DC Converter
logo
Semtech Corporation
SC1633 SEMTECH-SC1633 Datasheet
181Kb / 7P
   LOW VOLTAGE STEP-UP DC-DC CONVERTER
logo
List of Unclassifed Man...
AIC1641 ETC-AIC1641 Datasheet
160Kb / 12P
   LOW VOLTAGE STEP-UP DC/DC CONVERTER
logo
Silicon Standard Corp.
SS6640 SSC-SS6640 Datasheet
336Kb / 12P
   Low Voltage Step-Up DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com