Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3205E Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX3205E
Description  Dual, Quad, and Hex High-Speed Differential ESD-Protection ICs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3205E Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX3205E Datasheet HTML 1Page - Maxim Integrated Products MAX3205E Datasheet HTML 2Page - Maxim Integrated Products MAX3205E Datasheet HTML 3Page - Maxim Integrated Products MAX3205E Datasheet HTML 4Page - Maxim Integrated Products MAX3205E Datasheet HTML 5Page - Maxim Integrated Products MAX3205E Datasheet HTML 6Page - Maxim Integrated Products MAX3205E Datasheet HTML 7Page - Maxim Integrated Products MAX3205E Datasheet HTML 8Page - Maxim Integrated Products MAX3205E Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Applications Information
Design Considerations
Maximum protection against ESD damage results from
proper board layout (see the Layout Recommendations
section). A good layout reduces the parasitic series
inductance on the ground line, supply line, and protect-
ed signal lines. The MAX3205E/MAX3207E/MAX3208E
ESD diodes clamp the voltage on the protected lines
during an ESD event and shunt the current to GND or
VCC. In an ideal circuit, the clamping voltage (VC) is
defined as the forward voltage drop (VF) of the protec-
tion diode, plus any supply voltage present on the cath-
ode.
For positive ESD pulses:
VC = VCC + VF
For negative ESD pulses:
VC =-VF
The effect of the parasitic series inductance on the
lines must also be considered (Figure 1).
For positive ESD pulses:
For negative ESD pulses:
where, IESD is the ESD current pulse.
During an ESD event, the current pulse rises from zero
to peak value in nanoseconds (Figure 2). For example,
in a 15kV IEC-61000 Air-Gap Discharge ESD event, the
pulse current rises to approximately 45A in 1ns (di/dt =
45 x 109). An inductance of only 10nH adds an addi-
tional 450V to the clamp voltage, and represents
approximately 0.5in of board trace. Regardless of the
device’s specified diode clamp voltage, a poor layout
with parasitic inductance significantly increases the
effective clamp voltage at the protected signal line.
Minimize the effects of parasitic inductance by placing
the MAX3205E/MAX3207E/MAX3208E as close to the
connector (or ESD contact point) as possible.
A low-ESR 0.1µF capacitor is recommended between
VCC and GND in order to get the maximum ESD protec-
tion possible. This bypass capacitor absorbs the
charge transferred by a positive ESD event. Ideally, the
supply rail (VCC) would absorb the charge caused by a
positive ESD strike without changing its regulated
value. All power supplies have an effective output
impedance on their positive rails. If a power supply’s
effective output impedance is 1
Ω, then by using V = I x
R, the clamping voltage of VC increases by the equa-
tion VC = IESD x ROUT. A +8kV IEC 61000-4-2 ESD
event generates a current spike of 24A. The clamping
voltage increases by VC = 24A x 1
Ω, or VC = 24V.
Again, a poor layout without proper bypassing increas-
es the clamping voltage. A ceramic chip capacitor
mounted as close as possible to the MAX3205E/
MAX3207E/MAX3208E VCC pin is the best choice for
this application. A bypass capacitor should also be
placed as close to the protected device as possible.
VV
L
x
dI
dt
Lx
dI
dt
CF D
ESD
ESD
()
()
=−
+ ⎛
⎝⎜
⎠⎟
+ ⎛
⎝⎜
⎠⎟
⎝⎜
⎠⎟
()2
13
VV
V
L x
dI
dt
Lx
dI
dt
CCC
F D
ESD
ESD
()
()
=+
+ ⎛
⎝⎜
⎠⎟
+⎛
⎝⎜
⎠⎟
()1
12
Dual, Quad, and Hex High-Speed
Differential ESD-Protection ICs
_______________________________________________________________________________________
5
L1
PROTECTED
LINE
L3
D2
GROUND RAIL
POSITIVE SUPPLY RAIL
I/O_
D1
L2
Figure 1. Parasitic Series Inductance
tR = 0.7ns to 1ns
30ns
60ns
t
100%
90%
10%
I
Figure 2. IEC 61000-4-2 ESD Generator Current Waveform


Similar Part No. - MAX3205E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX320 MAXIM-MAX320 Datasheet
109Kb / 8P
   Precision, Dual-Supply, SPST Analog Switches
19-0350; Rev 0; 12/94
MAX320-MAX322 MAXIM-MAX320-MAX322 Datasheet
109Kb / 8P
   Precision, Dual-Supply, SPST Analog Switches
19-0350; Rev 0; 12/94
MAX32000 MAXIM-MAX32000 Datasheet
3Mb / 24P
   High-speed oscilloscope (recommend 5GHz bandwidth)
319-100492; Rev 0; 1/20
MAX32000EVKIT MAXIM-MAX32000EVKIT Datasheet
3Mb / 24P
   High-speed oscilloscope (recommend 5GHz bandwidth)
319-100492; Rev 0; 1/20
MAX32010 MAXIM-MAX32010 Datasheet
2Mb / 31P
   25V Span, 1.2A Device Power Supply (DPS)
Rev 0; 11/20
More results

Similar Description - MAX3205E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD4E1U06 TI-TPD4E1U06 Datasheet
950Kb / 14P
[Old version datasheet]   Quad Channel High Speed ESD Protection Device
TPD4E1U06 TI1-TPD4E1U06_14 Datasheet
914Kb / 15P
[Old version datasheet]   Quad Channel High Speed ESD Protection Device
TPD4E1B06 TI-TPD4E1B06 Datasheet
831Kb / 12P
[Old version datasheet]   Quad Channel High Speed ESD Protection Device
logo
TECH PUBLIC Electronics...
TPD4E1U06DBVR-TP TECHPUBLIC-TPD4E1U06DBVR-TP Datasheet
2Mb / 4P
   Quad-Channel High-Speed ESD Protection Device
logo
Texas Instruments
TPD2E1B06 TI1-TPD2E1B06 Datasheet
931Kb / 13P
[Old version datasheet]   DUAL CHANNEL HIGH SPEED ESD PROTECTION DEVICE
TPD2E2U06 TI-TPD2E2U06 Datasheet
252Kb / 8P
[Old version datasheet]   Dual-Channel High-Speed ESD Protection Device
TPD2E2U06 TI1-TPD2E2U06_15 Datasheet
862Kb / 17P
[Old version datasheet]   Dual-Channel High-Speed ESD Protection Device
TPD2E2U06 TI1-TPD2E2U06_14 Datasheet
781Kb / 11P
[Old version datasheet]   Dual-Channel High-Speed ESD Protection Device
logo
Infineon Technologies A...
BGF113 INFINEON-BGF113 Datasheet
680Kb / 7P
   Differential Microphone Filter and ESD Protection
V3.1, Jan 2009
logo
NXP Semiconductors
PESD5V0X1U NXP-PESD5V0X1U Datasheet
1Mb / 2P
   High-performance ESD protection for sensitive ICs
August 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com