Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5264 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX5264
Description  Octal, 14-Bit Voltage-Output DAC with Parallel Interface for ATE
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5264 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX5264 Datasheet HTML 1Page - Maxim Integrated Products MAX5264 Datasheet HTML 2Page - Maxim Integrated Products MAX5264 Datasheet HTML 3Page - Maxim Integrated Products MAX5264 Datasheet HTML 4Page - Maxim Integrated Products MAX5264 Datasheet HTML 5Page - Maxim Integrated Products MAX5264 Datasheet HTML 6Page - Maxim Integrated Products MAX5264 Datasheet HTML 7Page - Maxim Integrated Products MAX5264 Datasheet HTML 8Page - Maxim Integrated Products MAX5264 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Octal, 14-Bit Voltage-Output DAC
with Parallel Interface for ATE
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VDD = +14V, VSS = -9V, VCC = +5V, VGND = VDUTGND_ _ = 0, VREF_ _ _ _+ = +4.500V, VREF_ _ _ _- = -2.000V, RL = 10k
Ω,
CL = 50pF, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VDD to GND ........................................................-0.3V to +16.8V
VSS to GND ........................................................ -10.8V to +0.3V
VCC to GND ............................................................ -0.3V to +6V
A_, D_, WR, CS, LD, CLR to GND.............+0.3V to (VCC + 0.3V)
REF_ _ _ _+, REF_ _ _ _-,
DUTGND_ _ ..................................(VSS - 0.3V) to (VDD + 0.3V)
OUT_ ..........................................................................VDD to VSS
Maximum Current into REF_ _ _ _ _, DUTGND_ _ ...........±10mA
Maximum Current into Any Signal Pin ..............................±50mA
OUT_ Short-Circuit Duration to VDD, VSS, and GND ................1s
Continuous Power Dissipation (TA = +70°C)
44-Pin MQFP (derate 11.1mW/°C above +70°C)..........870mW
Operating Temperature Range...............................0°C to +70°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
(Note 1)
(Note 2)
MAX5264A
(Note 1)
(Note 1)
MAX5264B
Guaranteed monotonic
CONDITIONS
0.5
DC Output Impedance
pF
10,000
Capacitive Load to GND
k
5
Resistive Load to GND
V
VSS + 2
-4
Minimum Output Voltage
V
9VDD - 2
Maximum Output Voltage
V
3
6.5
(REF_ _ _ _+) - (REF_ _ _ _-)
Range
V
-2.0
-1.5
REF_ _ _ _- Input Range
V
1.5
4.5
REF_ _ _ _+ Input Range
µA
±1
±10
Input Current
M
1
Input Resistance
±4
Bits
14
N
Resolution
µV
14
75
DC Crosstalk
ppm
FSR/°C
0.15
20
Gain Temperature Coefficient
LSB
±4
±10
Gain Error
LSB
±8
INL
Relative Accuracy
LSB
±1
DNL
Differential Nonlinearity
LSB
±4
±8
Zero-Scale Error
LSB
±8
±16
Full-Scale Error
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
V
3.5
8.5
VDD - (2 · VREF_ _ _ _ +) Range
V
7.5
10
VDD - (VREF_ _ _ _ +) Range
STATIC PERFORMANCE (ANALOG SECTION)
REFERENCE INPUTS
ANALOG OUTPUTS
V
57
(VREF_ _ _ _-) - VSS Range
V
3.5
5
(2
· VREF_ _ _ _-) - VSS Range


Similar Part No. - MAX5264

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX526 MAXIM-MAX526 Datasheet
625Kb / 16P
   Galibrated Quad 12-Bit Voltage-Output D/A Converters
Rev 3; 2/95
MAX526-MAX527 MAXIM-MAX526-MAX527 Datasheet
625Kb / 16P
   Galibrated Quad 12-Bit Voltage-Output D/A Converters
Rev 3; 2/95
MAX526CCNG MAXIM-MAX526CCNG Datasheet
625Kb / 16P
   Galibrated Quad 12-Bit Voltage-Output D/A Converters
Rev 3; 2/95
MAX526CCWG MAXIM-MAX526CCWG Datasheet
625Kb / 16P
   Galibrated Quad 12-Bit Voltage-Output D/A Converters
Rev 3; 2/95
MAX526CENG MAXIM-MAX526CENG Datasheet
625Kb / 16P
   Galibrated Quad 12-Bit Voltage-Output D/A Converters
Rev 3; 2/95
More results

Similar Description - MAX5264

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7841 MAXIM-MAX7841 Datasheet
326Kb / 14P
   Octal, 14-Bit Voltage-Output DAC with Parallel Interface
Rev 0; 7/03
logo
Cadeka Microcircuits LL...
SPT5400 CADEKA-SPT5400 Datasheet
156Kb / 8P
   13-BIT, OCTAL VOLTAGE-OUTPUT DAC WITH PARALLEL INTERFACE
logo
Fairchild Semiconductor
SPT5400 FAIRCHILD-SPT5400 Datasheet
73Kb / 8P
   13-BIT, OCTAL VOLTAGE-OUTPUT DAC WITH PARALLEL INTERFACE
logo
Maxim Integrated Produc...
MAX5839 MAXIM-MAX5839 Datasheet
211Kb / 16P
   Octal, 13-Bit Voltage-Output DAC with Parallel Interface
Rev 0; 1/00
MX7839 MAXIM-MX7839 Datasheet
374Kb / 14P
   Octal, 13-Bit Voltage-Output DAC with Parallel Interface
Rev 0; 7/03
MAX547 MAXIM-MAX547 Datasheet
230Kb / 16P
   Octal, 13-Bit Voltage-Output DAC with Parallel Interface
Rev 3; 12/95
MAX5270 MAXIM-MAX5270 Datasheet
251Kb / 13P
   Octal, 13-Bit Voltage-Output DAC with Parallel Interface
Rev 1; 1/01
logo
Analog Devices
AD7841ASZ AD-AD7841ASZ Datasheet
442Kb / 13P
   Octal 14-Bit, Parallel Input, Voltage-Output DAC
REV. B
AD7841 AD-AD7841_15 Datasheet
442Kb / 13P
   Octal 14-Bit, Parallel Input, Voltage-Output DAC
REV. B
AD7841 AD-AD7841 Datasheet
167Kb / 12P
   Octal 14-Bit, Parallel Input, Voltage-Output DAC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com