Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3208EAUB Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX3208EAUB
Description  Dual, Quad, and Hex High-Speed Differential ESD-Protection ICs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3208EAUB Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX3208EAUB Datasheet HTML 1Page - Maxim Integrated Products MAX3208EAUB Datasheet HTML 2Page - Maxim Integrated Products MAX3208EAUB Datasheet HTML 3Page - Maxim Integrated Products MAX3208EAUB Datasheet HTML 4Page - Maxim Integrated Products MAX3208EAUB Datasheet HTML 5Page - Maxim Integrated Products MAX3208EAUB Datasheet HTML 6Page - Maxim Integrated Products MAX3208EAUB Datasheet HTML 7Page - Maxim Integrated Products MAX3208EAUB Datasheet HTML 8Page - Maxim Integrated Products MAX3208EAUB Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
General Description
The MAX3205E/MAX3207E/MAX3208E low-capaci-
tance, ±15kV ESD-protection diode arrays with an inte-
grated transient voltage suppressor (TVS) clamp are
suitable for high-speed and general-signal ESD protec-
tion. Low input capacitance makes these devices ideal
for ESD protection of signals in HDTV, PC monitors
(DVI™, HDMI™), PC peripherals (FireWire®, USB 2.0),
server interconnect (PCI Express™, Infiniband®),
datacom, and interchassis interconnect. Each channel
consists of a pair of diodes that steer ESD current puls-
es to VCC or GND.
The MAX3205E/MAX3207E/MAX3208E protect against
ESD pulses up to ±15kV Human Body Model, ±8kV
Contact Discharge, and ±15kV Air-Gap Discharge, as
specified in IEC 61000-4-2. An integrated TVS ensures
that the voltage rise seen on VCC during an ESD event
is clamped to a known voltage. These devices have a
2pF input capacitance per channel, and a channel-to-
channel capacitance variation of only 0.05pF, making
them ideal for use on high-speed, single-ended, or dif-
ferential signals.
The MAX3207E is a two-channel device suitable for
USB 1.1, USB 2.0 (480Mbps), and USB OTG applica-
tions. The MAX3208E is a four-channel device for
Ethernet and FireWire applications. The MAX3205E is a
six-channel device for cell phone connectors and
SVGA video connections.
The MAX3205E is available in 9-bump, tiny chip-scale
(UCSP™), and 16-pin, 3mm x 3mm, thin QFN pack-
ages. The MAX3207E is available in a small 6-pin
SOT23 package. The MAX3208E is available in 10-pin
µMAX® and 16-pin, 3mm x 3mm TQFN packages. All
devices are specified for the -40°C to +125°C automo-
tive operating temperature range.
Applications
DVI Input/Output Protection
Set-Top Boxes
PDAs/Cell Phones
Graphics Controller Cards
Displays/Projectors
High-Speed, Full-Speed and Low-Speed USB
Port Protection
FireWire IEEE 1394 Ports
Consumer Equipment
High-Speed Differential Signal Protection
Features
♦ Low Input Capacitance of 2pF Typical
♦ Low Channel-to-Channel Variation of 0.05pF
from I/O to I/O
♦ High-Speed Differential or Single-Ended ESD
Protection
±15kV–Human Body Model
±8kV–IEC 61000-4-2, Contact Discharge
±15kV–IEC 61000-4-2, Air-Gap Discharge
♦ Integrated Transient Voltage Suppressor (TVS)
♦ Optimized Pinout for Minimized Stub Instances on
Controlled-Impedance Differential-Transmission
Line Routing
♦ -40°C to +125°C Automotive Operating
Temperature Range
♦ UCSP Packaging Available
Dual, Quad, and Hex High-Speed
Differential ESD-Protection ICs
________________________________________________________________ Maxim Integrated Products
1
Ordering Information
19-3361; Rev 2; 3/05
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
*EP = Exposed pad.
FireWire is a registered trademark of Apple Computer, Inc.
PCI Express is a trademark of PCI-SIG Corporation.
DVI is a trademark of Digital Display Working Group.
HDMI is a trademark of HDMI Licensing, LCC.
InfiniBand is a registered trademark of InfiniBand Trade
Association.
UCSP is a trademark and µMAX is a registered trademark of
Maxim Integrated Products, Inc.
Typical Operating Circuit and Pin Configurations appear at
end of data sheet.
PART
TEMP
RANGE
PIN-
PACKAGE
PKG
CODE
MAX3205EABL-T
-40°C to +125°C 9 UCSP-9
B9-2
MAX3205EATE
-40°C to +125°C
16 TQFN-EP*
(3mm x 3mm)
T1633-4
MAX3207EAUT-T
-40°C to +125°C 6 SOT23-6
U6-1
MAX3208EAUB
-40°C to +125°C 10 µMAX
U10-2
MAX3208EATE
-40°C to +125°C
16 TQFN-EP*
(3mm x 3mm)
T1633-4
Selector Guide
PART
ESD-PROTECTED
I/O PORTS
TOP MARK
MAX3205EABL-T
6
AES
MAX3205EATE
6
ACO
MAX3207EAUT-T
2
ABVG
MAX3208EAUB
4
MAX3208EATE
4
ACN


Similar Part No. - MAX3208EAUB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX320 MAXIM-MAX320 Datasheet
109Kb / 8P
   Precision, Dual-Supply, SPST Analog Switches
19-0350; Rev 0; 12/94
MAX320-MAX322 MAXIM-MAX320-MAX322 Datasheet
109Kb / 8P
   Precision, Dual-Supply, SPST Analog Switches
19-0350; Rev 0; 12/94
MAX32000 MAXIM-MAX32000 Datasheet
3Mb / 24P
   High-speed oscilloscope (recommend 5GHz bandwidth)
319-100492; Rev 0; 1/20
MAX32000EVKIT MAXIM-MAX32000EVKIT Datasheet
3Mb / 24P
   High-speed oscilloscope (recommend 5GHz bandwidth)
319-100492; Rev 0; 1/20
MAX32010 MAXIM-MAX32010 Datasheet
2Mb / 31P
   25V Span, 1.2A Device Power Supply (DPS)
Rev 0; 11/20
More results

Similar Description - MAX3208EAUB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD4E1U06 TI-TPD4E1U06 Datasheet
950Kb / 14P
[Old version datasheet]   Quad Channel High Speed ESD Protection Device
TPD4E1U06 TI1-TPD4E1U06_14 Datasheet
914Kb / 15P
[Old version datasheet]   Quad Channel High Speed ESD Protection Device
TPD4E1B06 TI-TPD4E1B06 Datasheet
831Kb / 12P
[Old version datasheet]   Quad Channel High Speed ESD Protection Device
logo
TECH PUBLIC Electronics...
TPD4E1U06DBVR-TP TECHPUBLIC-TPD4E1U06DBVR-TP Datasheet
2Mb / 4P
   Quad-Channel High-Speed ESD Protection Device
logo
Texas Instruments
TPD2E1B06 TI1-TPD2E1B06 Datasheet
931Kb / 13P
[Old version datasheet]   DUAL CHANNEL HIGH SPEED ESD PROTECTION DEVICE
TPD2E2U06 TI-TPD2E2U06 Datasheet
252Kb / 8P
[Old version datasheet]   Dual-Channel High-Speed ESD Protection Device
TPD2E2U06 TI1-TPD2E2U06_15 Datasheet
862Kb / 17P
[Old version datasheet]   Dual-Channel High-Speed ESD Protection Device
TPD2E2U06 TI1-TPD2E2U06_14 Datasheet
781Kb / 11P
[Old version datasheet]   Dual-Channel High-Speed ESD Protection Device
logo
Infineon Technologies A...
BGF113 INFINEON-BGF113 Datasheet
680Kb / 7P
   Differential Microphone Filter and ESD Protection
V3.1, Jan 2009
logo
NXP Semiconductors
PESD5V0X1U NXP-PESD5V0X1U Datasheet
1Mb / 2P
   High-performance ESD protection for sensitive ICs
August 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com