Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3175 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX3175
Description  5V Multiprotocol, Software-Selectable Control Transceivers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3175 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX3175 Datasheet HTML 4Page - Maxim Integrated Products MAX3175 Datasheet HTML 5Page - Maxim Integrated Products MAX3175 Datasheet HTML 6Page - Maxim Integrated Products MAX3175 Datasheet HTML 7Page - Maxim Integrated Products MAX3175 Datasheet HTML 8Page - Maxim Integrated Products MAX3175 Datasheet HTML 9Page - Maxim Integrated Products MAX3175 Datasheet HTML 10Page - Maxim Integrated Products MAX3175 Datasheet HTML 11Page - Maxim Integrated Products MAX3175 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
+5V Multiprotocol, Software-Selectable
Control Transceivers
8
_______________________________________________________________________________________
Pin Description
PIN
NAME
FUNCTION
1VCC
+5V Supply Voltage (
±5%). Bypass with a 1µF capacitor to ground.
2VDD
Positive Supply Generated by MXL1543. Bypass with a 1µF capacitor to ground.
3
T1IN
Transmitter 1 TTL-Compatible Input
4
T2IN
Transmitter 2 TTL-Compatible Input
5
T3IN
Transmitter 3 TTL-Compatible Input
6
R1OUT
Receiver 1 CMOS Output
7
R2OUT
Receiver 2 CMOS Output
8
R3OUT
Receiver 3 CMOS Output
9
T4IN
Transmitter 4 TTL-Compatible Input
10
R4OUT
Receiver 4 CMOS Output
11
M0
TTL-Compatible Mode Select Pin with Internal Pullup to VCC
12
M1
TTL-Compatible Mode Select Pin with Internal Pullup to VCC
13
M2
TTL-Compatible Mode Select Pin with Internal Pullup to VCC
14
DCE/
DTE
TTL-Compatible Input with Internal Pullup to VCC. Logic level high selects DCE interface.
15
INVERT
TTL Input with Internal Pullup to VCC. INVERT = HIGH reverses action of DCE/DTE for Channel 4.
16
T4OUTA/R4INA
Transmitter Output/Inverting Receiver Input
17
R3INB
Noninverting Receiver Input
18
R3INA
Inverting Receiver Input
19
R2INB
Noninverting Receiver Input
20
R2INA
Inverting Receiver Input
21
T3OUTB/R1INB
Noninverting Transmitter Output/Noninverting Receiver Input
22
T3OUTA/R1INA
Inverting Transmitter Output/Inverting Receiver Input
23
T2OUTB
Noninverting Transmitter Output
24
T2OUTA
Inverting Transmitter Output
25
T1OUTB
Noninverting Transmitter Output
26
T1OUTA
Inverting Transmitter Output
27
GND
Ground
28
VEE
Negative Supply Generated by MXL1543. Bypass with a 1µF capacitor to ground.


Similar Part No. - MAX3175

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX317 MAXIM-MAX317 Datasheet
130Kb / 12P
   Precision, CMOS Analog Switches
19-0185; Rev 1; 11/94
MAX3170 MAXIM-MAX3170 Datasheet
344Kb / 16P
   3.3V, Multiprotocol, 3 Tx/3 Rx, Software- Selectable Clock/Data Transceiver
19-1703; Rev 0; 4/00
MAX3170 MAXIM-MAX3170 Datasheet
476Kb / 13P
   Industry’s First Multiprotocol Chipset with True Failsafe Receivers
Rev 0; 12/00
MAX3170CAI MAXIM-MAX3170CAI Datasheet
344Kb / 16P
   3.3V, Multiprotocol, 3 Tx/3 Rx, Software- Selectable Clock/Data Transceiver
19-1703; Rev 0; 4/00
MAX3170EVKIT MAXIM-MAX3170EVKIT Datasheet
476Kb / 13P
   Industry’s First Multiprotocol Chipset with True Failsafe Receivers
Rev 0; 12/00
More results

Similar Description - MAX3175

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MXL1543CAI MAXIM-MXL1543CAI Datasheet
343Kb / 18P
   5V Multiprotocol, 3Tx/3Rx, Software-Selectable Clock/Data Transceivers
Rev 1; 9/01
MAX3171 MAXIM-MAX3171 Datasheet
271Kb / 15P
   3.3V Multiprotocol 3Tx/3Rx Software-Selectable Control Transceivers
19-1703; Rev 1; 8/01
MXL1543B MAXIM-MXL1543B Datasheet
695Kb / 18P
   5V Multiprotocol, 3Tx/3Rx, Software- Selectable Clock/Data Transceivers
Rev 0; 10/04
MXL1344A MAXIM-MXL1344A Datasheet
220Kb / 12P
   5V Multiprotocol, Software-Selectable Cable Terminator
Rev 0; 2/01
MAX3172 MAXIM-MAX3172 Datasheet
276Kb / 19P
   3.3V Multiprotocol Software-Selectable Cable Terminators and Transceivers
Rev 1; 1/01
MAX3172 MAXIM-MAX3172_04 Datasheet
837Kb / 19P
   3.3V Multiprotocol Software-Selectable Cable Terminators and Transceivers
Rev 2; 6/04
logo
Linear Technology
LTC1343 LINER-LTC1343 Datasheet
382Kb / 28P
   Software-Selectable Multiprotocol Transceiver
LTC1545 LINER-LTC1545 Datasheet
244Kb / 16P
   Software-Selectable Multiprotocol Transceiver
LTC1543 LINER-LTC1543 Datasheet
281Kb / 20P
   Software-Selectable Multiprotocol Transceiver
LTC1544 LINER-LTC1544 Datasheet
277Kb / 20P
   Software-Selectable Multiprotocol Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com