Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3175 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX3175
Description  5V Multiprotocol, Software-Selectable Control Transceivers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3175 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX3175 Datasheet HTML 1Page - Maxim Integrated Products MAX3175 Datasheet HTML 2Page - Maxim Integrated Products MAX3175 Datasheet HTML 3Page - Maxim Integrated Products MAX3175 Datasheet HTML 4Page - Maxim Integrated Products MAX3175 Datasheet HTML 5Page - Maxim Integrated Products MAX3175 Datasheet HTML 6Page - Maxim Integrated Products MAX3175 Datasheet HTML 7Page - Maxim Integrated Products MAX3175 Datasheet HTML 8Page - Maxim Integrated Products MAX3175 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
+5V Multiprotocol, Software-Selectable
Control Transceivers
_______________________________________________________________________________________
3
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
LOGIC OUTPUTS (R1OUT, R2OUT, R3OUT, R4OUT)
Output High Voltage
VOH
ISOURCE = 4mA
3
4.5
V
Output Low Voltage
VOL
ISINK = 4mA
0.3
0.8
V
Output Short-Circuit Current
ISC
0
≤ VOUT ≤ VCC
-50
50
mA
Output Pullup Current
IL
VOUT = 0, no-cable mode
70
µA
RECEIVER INPUTS
Receiver Glitch Rejection
MAX3175 only
5
10
15
µs
V.11 TRANSMITTER
Open-Circuit Differential Output
Voltage
VODO
Open circuit, R = 1.95k
Ω (Figure 1)
±5V
R = 50
Ω (Figure 1), TA = +25°C
0.5
VODO
0.67
VODO
Loaded Differential Output
Voltage
VODL
R = 50
Ω (Figure 1)
±2
V
Change in Magnitude of Output
Differential Voltage
∆VOD
R = 50
Ω (Figure 1)
0.2
V
Common-Mode Output Voltage
VOC
R = 50
Ω (Figure 1)
3
V
Change in Magnitude of Output
Common-Mode Voltage
∆VOC
R = 50
Ω (Figure 1)
0.2
V
Short-Circuit Current
ISC
VOUT = GND
150
mA
Output Leakage Current
IZ
-0.25V < VOUT < +0.25V, power-off or no-
cable mode
±1
±100
µA
Rise or Fall Time
tr, tf
R = 50
Ω (Figures 2, 5)
2
15
25
ns
Transmitter Input to Output
tPHL,
tPLH
R = 50
Ω (Figures 2, 5)
50
75
ns
Data Skew
|tPHL -
tPLH|
(Figures 2, 5)
3
12
ns
Output-to-Output Skew
(Figures 2, 5)
3
ns
V.11 RECEIVER
Differential Input Voltage
VTH
-7V
≤ VCM ≤ 7V
-200
200
mV
Input Hysteresis
∆VTH
-7V
≤ VCM ≤ 7V
15
40
mV
Receiver Input Current
IIN
-10V
≤VA
,B
≤ 10V
±0.66
mA
Receiver Input Resistance
RIN
-10V
≤ VA
,B
≤ 10V
15
30
k
Rise or Fall Time
tr, tf
(Figures 2, 6)
15
ns
MXL1544
50
80
ns
Receiver Input to Output
tPHL,
tPLH
(Figures 2, 6)
MAX3175
10
µs
MXL1544
4
16
ns
Data Skew
|tPHL -
tPLH|
(Figures 2, 6)
MAX3175
1
µs
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +5V, VDD = +6.8V, VEE = -5.6V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 2)


Similar Part No. - MAX3175

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX317 MAXIM-MAX317 Datasheet
130Kb / 12P
   Precision, CMOS Analog Switches
19-0185; Rev 1; 11/94
MAX3170 MAXIM-MAX3170 Datasheet
344Kb / 16P
   3.3V, Multiprotocol, 3 Tx/3 Rx, Software- Selectable Clock/Data Transceiver
19-1703; Rev 0; 4/00
MAX3170 MAXIM-MAX3170 Datasheet
476Kb / 13P
   Industry’s First Multiprotocol Chipset with True Failsafe Receivers
Rev 0; 12/00
MAX3170CAI MAXIM-MAX3170CAI Datasheet
344Kb / 16P
   3.3V, Multiprotocol, 3 Tx/3 Rx, Software- Selectable Clock/Data Transceiver
19-1703; Rev 0; 4/00
MAX3170EVKIT MAXIM-MAX3170EVKIT Datasheet
476Kb / 13P
   Industry’s First Multiprotocol Chipset with True Failsafe Receivers
Rev 0; 12/00
More results

Similar Description - MAX3175

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MXL1543CAI MAXIM-MXL1543CAI Datasheet
343Kb / 18P
   5V Multiprotocol, 3Tx/3Rx, Software-Selectable Clock/Data Transceivers
Rev 1; 9/01
MAX3171 MAXIM-MAX3171 Datasheet
271Kb / 15P
   3.3V Multiprotocol 3Tx/3Rx Software-Selectable Control Transceivers
19-1703; Rev 1; 8/01
MXL1543B MAXIM-MXL1543B Datasheet
695Kb / 18P
   5V Multiprotocol, 3Tx/3Rx, Software- Selectable Clock/Data Transceivers
Rev 0; 10/04
MXL1344A MAXIM-MXL1344A Datasheet
220Kb / 12P
   5V Multiprotocol, Software-Selectable Cable Terminator
Rev 0; 2/01
MAX3172 MAXIM-MAX3172 Datasheet
276Kb / 19P
   3.3V Multiprotocol Software-Selectable Cable Terminators and Transceivers
Rev 1; 1/01
MAX3172 MAXIM-MAX3172_04 Datasheet
837Kb / 19P
   3.3V Multiprotocol Software-Selectable Cable Terminators and Transceivers
Rev 2; 6/04
logo
Linear Technology
LTC1343 LINER-LTC1343 Datasheet
382Kb / 28P
   Software-Selectable Multiprotocol Transceiver
LTC1545 LINER-LTC1545 Datasheet
244Kb / 16P
   Software-Selectable Multiprotocol Transceiver
LTC1543 LINER-LTC1543 Datasheet
281Kb / 20P
   Software-Selectable Multiprotocol Transceiver
LTC1544 LINER-LTC1544 Datasheet
277Kb / 20P
   Software-Selectable Multiprotocol Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com