Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3175CAI Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX3175CAI
Description  5V Multiprotocol, Software-Selectable Control Transceivers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3175CAI Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX3175CAI Datasheet HTML 6Page - Maxim Integrated Products MAX3175CAI Datasheet HTML 7Page - Maxim Integrated Products MAX3175CAI Datasheet HTML 8Page - Maxim Integrated Products MAX3175CAI Datasheet HTML 9Page - Maxim Integrated Products MAX3175CAI Datasheet HTML 10Page - Maxim Integrated Products MAX3175CAI Datasheet HTML 11Page - Maxim Integrated Products MAX3175CAI Datasheet HTML 12Page - Maxim Integrated Products MAX3175CAI Datasheet HTML 13Page - Maxim Integrated Products MAX3175CAI Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
+5V Multiprotocol, Software-Selectable
Control Transceivers
10
______________________________________________________________________________________
f = 1MHz: tr
≤ 10ns: tf ≤ 10ns
VDIFF = V(B) - V(A)
1.5V
1/2 V0
V0
90%
10%
50%
tPLH
5V
0
V0
-V0
D
A
B
B-A
tr
tSKEW
1.5V
tPHL
tSKEW
90%
10%
50%
tf
Figure 5. V.11, V.35 Driver Propagation Delays
V0D2
-V0D2
V0H
V0L
B-A
R
0
INPUT
OUTPUT
0
1.5V
f = 1MHz: tr
≤ 10ns: tf ≤ 10ns
tPLH
1.5V
tPHL
Figure 6. V.11, V.35 Receiver Propagation Delays
1.5V
0
tPHL
3V
0
V0
-V0
D
A
-3V
3V
tf
0
0
tPLH
3V
-3V
tr
Figure 7. V.10, V.28 Driver Propagation Delays
VIH
VIL
V0H
V0L
A
R
1.3V
tPHL
0.8V
1.7V
tPLH
2.4V
Figure 8. V.10, V.28 Receiver Propagation Delays
Switching Time Waveforms


Similar Part No. - MAX3175CAI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX317 MAXIM-MAX317 Datasheet
130Kb / 12P
   Precision, CMOS Analog Switches
19-0185; Rev 1; 11/94
MAX3170 MAXIM-MAX3170 Datasheet
344Kb / 16P
   3.3V, Multiprotocol, 3 Tx/3 Rx, Software- Selectable Clock/Data Transceiver
19-1703; Rev 0; 4/00
MAX3170 MAXIM-MAX3170 Datasheet
476Kb / 13P
   Industry’s First Multiprotocol Chipset with True Failsafe Receivers
Rev 0; 12/00
MAX3170CAI MAXIM-MAX3170CAI Datasheet
344Kb / 16P
   3.3V, Multiprotocol, 3 Tx/3 Rx, Software- Selectable Clock/Data Transceiver
19-1703; Rev 0; 4/00
MAX3170EVKIT MAXIM-MAX3170EVKIT Datasheet
476Kb / 13P
   Industry’s First Multiprotocol Chipset with True Failsafe Receivers
Rev 0; 12/00
More results

Similar Description - MAX3175CAI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MXL1543CAI MAXIM-MXL1543CAI Datasheet
343Kb / 18P
   5V Multiprotocol, 3Tx/3Rx, Software-Selectable Clock/Data Transceivers
Rev 1; 9/01
MAX3171 MAXIM-MAX3171 Datasheet
271Kb / 15P
   3.3V Multiprotocol 3Tx/3Rx Software-Selectable Control Transceivers
19-1703; Rev 1; 8/01
MXL1543B MAXIM-MXL1543B Datasheet
695Kb / 18P
   5V Multiprotocol, 3Tx/3Rx, Software- Selectable Clock/Data Transceivers
Rev 0; 10/04
MXL1344A MAXIM-MXL1344A Datasheet
220Kb / 12P
   5V Multiprotocol, Software-Selectable Cable Terminator
Rev 0; 2/01
MAX3172 MAXIM-MAX3172 Datasheet
276Kb / 19P
   3.3V Multiprotocol Software-Selectable Cable Terminators and Transceivers
Rev 1; 1/01
MAX3172 MAXIM-MAX3172_04 Datasheet
837Kb / 19P
   3.3V Multiprotocol Software-Selectable Cable Terminators and Transceivers
Rev 2; 6/04
logo
Linear Technology
LTC1343 LINER-LTC1343 Datasheet
382Kb / 28P
   Software-Selectable Multiprotocol Transceiver
LTC1545 LINER-LTC1545 Datasheet
244Kb / 16P
   Software-Selectable Multiprotocol Transceiver
LTC1543 LINER-LTC1543 Datasheet
281Kb / 20P
   Software-Selectable Multiprotocol Transceiver
LTC1544 LINER-LTC1544 Datasheet
277Kb / 20P
   Software-Selectable Multiprotocol Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com