Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM200RSE060 Datasheet(PDF) 6 Page - Mitsubishi Electric Semiconductor

Part # PM200RSE060
Description  General purpose inverter, servo drives and other motor controls
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PM200RSE060 Datasheet(HTML) 6 Page - Mitsubishi Electric Semiconductor

  PM200RSE060 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor PM200RSE060 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PM200RSE060 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PM200RSE060 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PM200RSE060 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor PM200RSE060 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
MITSUBISHI <INTELLIGENT POWER MODULES>
PM200RSE060
FLAT-BASE TYPE
INSULATED PACKAGE
Sep. 2001
NOTES FOR STABLE AND SAFE OPERATION ;
Design the PCB pattern to minimize wiring length between opto-coupler and IPM’s input terminal, and also to minimize the
stray capacity between the input and output wirings of opto-coupler.
Quick opto-couplers: TPLH, TPLH ≤ 0.8µs. Use High CMR type. The line between opto-coupler and intelligent module
should be shortened as much as possible to minimize the floating capacitance.
Slow switching opto-coupler: recommend to use at CTR = 100 ~ 200%, Input current = 8 ~ 10mA, to work in active.
Use 4 isolated control power supplies (VD). Also, care should be taken to minimize the instantaneous voltage charge of the
power supply.
Make inductance of DC bus line as small as possible, and minimize surge voltage using snubber capacitor between P and N
terminal.
Use line noise filter capacitor (ex. 4.7nF) between each input AC line and ground to reject common-mode noise from AC line
and improve noise immunity of the system.
OUT
Si
GND
GND
In
Vcc
U
V
W
B
N
P
M
¡
IF
+
: Interface which is the same as the U-phase
OUT
Si
GND
GND
In
Vcc
OUT
Si
GND
GND
In
Vcc
OUT
Si
GND
GND
In
Fo
Vcc
OUT
Si
GND
GND
In
Fo
TEMP
Vcc
OUT
Si
GND
GND
In
Fo
Vcc
VWP1
WP
VWPC
Th
UN
VN
VN1
WN
VNC
Rfo
Fo
VVP1
VP
VVPC
≥0.1µ
4.7k
1k
≥0.1µ
≥0.1µ
20k
20k
20k
≥10µ
≥10µ
≥10µ
20k
≥10µ
≥0.1µ
VUP1
UP
VUPC
Br
¡
¡
IF
IF
IF
5V
¡
OUT
Si
GND
GND
In
Fo
Vcc
VD
VD
VD
VD
Fig. 8 Application Example Circuit


Similar Part No. - PM200RSE060

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM200RSE060 MITSUBISHI-PM200RSE060_05 Datasheet
137Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
More results

Similar Description - PM200RSE060

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM300RSE060 MITSUBISHI-PM300RSE060 Datasheet
127Kb / 6P
   General purpose inverter, servo drives and other motor controls
PM150CSE060 MITSUBISHI-PM150CSE060 Datasheet
135Kb / 6P
   General purpose inverter, servo drives and other motor controls
PM100RLA060 MITSUBISHI-PM100RLA060 Datasheet
101Kb / 6P
   General purpose inverter,servo drives and other otor controls
logo
Microchip Technology
LR8 MICROCHIP-LR8 Datasheet
452Kb / 16P
   Motor controls
01/27/15
logo
Infineon Technologies A...
FF225R12ME4P INFINEON-FF225R12ME4P Datasheet
588Kb / 9P
   Motor drives
V3.0 2017-04-04
logo
Fairchild Semiconductor
FDH210N08 FAIRCHILD-FDH210N08 Datasheet
767Kb / 8P
   Motor Drives and Uninterruptible Power Supplies
logo
Vincotech
V23990-K429-A50-P3-14 VINCOTECH-V23990-K429-A50-P3-14 Datasheet
452Kb / 23P
   Industrial Motor Drives
logo
International Rectifier
IRG8CH97K10F IRF-IRG8CH97K10F Datasheet
209Kb / 4P
   Industrial Motor Drives
IRG8CH37K10F IRF-IRG8CH37K10F Datasheet
201Kb / 4P
   Industrial Motor Drives
logo
Vincotech
V23990-K420-A50-P3-14 VINCOTECH-V23990-K420-A50-P3-14 Datasheet
455Kb / 23P
   Industrial Motor Drives
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com