Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM200RSE060 Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # PM200RSE060
Description  General purpose inverter, servo drives and other motor controls
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PM200RSE060 Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  PM200RSE060 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor PM200RSE060 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PM200RSE060 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PM200RSE060 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PM200RSE060 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor PM200RSE060 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MITSUBISHI <INTELLIGENT POWER MODULES>
PM200RSE060
FLAT-BASE TYPE
INSULATED PACKAGE
Sep. 2001
MITSUBISHI <INTELLIGENT POWER MODULES>
PM200RSE060
FLAT-BASE TYPE
INSULATED PACKAGE
PM200RSE060
FEATURE
a) Adopting new 4th generation planar IGBT chip, which per-
formance is improved by 1
µm fine rule process.
For example, typical VCE(sat)=1.7V
b) Using new Diode which is designed to get soft reverse
recovery characteristics.
•3
φ 200A, 600V Current-sense IGBT for 15kHz switching
• 75A, 600V Current-sense regenerative brake IGBT
• Monolithic gate drive & protection logic
• Detection, protection & status indication circuits for over-
current, short-circuit, over-temperature & under-voltage
• Acoustic noise-less 22kW class inverter application
APPLICATION
General purpose inverter, servo drives and other motor controls
PACKAGE OUTLINES
Dimensions in mm
135
24.1
MOUNTING
HOLES
39.7
3.22
10.16
10.16
10.16
2-2.54 2-2.54
3.22
2-2.54
2-2.54
6-2.54
67.4
74.4
±1
12 3
4 5 6
7 8 9
10
11
12
13
14
15
16
120.5
LABEL
4-
φ5.5
φ2.54
2-
φ2.54
16-
0.64
±0.5
51.5
A
26
10.5
26
4-R6
6-M5 NUTS
0.5 ±0.3
U
VW
0.64
A : DETAIL
1. VUPC
2. UP
3. VUP1
4. VVPC
5. VP
6. VVP1
7. VWPC
8. WP
9. VWP1
10. VNC
11. VN1
12. Br
13. UN
14. VN
15. WN
16. FO
Terminal code
Screwing depth
Min9.0


Similar Part No. - PM200RSE060

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM200RSE060 MITSUBISHI-PM200RSE060_05 Datasheet
137Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
More results

Similar Description - PM200RSE060

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM300RSE060 MITSUBISHI-PM300RSE060 Datasheet
127Kb / 6P
   General purpose inverter, servo drives and other motor controls
PM150CSE060 MITSUBISHI-PM150CSE060 Datasheet
135Kb / 6P
   General purpose inverter, servo drives and other motor controls
PM100RLA060 MITSUBISHI-PM100RLA060 Datasheet
101Kb / 6P
   General purpose inverter,servo drives and other otor controls
logo
Microchip Technology
LR8 MICROCHIP-LR8 Datasheet
452Kb / 16P
   Motor controls
01/27/15
logo
Infineon Technologies A...
FF225R12ME4P INFINEON-FF225R12ME4P Datasheet
588Kb / 9P
   Motor drives
V3.0 2017-04-04
logo
Fairchild Semiconductor
FDH210N08 FAIRCHILD-FDH210N08 Datasheet
767Kb / 8P
   Motor Drives and Uninterruptible Power Supplies
logo
Vincotech
V23990-K429-A50-P3-14 VINCOTECH-V23990-K429-A50-P3-14 Datasheet
452Kb / 23P
   Industrial Motor Drives
logo
International Rectifier
IRG8CH97K10F IRF-IRG8CH97K10F Datasheet
209Kb / 4P
   Industrial Motor Drives
IRG8CH37K10F IRF-IRG8CH37K10F Datasheet
201Kb / 4P
   Industrial Motor Drives
logo
Vincotech
V23990-K420-A50-P3-14 VINCOTECH-V23990-K420-A50-P3-14 Datasheet
455Kb / 23P
   Industrial Motor Drives
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com