Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM5162S Datasheet(PDF) 6 Page - SamHop Microelectronics Corp.

Part # SM5162S
Description  RF remote control encoder paired with SM5172.
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SM5162S Datasheet(HTML) 6 Page - SamHop Microelectronics Corp.

Back Button SM5162S Datasheet HTML 2Page - SamHop Microelectronics Corp. SM5162S Datasheet HTML 3Page - SamHop Microelectronics Corp. SM5162S Datasheet HTML 4Page - SamHop Microelectronics Corp. SM5162S Datasheet HTML 5Page - SamHop Microelectronics Corp. SM5162S Datasheet HTML 6Page - SamHop Microelectronics Corp. SM5162S Datasheet HTML 7Page - SamHop Microelectronics Corp. SM5162S Datasheet HTML 8Page - SamHop Microelectronics Corp. SM5162S Datasheet HTML 9Page - SamHop Microelectronics Corp. SM5162S Datasheet HTML 10Page - SamHop Microelectronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Page 6
OCT. 2001
Single Resistor Oscillator
SM5162's oscillator be constructed by connecting a resistor between OSC1 and OSC2 pin.
SM5172's OSC frequency must be 1.8 to 5.8 times more than SM5162.
300
0
36
9
12
15 VOLTAGE
R = 100 K
R = 300 K
R = 620 K
R = 680 K
R = 820 K
R = 1.0 M
200
100
50
110
250
R = 510K
R = 1.2 M
R = 2.7 M
R = 3.0 M
R = 3.3 M
R = 4.3 M
Encoder OSC Frequency
Dncoder OSC Frequency
Suggested oscillator resistor of SM5162/ SM5172:
SM5162
SM5172
4.7M OHM
820K OHM
3.0M OHM
620K OHM
2.2M OHM
300K OHM
1.2M OHM
180K OHM
KHz
100
KHz
0
36
9
12
15 VOLTAGE
90
80
70
60
50
40
30
20
10
SM5162
312 RF ENCODER
SAMHOP Microelectronics Corp.
三合微科股份有限公司


Similar Part No. - SM5162S

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SM51625EL BOURNS-SM51625EL Datasheet
252Kb / 2P
   LAN 10/100/1000 Base-T (PoE) Transformer
More results

Similar Description - SM5162S

ManufacturerPart #DatasheetDescription
logo
Silvan Chip Electronics...
SC2260R4 SILVAN-SC2260R4 Datasheet
109Kb / 2P
   remote control encoder paired
SC2262 SILVAN-SC2262 Datasheet
228Kb / 3P
   remote control encoder paired
logo
SamHop Microelectronics...
SM5212E SAMHOP-SM5212E Datasheet
45Kb / 8P
   SM5212E is a RF remote control encoder paired with SM5212D
logo
Silan Microelectronics ...
SC5272 SILAN-SC5272 Datasheet
795Kb / 12P
   REMOTE CONTROL DECODER PAIRED
SC5262 SILAN-SC5262 Datasheet
168Kb / 10P
   REMOTE CONTROL ENCODER
logo
Princeton Technology Co...
PT2260 PTC-PT2260 Datasheet
118Kb / 2P
   REMOTE CONTROL ENCODER?
PT2261A PTC-PT2261A Datasheet
149Kb / 5P
   Remote Control Encoder?
PT2262 PTC-PT2262 Datasheet
355Kb / 7P
   Remote Control Encoder
PT2265 PTC-PT2265 Datasheet
163Kb / 3P
   Remote Control Encoder?
logo
Holtek Semiconductor In...
HT6026 HOLTEK-HT6026 Datasheet
361Kb / 7P
   Remote Control Encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com