Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AUCH32374ZKER Datasheet(PDF) 6 Page - Texas Instruments

Part # SN74AUCH32374ZKER
Description  32-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AUCH32374ZKER Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74AUCH32374ZKER Datasheet HTML 2Page - Texas Instruments SN74AUCH32374ZKER Datasheet HTML 3Page - Texas Instruments SN74AUCH32374ZKER Datasheet HTML 4Page - Texas Instruments SN74AUCH32374ZKER Datasheet HTML 5Page - Texas Instruments SN74AUCH32374ZKER Datasheet HTML 6Page - Texas Instruments SN74AUCH32374ZKER Datasheet HTML 7Page - Texas Instruments SN74AUCH32374ZKER Datasheet HTML 8Page - Texas Instruments SN74AUCH32374ZKER Datasheet HTML 9Page - Texas Instruments SN74AUCH32374ZKER Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
SN74AUCH32374
32-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP
WITH 3-STATE OUTPUTS
SCES476 – AUGUST 2003
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
timing requirements over recommended operating free-air temperature range (unless otherwise
noted) (see Figure 1)
VCC = 0.8 V
VCC = 1.2 V
± 0.1 V
VCC = 1.5 V
± 0.1 V
VCC = 1.8 V
± 0.15 V
VCC = 2.5 V
± 0.2 V
UNIT
TYP
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
fclock
Clock frequency
85
250
250
250
250
MHz
tw
Pulse duration, CLK high or low
5.9
1.9
1.9
1.9
1.9
ns
tsu
Setup time, data before CLK
1.4
1.2
0.7
0.6
0.6
ns
th
Hold time, data after CLK
0.1
0.4
0.4
0.4
0.4
ns
switching characteristics over recommended operating free-air temperature range (unless
otherwise noted) (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 0.8 V
VCC = 1.2 V
± 0.1 V
VCC = 1.5 V
± 0.1 V
VCC = 1.8 V
± 0.15 V
VCC = 2.5 V
± 0.2 V
UNIT
PARAMETER
(INPUT)
(OUTPUT)
TYP
MIN
MAX
MIN
MAX
MIN
TYP
MAX
MIN
MAX
UNIT
fmax
85
250
250
250
250
MHz
tpd
CLK
Q
7.3
1
4.5
0.8
2.9
0.7
1.5
2.8
0.7
2.2
ns
ten
OE
Q
7
1.2
5.3
0.8
3.6
0.8
1.5
2.9
0.7
2.2
ns
tdis
OE
Q
8.2
2
7.1
1
4.8
1.4
2.7
4.5
0.5
2.2
ns
operating characteristics, TA = 25°C
PARAMETER
TEST
VCC = 0.8 V VCC = 1.2 V VCC = 1.5 V VCC = 1.8 V VCC = 2.5 V
UNIT
PARAMETER
TEST
CONDITIONS
TYP
TYP
TYP
TYP
TYP
UNIT
Cpd‡
(each
output)
Power
dissipation
capacitance
Outputs
enabled,
1 output
switching
1 fdata = 5 MHz
1 fclk = 10 MHz
1 fout = 5 MHz
OE = GND
CL = 0 pF
24
24
24.1
26.2
31.2
pF
Cpd
(Z)
Power
dissipation
capacitance
Outputs
disabled,
1 clock
and 1
data
switching
1 fdata = 5 MHz
1 fclk = 10 MHz
fout = not
switching
OE = VCC
CL = 0 pF
7.5
7.5
8
9.4
13.2
pF
Cpd§
(each
clock)
Power
dissipation
capacitance
Outputs
disabled,
clock
only
switching
1 fdata = 0 MHz
1 fclk = 10 MHz
fout = not
switching
OE = VCC
CL = 0 pF
13.8
13.8
14
14.7
17.5
pF
† Total device Cpd for multiple (n) outputs switching and (y) clocks inputs switching = {n * Cpd (each output)} + {y * Cpd (each clock)}.
‡ Cpd (each output) is the Cpd for each data bit (input and output circuitry) as it operates at 5 MHz (Note: the clock is operating at 10 MHz in this
test, but its ICC component has been subtracted out).
§ Cpd (each clock) is the Cpd for the clock circuitry only as it operates at 10 MHz.


Similar Part No. - SN74AUCH32374ZKER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUCH32244 TI-SN74AUCH32244 Datasheet
252Kb / 12P
[Old version datasheet]   32-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AUCH32244GKER TI-SN74AUCH32244GKER Datasheet
252Kb / 12P
[Old version datasheet]   32-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AUCH32244ZKER TI-SN74AUCH32244ZKER Datasheet
252Kb / 12P
[Old version datasheet]   32-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results

Similar Description - SN74AUCH32374ZKER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVCH32374A TI-SN74LVCH32374A Datasheet
131Kb / 9P
[Old version datasheet]   32-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74AUC32374 TI1-SN74AUC32374 Datasheet
412Kb / 13P
[Old version datasheet]   32-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74ALVCH32374 TI-SN74ALVCH32374 Datasheet
131Kb / 9P
[Old version datasheet]   32-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74ALVCH32374 TI1-SN74ALVCH32374_13 Datasheet
791Kb / 12P
[Old version datasheet]   32-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVC32374A TI1-SN74LVC32374A Datasheet
413Kb / 13P
[Old version datasheet]   32-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVTH32237 TI-SN74LVTH32237 Datasheet
266Kb / 9P
[Old version datasheet]   3.3V ABT 32 BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3 STATE OUTPUTS
SN74ALVCH162374 TI-SN74ALVCH162374_04 Datasheet
318Kb / 13P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVC16374 TI-SN74LVC16374 Datasheet
97Kb / 6P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74AVC16374 TI-SN74AVC16374_06 Datasheet
369Kb / 18P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVCH16374A TI1-SN74LVCH16374A_14 Datasheet
918Kb / 24P
[Old version datasheet]   16-Bit Edge-Triggered D-Type Flip-Flop With 3-State Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com