Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC74LCX16244FT Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TC74LCX16244FT
Description  Low-Voltage 16-Bit Bus Buffer with 5-V Tolerant Inputs and Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74LCX16244FT Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TC74LCX16244FT Datasheet HTML 1Page - Toshiba Semiconductor TC74LCX16244FT Datasheet HTML 2Page - Toshiba Semiconductor TC74LCX16244FT Datasheet HTML 3Page - Toshiba Semiconductor TC74LCX16244FT Datasheet HTML 4Page - Toshiba Semiconductor TC74LCX16244FT Datasheet HTML 5Page - Toshiba Semiconductor TC74LCX16244FT Datasheet HTML 6Page - Toshiba Semiconductor TC74LCX16244FT Datasheet HTML 7Page - Toshiba Semiconductor TC74LCX16244FT Datasheet HTML 8Page - Toshiba Semiconductor TC74LCX16244FT Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TC74LCX16244FT
2002-10-1
3
Truth Table
System Diagram
Inputs
Outputs
OE
1
1A1-1A4
1Y1-1Y4
L
L
L
L
H
H
H
X
Z
Inputs
Outputs
OE
2
2A1-2A4
2Y1-2Y4
L
L
L
L
H
H
H
X
Z
Inputs
Outputs
OE
3
3A1-3A4
3Y1-3Y4
L
L
L
L
H
H
H
X
Z
Inputs
Outputs
OE
4
4A1-4A4
4Y1-4Y4
L
L
L
L
H
H
H
X
Z
X: Don’t care
Z: High impedance
OE
1
2A1-2A4
3A1-3A4
4A1-4A4
1/4
OE
2
OE
3
OE
4
1A1-1A4
1Y1-1Y4
2Y1-2Y4
3Y1-3Y4
4Y1-4Y4


Similar Part No. - TC74LCX16244FT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74LCX16244FT TOSHIBA-TC74LCX16244FT Datasheet
184Kb / 9P
   Low-Voltage 16-Bit Bus Buffer with 5-V Tolerant Inputs and Outputs
TC74LCX16244FT TOSHIBA-TC74LCX16244FT_07 Datasheet
184Kb / 9P
   Low-Voltage 16-Bit Bus Buffer with 5-V Tolerant Inputs and Outputs
More results

Similar Description - TC74LCX16244FT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74LCX16244FT TOSHIBA-TC74LCX16244FT_07 Datasheet
184Kb / 9P
   Low-Voltage 16-Bit Bus Buffer with 5-V Tolerant Inputs and Outputs
TC74LCX16240FT TOSHIBA-TC74LCX16240FT_07 Datasheet
187Kb / 9P
   Low-Voltage 16-Bit Bus Buffer (inverted) with 5-V Tolerant Inputs and Outputs
TC74LCX16240FT TOSHIBA-TC74LCX16240FT Datasheet
149Kb / 9P
   Low-Voltage 16-Bit Bus Buffer (inverted) with 5-V Tolerant Inputs and Outputs
TC74VCX16244FT TOSHIBA-TC74VCX16244FT_07 Datasheet
205Kb / 10P
   Low-Voltage 16-Bit Bus Buffer with 3.6-V Tolerant Inputs and Outputs
TC74VCX162244FT TOSHIBA-TC74VCX162244FT_07 Datasheet
211Kb / 10P
   Low-Voltage 16-Bit Bus Buffer with 3.6-V Tolerant Inputs and Outputs
TC74LCX16245FT TOSHIBA-TC74LCX16245FT Datasheet
187Kb / 9P
   Low-Voltage 16-Bit Bus Transceiver with 5-V Tolerant Inputs and Outputs
TC74LCX16244AFT TOSHIBA-TC74LCX16244AFT Datasheet
252Kb / 7P
   LOW-VOLTAGE 16-BIT BUS BUFFER WITH 5V TOLERANT INPUTS AND OUTPUTS
TC74VCX16244FT TOSHIBA-TC74VCX16244FT Datasheet
333Kb / 9P
   LOW VOLTAGE 16-BIT BUS BUFFER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
TC74VCX162244FT TOSHIBA-TC74VCX162244FT Datasheet
335Kb / 9P
   LOW VOLTAGE 16-BIT BUS BUFFER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
TC74LCX126F TOSHIBA-TC74LCX126F_10 Datasheet
233Kb / 11P
   Low-Voltage Quad Bus Buffer with 5-V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com