Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS3125 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # THS3125
Description  LOW-NOISE, HIGH-SPEED, 450 mA CURRENT FEEDBACK AMPLIFIERS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS3125 Datasheet(HTML) 6 Page - Texas Instruments

Back Button THS3125 Datasheet HTML 2Page - Texas Instruments THS3125 Datasheet HTML 3Page - Texas Instruments THS3125 Datasheet HTML 4Page - Texas Instruments THS3125 Datasheet HTML 5Page - Texas Instruments THS3125 Datasheet HTML 6Page - Texas Instruments THS3125 Datasheet HTML 7Page - Texas Instruments THS3125 Datasheet HTML 8Page - Texas Instruments THS3125 Datasheet HTML 9Page - Texas Instruments THS3125 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
THS3122
THS3125
SLOS382 − SEPTEMBER 2001
6
www.ti.com
TYPICAL CHARACTERISTICS
Figure 1
−30
−27
−24
−21
−18
−15
−12
−9
−6
−3
0
3
6
0.1
1
10
100
1000
RF = 500 Ω
RF = 680 Ω
RF = 330 Ω
G = −1,
VCC = ±5 V,
RL = 50 Ω
f − Frequency − MHz
SMALL SIGNAL CLOSED LOOP GAIN
vs
FREQUENCY
Figure 2
−30
−27
−24
−21
−18
−15
−12
−9
−6
−3
0
3
0.1
1
10
100
1000
RF = 500 Ω
RF = 680 Ω
G = −1,
VCC = ±15 V,
RL = 50 Ω
f − Frequency − MHz
SMALL SIGNAL CLOSED LOOP GAIN
vs
FREQUENCY
RF = 330 Ω
Figure 3
−6
−5
−4
−3
−2
−1
0
1
2
0.1
1
10
100
1000
RF = 560 Ω
RF = 750 Ω
RF = 470 Ω
G = 1,
VCC = ±5 V,
RL = 50 Ω
f − Frequency − MHz
SMALL SIGNAL CLOSED LOOP GAIN
vs
FREQUENCY
Figure 4
−12
−9
−6
−3
0
3
0.1
1
10
100
1000
RF = 560 Ω
RF = 470 Ω
G = 1,
VCC = ±15 V,
RL = 50 Ω
f − Frequency − MHz
SMALL SIGNAL CLOSED LOOP GAIN
vs
FREQUENCY
RF = 750 Ω
Figure 5
−6
−3
0
3
6
9
0.1
1
10
100
1000
RF = 470 Ω
RF = 500 Ω
RF = 430 Ω
G = 2,
VCC = ±5 V,
RL = 50 Ω
f − Frequency − MHz
SMALL SIGNAL CLOSED LOOP GAIN
vs
FREQUENCY
Figure 6
−6
−3
0
3
6
9
0.1
1
10
100
1000
RF = 470 Ω
RF = 500 Ω
RF = 430 Ω
G = 2,
VCC = ±15 V,
RL = 50 Ω
f − Frequency − MHz
SMALL SIGNAL CLOSED LOOP GAIN
vs
FREQUENCY
Figure 7
−18
−15
−12
−9
−6
−3
0
3
6
9
12
15
0.1
1
10
100
1000
RF = 270 Ω
RF = 390 Ω
RF = 200 Ω
G = 4,
VCC = ±5 V,
RL = 50 Ω
f − Frequency − MHz
SMALL SIGNAL CLOSED LOOP GAIN
vs
FREQUENCY
Figure 8
−18
−15
−12
−9
−6
−3
0
3
6
9
12
15
0.1
1
10
100
1000
RF = 270 Ω
RF = 390 Ω
RF = 200 Ω
G = 4,
VCC = ±15 V,
RL = 50 Ω
f − Frequency − MHz
SMALL SIGNAL CLOSED LOOP GAIN
vs
FREQUENCY
Figure 9
−12
−9
−6
−3
0
3
6
9
12
15
0.1
1
10
100
1000
RF = 470 Ω
RF = 560 Ω
RF = 200 Ω
VCC = ±5 V,
RL = 50 Ω
f − Frequency − MHz
SMALL SIGNAL CLOSED LOOP GAIN
vs
FREQUENCY


Similar Part No. - THS3125

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3125CPWP TI1-THS3125CPWP Datasheet
1Mb / 43P
[Old version datasheet]   Low-Noise, High-Speed, 450-mA Current Feedback Amplifiers
THS3125ID TI1-THS3125ID Datasheet
1Mb / 43P
[Old version datasheet]   Low-Noise, High-Speed, 450-mA Current Feedback Amplifiers
THS3125IPWP TI1-THS3125IPWP Datasheet
1Mb / 43P
[Old version datasheet]   Low-Noise, High-Speed, 450-mA Current Feedback Amplifiers
THS3125IPWPR TI1-THS3125IPWPR Datasheet
1Mb / 43P
[Old version datasheet]   Low-Noise, High-Speed, 450-mA Current Feedback Amplifiers
More results

Similar Description - THS3125

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3122 TI1-THS3122 Datasheet
1Mb / 43P
[Old version datasheet]   Low-Noise, High-Speed, 450-mA Current Feedback Amplifiers
THS3115CPWP TI1-THS3115CPWP Datasheet
1Mb / 35P
[Old version datasheet]   LOW-NOISE, HIGH-SPEED, CURRENT FEEDBACK AMPLIFIERS
logo
Burr-Brown (TI)
THS3112 BURR-BROWN-THS3112 Datasheet
371Kb / 14P
   LOW-NOISE, HIGH-SPEED CURRENT FEEDBACK AMPLIFIERS
logo
Texas Instruments
THS3110IDGN TI-THS3110IDGN Datasheet
1Mb / 37P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3110 TI-THS3110 Datasheet
934Kb / 28P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK, OPERATIONAL AMPLIFIERS
THS3110 TI1-THS3110_14 Datasheet
1Mb / 38P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3120 TI-THS3120 Datasheet
916Kb / 28P
[Old version datasheet]   LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK, OPERATIONAL AMPLIFIERS
THS3120 TI1-THS3120_14 Datasheet
1Mb / 36P
[Old version datasheet]   LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3120 TI1-THS3120_16 Datasheet
1Mb / 35P
[Old version datasheet]   LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3001 TI-THS3001 Datasheet
633Kb / 32P
[Old version datasheet]   420-MHz HIGH-SPEED CURRENT-FEEDBACK AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com