Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS470R1A64 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TMS470R1A64
Description  16/32-Bit RISC Flash Microcontroller
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS470R1A64 Datasheet(HTML) 3 Page - Texas Instruments

  TMS470R1A64 Datasheet HTML 1Page - Texas Instruments TMS470R1A64 Datasheet HTML 2Page - Texas Instruments TMS470R1A64 Datasheet HTML 3Page - Texas Instruments TMS470R1A64 Datasheet HTML 4Page - Texas Instruments TMS470R1A64 Datasheet HTML 5Page - Texas Instruments TMS470R1A64 Datasheet HTML 6Page - Texas Instruments TMS470R1A64 Datasheet HTML 7Page - Texas Instruments TMS470R1A64 Datasheet HTML 8Page - Texas Instruments TMS470R1A64 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
www.ti.com
TMS470R1A64
16/32-Bit RISC Flash Microcontroller
SPNS099 – NOVEMBER 2004
Zero-pin phase-locked loop (ZPLL) clock module
Analog watchdog (AWD) timer
Real-time interrupt ( RTI) module
Two serial peripheral interface (SPI) modules
Two serial communication interface (SCI) modules
Standard CAN controller (SCC)
Class II serial interface (C2SIa)
10-bit multi-buffered analog-to-digital converter (MibADC), 8-input channels
High-end timer (HET) controlling 13 I/Os
External Clock Prescale (ECP)
Up to 39 I/O pins and 1 input-only pin
The functions performed by the 470+ system module (SYS) include:
Address decoding
Memory protection
Memory and peripherals bus supervision
Reset and abort exception management
Prioritization for all internal interrupt sources
Device clock control
Parallel signature analysis (PSA)
This data sheet includes device-specific information such as memory and peripheral select assignment, interrupt
priority, and a device memory map. For a more detailed functional description of the SYS module, see the
TMS470R1x System Module Reference Guide (literature number SPNU189).
The A64 memory includes general-purpose SRAM supporting single-cycle read/write accesses in byte, half-word,
and word modes.
The Flash memory on the A64 device is a nonvolatile, electrically erasable and programmable memory
implemented with a 32-bit-wide data bus interface.The Flash operates with a system clock frequency of up to 24
MHz. In pipeline mode, the Flash operates with a system clock frequency of up to 48 MHz. For more detailed
information on the Flash, see the F05 Flash section of this data sheet and the TMS470R1x F05 Flash Reference
Guide (literature number SPNU213).
The A64 device has six communication interfaces: two SPIs, two SCIs, an SCC, and a C2SIa. The SPI provides
a convenient method of serial interaction for high-speed communications between similar shift-register type
devices. The SCI is a full-duplex, serial I/O interface intended for asynchronous communication between the
CPU and other peripherals using the standard non-return-to-zero (NRZ) format. The SCC uses a serial,
multimaster communication protocol that efficiently supports distributed real-time control with robust communi-
cation rates of up to 1 megabit per second (Mbps). The SCC is ideal for applications operating in noisy and
harsh environments (e.g., industrial fields) that require reliable serial communication or multiplexed wiring. The
C2SIa allows the A64 to transmit and receive messages on a class II network following an SAE J1850 (2)
standard.
For more detailed functional information on the SPI, SCI, and SCC peripherals, see the specific TMS470R1x
Peripheral Reference Guides (literature numbers SPNU195, SPNU196, and SPNU197, respectively). For more
detailed functional information on the C2SIa peripheral, see the TMS470R1x Class II Serial Interface A (C2SIa)
Reference Guide (literature number SPNU218).
The HET is an advanced intelligent timer that provides sophisticated timing functions for real-time applications.
The timer is software-controlled, using a reduced instruction set, with a specialized timer micromachine and an
attached I/O port. The HET can be used for compare, capture, or general-purpose I/O. It is especially well suited
for applications requiring multiple sensor information and drive actuators with complex and accurate time pulses.
For more detailed functional information on the HET, see the TMS470R1x High-End Timer (HET) Reference
Guide (literature number SPNU199).
(2)
SAE Standard J1850 Class B Data Communication Network Interface.
3


Similar Part No. - TMS470R1A64

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS470R1A64 TI-TMS470R1A64 Datasheet
374Kb / 46P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1A64PNT TI-TMS470R1A64PNT Datasheet
374Kb / 46P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1A64PNTR TI-TMS470R1A64PNTR Datasheet
374Kb / 46P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
More results

Similar Description - TMS470R1A64

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS470PLF111 TI-TMS470PLF111 Datasheet
843Kb / 63P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
TMS470R1B768 TI-TMS470R1B768_08 Datasheet
533Kb / 49P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
RM46L852 TI-RM46L852 Datasheet
2Mb / 172P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1B1M TI1-TMS470R1B1M_12 Datasheet
547Kb / 60P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1A64PNTR TI-TMS470R1A64PNTR Datasheet
374Kb / 46P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1VF67A TI1-TMS470R1VF67A_V01 Datasheet
970Kb / 70P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
TMS470R1B1M TI-TMS470R1B1M Datasheet
516Kb / 57P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1A256 TI1-TMS470R1A256_09 Datasheet
490Kb / 48P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS570LS20216 TI1-TMS570LS20216_15 Datasheet
1Mb / 106P
[Old version datasheet]   16/32-BIT RISC Flash Microcontroller
TMS470R1B768 TI-TMS470R1B768_07 Datasheet
482Kb / 50P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1B512 TI-TMS470R1B512 Datasheet
432Kb / 46P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com