Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS3122IDR Datasheet(PDF) 5 Page - Texas Instruments

Part # THS3122IDR
Description  LOW-NOISE, HIGH-SPEED, 450 mA CURRENT FEEDBACK AMPLIFIERS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS3122IDR Datasheet(HTML) 5 Page - Texas Instruments

  THS3122IDR Datasheet HTML 1Page - Texas Instruments THS3122IDR Datasheet HTML 2Page - Texas Instruments THS3122IDR Datasheet HTML 3Page - Texas Instruments THS3122IDR Datasheet HTML 4Page - Texas Instruments THS3122IDR Datasheet HTML 5Page - Texas Instruments THS3122IDR Datasheet HTML 6Page - Texas Instruments THS3122IDR Datasheet HTML 7Page - Texas Instruments THS3122IDR Datasheet HTML 8Page - Texas Instruments THS3122IDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
THS3122
THS3125
SLOS382 − SEPTEMBER 2001
5
www.ti.com
electrical characteristics over recommended operating free-air temperature range, TA = 25°C,
VCC = ±15 V, RF = 750 Ω, RL = 100 Ω (unless otherwise noted) (continued)
power supply
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC = ±5V
TA = 25°C
7.2
9
ICC
Quiescent current (per channel)
VCC = ±5V
TA = full range
10
mA
ICC
Quiescent current (per channel)
VCC = ±15 V
TA = 25°C
8.4
10.5
mA
VCC = ±15 V
TA = full range
11.5
VCC = ±5 V ±1 V
TA = 25°C
53
60
PSRR
Power supply rejection ratio
VCC = ±5 V ±1 V
TA = full range
50
dB
PSRR
Power supply rejection ratio
VCC = ±15 V ±1 V
TA = 25°C
68
73
dB
VCC = ±15 V ±1 V
TA = full range
66
shutdown characteristics (THS3125 only)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ICC(SHDN) Shutdown quiescent current (per channel)
V(SHDN) = 3.3 V
370
500
µA
tDIS
Disable time (see Note 3)
GND = 0 V
200
ns
tEN
Enable time (see Note 3)
GND = 0 V
VCC = ±5 V to ±15 V
500
ns
IIL(SHDN)
Shutdown pin low level leakage current
VCC = ±5 V to ±15 V
V(SHDN) = 0 V
18
25
µA
IIH(SHDN)
Shutdown pin high level leakage current
V(SHDN) = 3.3 V
110
130
µA
NOTE 3: Disable/enable time is defined as the time from when the shutdown signal is applied to the SHDN pin to when the supply current has
reached half of its final value.
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
Small signal closed loop gain
vs Frequency
1 − 10
Small and large signal output
vs Frequency
11, 12
Harmonic distortion
vs Frequency
13, 14, 15
Harmonic distortion
vs Peak−to−peak output voltage
16, 17
Vn, In
Voltage noise and current noise
vs Frequency
18
CMRR
Common-mode rejection ratio
vs Frequency
19
Crosstalk
vs Frequency
20
Zo
Output impedance
vs Frequency
21
SR
Slew rate
vs Output voltage step
22
VIO
Input offset voltage
vs Free-air temperature
23
VIO
Input offset voltage
vs Common-mode input voltage
24
IB
Input bias current
vs Free-air temperature
25
VO
Output voltage
vs Load current
26
Quiescent current
vs Free-air temperature
27
Quiescent current
vs Supply voltage
28
ICC
Shutdown supply current
vs Free-air temperature
29
Differential gain and phase error
vs 75
Ω serially terminated loads
30, 31
Shutdown response
32
Small signal pulse response
33, 34
Large signal pulse response
35, 36


Similar Part No. - THS3122IDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3122ID TI1-THS3122ID Datasheet
1Mb / 43P
[Old version datasheet]   Low-Noise, High-Speed, 450-mA Current Feedback Amplifiers
THS3122IDDA TI1-THS3122IDDA Datasheet
1Mb / 43P
[Old version datasheet]   Low-Noise, High-Speed, 450-mA Current Feedback Amplifiers
More results

Similar Description - THS3122IDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3122 TI1-THS3122 Datasheet
1Mb / 43P
[Old version datasheet]   Low-Noise, High-Speed, 450-mA Current Feedback Amplifiers
THS3115CPWP TI1-THS3115CPWP Datasheet
1Mb / 35P
[Old version datasheet]   LOW-NOISE, HIGH-SPEED, CURRENT FEEDBACK AMPLIFIERS
logo
Burr-Brown (TI)
THS3112 BURR-BROWN-THS3112 Datasheet
371Kb / 14P
   LOW-NOISE, HIGH-SPEED CURRENT FEEDBACK AMPLIFIERS
logo
Texas Instruments
THS3110IDGN TI-THS3110IDGN Datasheet
1Mb / 37P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3110 TI-THS3110 Datasheet
934Kb / 28P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK, OPERATIONAL AMPLIFIERS
THS3110 TI1-THS3110_14 Datasheet
1Mb / 38P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3120 TI-THS3120 Datasheet
916Kb / 28P
[Old version datasheet]   LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK, OPERATIONAL AMPLIFIERS
THS3120 TI1-THS3120_14 Datasheet
1Mb / 36P
[Old version datasheet]   LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3120 TI1-THS3120_16 Datasheet
1Mb / 35P
[Old version datasheet]   LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3001 TI-THS3001 Datasheet
633Kb / 32P
[Old version datasheet]   420-MHz HIGH-SPEED CURRENT-FEEDBACK AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com