Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS4994IQT Datasheet(PDF) 10 Page - STMicroelectronics

Part # TS4994IQT
Description  1W Differential Input/Output Audio Power Amplifier with Selectable Standby
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4994IQT Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TS4994IQT Datasheet HTML 6Page - STMicroelectronics TS4994IQT Datasheet HTML 7Page - STMicroelectronics TS4994IQT Datasheet HTML 8Page - STMicroelectronics TS4994IQT Datasheet HTML 9Page - STMicroelectronics TS4994IQT Datasheet HTML 10Page - STMicroelectronics TS4994IQT Datasheet HTML 11Page - STMicroelectronics TS4994IQT Datasheet HTML 12Page - STMicroelectronics TS4994IQT Datasheet HTML 13Page - STMicroelectronics TS4994IQT Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
TS4994
Electrical Characteristics
10/31
Figure 21. Close loop gain vs. frequency
Figure 22. PSRR vs. frequency
Figure 23. PSRR vs. frequency
Figure 24. PSRR vs. frequency
Figure 25. PSRR vs. frequency
Figure 26. PSRR vs. frequency
0.1
1
10
100
1000
10000
-40
-30
-20
-10
0
10
-200
-160
-120
-80
-40
0
Gain
Phase
Frequency (kHz)
Vcc = 2.6V
Av = 1
ZL = 8
Ω + 500pF
Tamb = 25
°C
100
1000
10000
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
Cb=0.1
µF
Cb=1
µF
Cb=0
20k
20
Cb=0.47
µF
Vcc = 5V
Vripple = 200mVpp
Inputs = Grounded
Av = 1, Cin = 4.7
µF
RL
≥ 8Ω
Tamb = 25
°C
Frequency (Hz)
100
1000
10000
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
Cb=0.1
µF
Cb=1
µF
Cb=0
20k
20
Cb=0.47
µF
Vcc = 3.3V
Vripple = 200mVpp
Inputs = Grounded
Av = 1, Cin = 4.7
µF
RL
≥ 8Ω
Tamb = 25
°C
Frequency (Hz)
100
1000
10000
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
Cb=0.1
µF
Cb=1
µF
Cb=0
20k
20
Cb=0.47
µF
Vcc = 2.6V
Vripple = 200mVpp
Inputs = Grounded
Av = 1, Cin = 4.7
µF
RL
≥ 8Ω
Tamb = 25
°C
Frequency (Hz)
100
1000
10000
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
Cb=0.1
µF
Cb=1
µF
Cb=0
20k
20
Cb=0.47
µF
Vcc = 5V
Vripple = 200mVpp
Inputs = Grounded
Av = 2.5, Cin = 4.7
µF
RL
≥ 8Ω
Tamb = 25
°C
Frequency (Hz)
100
1000
10000
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
Cb=0.1
µF
Cb=1
µF
Cb=0
20k
20
Cb=0.47
µF
Vcc = 3.3V
Vripple = 200mVpp
Inputs = Grounded
Av = 2.5, Cin = 4.7
µF
RL
≥ 8Ω
Tamb = 25
°C
Frequency (Hz)


Similar Part No. - TS4994IQT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS4994IQT TI-TS4994IQT Datasheet
485Kb / 35P
[Old version datasheet]   1W differential input/output audio power amplifier with selectable standby
More results

Similar Description - TS4994IQT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS4994 TI-TS4994_06 Datasheet
485Kb / 35P
[Old version datasheet]   1W differential input/output audio power amplifier with selectable standby
logo
STMicroelectronics
TS4994FC STMICROELECTRONICS-TS4994FC Datasheet
673Kb / 35P
   1.2 W differential input/output audio power amplifier with selectable standby
TS4872 STMICROELECTRONICS-TS4872_05 Datasheet
1,018Kb / 29P
   RAIL TO RAIL INPUT/OUTPUT 1W AUDIO POWER AMPLIFIER WITH STANDBY MODE
TS4872 STMICROELECTRONICS-TS4872 Datasheet
960Kb / 29P
   RAIL TO RAIL INPUT/OUTPUT 1W AUDIO POWER AMPLIFIER WITH STANDBY MODE
TS4871 STMICROELECTRONICS-TS4871 Datasheet
1Mb / 28P
   OUTPUT RAIL TO RAIL 1W AUDIO POWER AMPLIFIER WITH STANDBY MODE
TS4990 STMICROELECTRONICS-TS4990 Datasheet
143Kb / 6P
   1W AUDIO POWER AMPLIFIER WITH ACTIVE LOW STANDBY MODE
TS4890 STMICROELECTRONICS-TS4890 Datasheet
833Kb / 32P
   RAIL TO RAIL OUTPUT 1W AUDIO POWER AMPLIFIER WITH STANDBY MODE ACTIVE LOW
logo
National Semiconductor ...
LM4874 NSC-LM4874 Datasheet
869Kb / 21P
   2.1W Differential Input, BTL Output Stereo Audio Amplifier with Selectable Gain and Shutdown
LM4869 NSC-LM4869 Datasheet
832Kb / 20P
   1.9W Differential Input, BTL Output Stereo Audio Amplifier with Selectable Gain and Shutdown
logo
STMicroelectronics
TS4995 STMICROELECTRONICS-TS4995 Datasheet
442Kb / 26P
   1.2 W fully differential audio power amplifier with selectable standby and 6 dB fixed gain
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com