Electronic Components Datasheet Search |
|
TSH330I Datasheet(PDF) 7 Page - STMicroelectronics |
|
TSH330I Datasheet(HTML) 7 Page - STMicroelectronics |
7 / 19 page Electrical Characteristics TSH330 7/19 Figure 13. Output amplitude vs. frequency Figure 14. Distortion vs. amplitude Figure 15. Distortion vs. amplitude 1M 10M 100M 1G 0 1 2 3 4 5 Gain=+2 Vcc=5V Load=100 Ω Frequency (Hz) 0 1 234 -100 -95 -90 -85 -80 -75 -70 -65 -60 -55 -50 -45 -40 -35 -30 -25 -20 HD3 HD2 Gain=+2 Vcc=5V F=10MHz Load=100 Ω Output Amplitude (Vp-p) 012 34 -100 -95 -90 -85 -80 -75 -70 -65 -60 -55 -50 -45 -40 -35 -30 -25 -20 HD3 HD2 Gain=+2 Vcc=5V F=20MHz Load=100 Ω Output Amplitude (Vp-p) Figure 16. Distortion vs. amplitude Figure 17. Isink Figure 18. Isource 0 123 4 -100 -95 -90 -85 -80 -75 -70 -65 -60 -55 -50 -45 -40 -35 -30 -25 -20 HD3 HD2 Gain=+2 Vcc=5V F=30MHz Load=100 Ω Output Amplitude (Vp-p) -2,0 -1,5 -1,0 -0,5 0,0 0 50 100 150 200 250 300 350 400 450 500 550 600 + _ RG +2.5V -2.5V VOL withou t load V Isink Amplifier in open loop without load -1V + _ RG +2.5V -2.5V VOL withou t load V Isink Amplifier in open loop without load -1V V (V) 0,0 0,5 1,0 1,5 2,0 -600 -550 -500 -450 -400 -350 -300 -250 -200 -150 -100 -50 0 + _ RG +2.5V -2.5V VOH without load V Isource Amplifier in open loop without load +1V + _ RG +2.5V -2.5V VOH without load V Isource Amplifier in open loop without load +1V V (V) |
Similar Part No. - TSH330I |
|
Similar Description - TSH330I |