Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP4301BP-D Datasheet(PDF) 1 Page - BCD Semiconductor Manufacturing Limited

Part # AP4301BP-D
Description  DUAL OPAMP AND VOLTAGE REFERENCE
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP4301BP-D Datasheet(HTML) 1 Page - BCD Semiconductor Manufacturing Limited

  AP4301BP-D Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP4301BP-D Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP4301BP-D Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP4301BP-D Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP4301BP-D Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP4301BP-D Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP4301BP-D Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP4301BP-D Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP4301BP-D Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
DUAL OPAMP AND VOLTAGE REFERENCE
AP4301
1
March, 2003
Advanced Analog Circuits
Data Sheet
Rev.1.0
General Description
The AP4301 is a monolithic IC specifically designed
to control the output current and voltage levels of
switch mode battery chargers and power supplies.
The device contains two operational amplifiers and a
precision shunt regulator. OPAMP 1 is designed for
voltage control, whose non-inverting input internally
connects to the ouput of the shunt regulator. OPAMP 2
is for current control with both inputs uncommitted.
The IC offers the power converter designer a control
solution that features increased precision with a corre-
sponding reduction in system complexity and cost.
Features
·
Input offset voltage: 0.5mV
·
Supply current: 250
µA per Op-Amp at 5.0V sup-
ply voltage
·
Unity gain bandwidth: 1MHz
·
Output voltage swing: 0 to (VCC - 1.5)V
·
Power supply range: 3 to 18V
·
Fixed output voltage reference: 1.25V, 1.24V
·
Voltage tolerance: 0.5%, 1%
·
Sink current capability from 0.1 to 80mA
·
Package types: DIP-8 and SOIC-8
Applications
·
Battery charger
·
Switch mode power supply
SOIC-8
DIP-8
Figure 1. Package Types of AP4301


Similar Part No. - AP4301BP-D

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP4301BP-D BCDSEMI-AP4301BP-D Datasheet
160Kb / 13P
   DUAL OP AMP AND VOLTAGE REFERENCE
AP4301BP-DE1 BCDSEMI-AP4301BP-DE1 Datasheet
160Kb / 13P
   DUAL OP AMP AND VOLTAGE REFERENCE
More results

Similar Description - AP4301BP-D

ManufacturerPart #DatasheetDescription
logo
Interpion semiconductor
IP102 INTERPION-IP102 Datasheet
135Kb / 12P
   Dual OPAmp-Dual Comparator and Adj. Shunt Regulator
logo
STMicroelectronics
TSM109 STMICROELECTRONICS-TSM109_04 Datasheet
65Kb / 7P
   Dual Comparator and Voltage Reference
TSM109 STMICROELECTRONICS-TSM109 Datasheet
89Kb / 7P
   DUAL COMPARATOR AND VOLTAGE REFERENCE
logo
ON Semiconductor
NCP4300A ONSEMI-NCP4300A Datasheet
62Kb / 8P
   Dual Operational Amplifier and Voltage Reference
December, 2003 ??Rev. 2
logo
STMicroelectronics
TSM103W STMICROELECTRONICS-TSM103W Datasheet
54Kb / 7P
   Dual Operational Amplifier and Voltage Reference
logo
Taiwan Semiconductor Co...
TS103 TSC-TS103_14 Datasheet
344Kb / 6P
   Dual Operational Amplifiers And Voltage Reference
logo
GTM CORPORATION
GP103A GTM-GP103A Datasheet
184Kb / 4P
   DUAL OPERATIONAL AMPLIFIER AND VOLTAGE REFERENCE
logo
ON Semiconductor
NCP4300A ONSEMI-NCP4300A_05 Datasheet
65Kb / 8P
   Dual Operational Amplifier and Voltage Reference
March, 2005 ??Rev. 3
logo
Ceramate Technical
CP103 CERAMATE-CP103 Datasheet
310Kb / 9P
   Dual OP Amp And Voltage Reference
logo
Cystech Electonics Corp...
LM103AQ8 CYSTEKEC-LM103AQ8 Datasheet
281Kb / 6P
   Dual Operational Amplifier and Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com