Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP4301BM-C Datasheet(PDF) 7 Page - BCD Semiconductor Manufacturing Limited

Part # AP4301BM-C
Description  DUAL OPAMP AND VOLTAGE REFERENCE
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP4301BM-C Datasheet(HTML) 7 Page - BCD Semiconductor Manufacturing Limited

Back Button AP4301BM-C Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP4301BM-C Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP4301BM-C Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP4301BM-C Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP4301BM-C Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP4301BM-C Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP4301BM-C Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP4301BM-C Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP4301BM-C Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
DUAL OPAMP AND VOLTAGE REFERENCE
AP4301
7
March, 2003
Advanced Analog Circuits
Data Sheet
Rev.1.0
Parameter
Conditions
Min
Typ
Max
Unit
OPAMP2 Section (VCC = 5V, VO = 1.4V, TA = 25oC, unless otherwise noted )
Input Offset Voltage
TA = 25oC
0.5
3
mV
TA = -40 to 85oC
5
Input Offset Voltage Temperature
Drift
TA = -40 to 85oC
7
µV/oC
Input Offset Current
TA = 25oC
2
30
nA
Input Bias Current
TA = 25oC
20
150
nA
Input Voltage Range
VCC = 0 to 18V
0
VCC - 1.5
V
Common Mode Rejection Ratio
TA = 25oC, VCM = 0 to 3.5V
70
85
dB
Large Signal Voltage Gain
VCC = 15V, RL = 2kΩ , VO = 1.4 to 11.4V
85
100
dB
Power Supply Rejection Ratio
VCC = 5 to 18V
70
90
d
Β
Output Current
Source
VCC = 15V , VID = 1V, VO = 2V
20
40
mA
Sink
VCC = 15V, VID = -1V, VO = 2V
10
20
mA
Output Voltage Swing ( High )
VCC = 18 , RL = 10kΩ , VID = 1V
16
16.5
V
Output Voltage SWing ( Low )
VCC = 18 , RL = 10kΩ , VID = -1V
17
100
mV
Slew Rate
VCC = 18V, RL = 2kΩ , AV = 1,
VIN = 0.5 to 2V , CL = 100pF
0.2
0.5
V/
µ s
Gain Bandwidth Product
VCC = 18V, RL = 2kΩ, CL = 100pF,
VIN = 10mV, f=100kHz
0.5
1
MHz
Electrical Characteristics (Continued)
Operating Conditions: VCC = +5V, TA= 25oC unless otherwise specified.


Similar Part No. - AP4301BM-C

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP4301BM-C BCDSEMI-AP4301BM-C Datasheet
160Kb / 13P
   DUAL OP AMP AND VOLTAGE REFERENCE
AP4301BM-CE1 BCDSEMI-AP4301BM-CE1 Datasheet
160Kb / 13P
   DUAL OP AMP AND VOLTAGE REFERENCE
AP4301BM-CTR BCDSEMI-AP4301BM-CTR Datasheet
160Kb / 13P
   DUAL OP AMP AND VOLTAGE REFERENCE
AP4301BM-CTRE1 BCDSEMI-AP4301BM-CTRE1 Datasheet
160Kb / 13P
   DUAL OP AMP AND VOLTAGE REFERENCE
More results

Similar Description - AP4301BM-C

ManufacturerPart #DatasheetDescription
logo
Interpion semiconductor
IP102 INTERPION-IP102 Datasheet
135Kb / 12P
   Dual OPAmp-Dual Comparator and Adj. Shunt Regulator
logo
STMicroelectronics
TSM109 STMICROELECTRONICS-TSM109_04 Datasheet
65Kb / 7P
   Dual Comparator and Voltage Reference
TSM109 STMICROELECTRONICS-TSM109 Datasheet
89Kb / 7P
   DUAL COMPARATOR AND VOLTAGE REFERENCE
logo
ON Semiconductor
NCP4300A ONSEMI-NCP4300A Datasheet
62Kb / 8P
   Dual Operational Amplifier and Voltage Reference
December, 2003 ??Rev. 2
logo
STMicroelectronics
TSM103W STMICROELECTRONICS-TSM103W Datasheet
54Kb / 7P
   Dual Operational Amplifier and Voltage Reference
logo
Taiwan Semiconductor Co...
TS103 TSC-TS103_14 Datasheet
344Kb / 6P
   Dual Operational Amplifiers And Voltage Reference
logo
GTM CORPORATION
GP103A GTM-GP103A Datasheet
184Kb / 4P
   DUAL OPERATIONAL AMPLIFIER AND VOLTAGE REFERENCE
logo
ON Semiconductor
NCP4300A ONSEMI-NCP4300A_05 Datasheet
65Kb / 8P
   Dual Operational Amplifier and Voltage Reference
March, 2005 ??Rev. 3
logo
Ceramate Technical
CP103 CERAMATE-CP103 Datasheet
310Kb / 9P
   Dual OP Amp And Voltage Reference
logo
Cystech Electonics Corp...
LM103AQ8 CYSTEKEC-LM103AQ8 Datasheet
281Kb / 6P
   Dual Operational Amplifier and Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com