Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

AX78LXX Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

Part No. AX78LXX
Description  3-Terminal Positive Voltage Regulators
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC [List of Unclassifed Manufacturers]
Homepage  
Logo 

AX78LXX Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  AX78LXX Datasheet HTML 4Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 10 page
background image
Page No. : 4/10
AVANTICS - AX78LXX Series
Specification No.: 050309-FE0004
AX78L08XX Electrical Characteristics
V
IN=14V, IOUT=40mA, CIN=0.33uF, COUT=0.1uF, 0°C≤Tj≤125°C (unless otherwise specified)
AX78L08AM/AA
Symbol
Parameter
Conditions
Min
Typ
Max
Units
T
j=25°C
7.76
8
8.24
1mA
≤I
OUT≤70mA
V
O
Output Voltage
10.5V
≤V
IN≤23V, 1mA≤IOUT≤40mA
7.76
8
8.24
V
T
j=25°C, 10.5V≤VIN≤23V
-
20
175
Reg
line
Line Regulation
T
j=25°C, 11V≤VIN≤23V
-20
125
mV
T
j=25°C, 1mA≤IOUT≤100mA
-15
80
Reg
load
Load Regulation
T
j=25°C, 1mA≤IOUT≤40mA
-7
40
mV
I
B
Quiescent Current
I
OUT=5mA, Tj=25°C
-3.9
6
mA
11V
≤V
IN≤23V, Tj=25
o
C
--
1.5
∆I
B
Quiescent Current
Change
1mA
≤I
OUT≤40mA, Tj=25
o
C
--
0.1
mA
V
N
Output Noise Voltage
10Hz
≤f≤100KHz, T
j=25°C
-60
-
uVrms
RR
Ripple Rejection
12V
≤V
IN≤23V, f=120Hz, Tj=25
o
C
37
45
-
dB
V
D
Dropout Voltage
T
j=25°C, IOUT=100mA
-1.7
2.5
V
R
O
Output Resistance
f=1KHz
-
17
-
m
I
SC
Short Circuit Current
T
j=25°C
-1.5
2
A
T
CVO
Average Temperature
Coefficient of Output
Voltage
I
OUT=5mA
-
-
0.9
mV/
°C
AX78L08BM/BA
Symbol
Parameter
Conditions
Min
Typ
Max
Units
T
j=25°C
7.6
8
8.4
1mA
≤I
OUT≤70mA
V
O
Output Voltage
10.5V
≤V
IN≤23V, 1mA≤IOUT≤40mA
7.6
8
8.4
V
T
j=25°C, 10.5V≤VIN≤23V
-
20
175
Reg
line
Line Regulation
T
j=25°C, 11V≤VIN≤23V
-20
125
mV
T
j=25°C, 1mA≤IOUT≤100mA
-15
80
Reg
load
Load Regulation
T
j=25°C, 1mA≤IOUT≤40mA
-7
40
mV
I
B
Quiescent Current
I
OUT=5mA, Tj=25°C
-3.9
6
mA
11V
≤V
IN≤23V, Tj=25
o
C
--
1.5
∆I
B
Quiescent Current
Change
1mA
≤I
OUT≤40mA, Tj=25
o
C
--
0.1
mA
V
N
Output Noise Voltage
10Hz
≤f≤100KHz, T
j=25°C
-60
-
uVrms
RR
Ripple Rejection
12V
≤V
IN≤23V, f=120Hz, Tj=25
o
C
37
45
-
dB
V
D
Dropout Voltage
T
j=25°C, IOUT=100mA
-1.7
2.5
V
R
O
Output Resistance
f=1KHz
-
17
-
m
I
SC
Short Circuit Current
T
j=25°C
-1.5
2
A
T
CVO
Average Temperature
Coefficient of Output
Voltage
I
OUT=5mA
-
-
0.9
mV/
°C


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LM78L00LM78L00 Series 3-Terminal Positive Voltage Regulators 1 2 3 4 5 MoreNational Semiconductor (TI)
TA78L05F3-TERMINAL POSITIVE VOLTAGE REGULATORS 1 2 3 4 5 MoreToshiba Semiconductor
PJ78003-Terminal Fixed Voltage Positive Regulators 1 2 3 4 5 MoreList of Unclassifed Manufacturers
H78LXX3-TERMINAL POSITIVE VOLTAGE REGULATORS 1 2 3 4 5 MoreHi-Sincerity Mocroelectronics
H78XX3-TERMINAL POSITIVE VOLTAGE REGULATORS 1 2 3 4 5 MoreHi-Sincerity Mocroelectronics
PJ78L003-Terminal Low Current Positive Voltage Regulators 1 2 3 4 5 MoreList of Unclassifed Manufacturers
LM7812A3-TERMINAL 1A POSITIVE VOLTAGE REGULATORS 1 2 3 4 5 MoreFairchild Semiconductor
LM3413-Terminal Positive Voltage Regulators 1 2 3 4 5 MoreNational Semiconductor (TI)
AX78XX3-Terminal Positive Voltage Regulators 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn