Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AX78LXX Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # AX78LXX
Description  3-Terminal Positive Voltage Regulators
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AX78LXX Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button AX78LXX Datasheet HTML 2Page - List of Unclassifed Manufacturers AX78LXX Datasheet HTML 3Page - List of Unclassifed Manufacturers AX78LXX Datasheet HTML 4Page - List of Unclassifed Manufacturers AX78LXX Datasheet HTML 5Page - List of Unclassifed Manufacturers AX78LXX Datasheet HTML 6Page - List of Unclassifed Manufacturers AX78LXX Datasheet HTML 7Page - List of Unclassifed Manufacturers AX78LXX Datasheet HTML 8Page - List of Unclassifed Manufacturers AX78LXX Datasheet HTML 9Page - List of Unclassifed Manufacturers AX78LXX Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Page No. : 8/10
AVANTICS - AX78LXX Series
Specification No.: 050309-FE0004
Characteristics Curve
Current Cut-off Grid Voltage
0.0
0.5
1.0
1.5
2.0
Output Current (A)
Tj=25
oC
VO
Ripple Rejection
0
10
20
30
40
50
60
70
10
100
1000
10000
100000
1000000
Frequency (Hz)
Vin=(4.5+Vout(ic))VDC+3.5Vrms
Iout=40mA
Tj=25
oC
Output Voltage as a Function of Junction
Temperature
-2
-1
0
1
2
0
50
100
150
200
Junction Temperature (
oC)
Io=5mA
Load Transient Response
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
5
10
15
20
25
30
35
40
45
50
Time (uS)
100
50
0
Vin=Vout(ic)+5V
Tj=25
oC
Voltage Range
0
5
10
15
20
25
30
35
Vinput-Voutput (V)
VO
Worst Case Power Dissipation
(TO-92 Package)
0
100
200
300
400
0
5
10
15
20
25
30
35
Vinput-Voutput Voltage (V)


Similar Part No. - AX78LXX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AX78XX ETC-AX78XX Datasheet
222Kb / 11P
   3-Terminal Positive Voltage Regulators
More results

Similar Description - AX78LXX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM341-12 TI1-LM341-12 Datasheet
729Kb / 13P
[Old version datasheet]   3-Terminal Positive Voltage Regulators
logo
GTM CORPORATION
G3U78XXA GTM-G3U78XXA Datasheet
206Kb / 6P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
GI78XX GTM-GI78XX Datasheet
201Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
GJ78XX GTM-GJ78XX Datasheet
197Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
GJ78XXA GTM-GJ78XXA Datasheet
168Kb / 6P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
logo
Bookly Micro electronic
BM7805 BOOKLY-BM7805 Datasheet
222Kb / 8P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
logo
GTM CORPORATION
GE78XX GTM-GE78XX Datasheet
207Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
G3U78XX GTM-G3U78XX Datasheet
231Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
GU78XX GTM-GU78XX Datasheet
240Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
logo
List of Unclassifed Man...
AX78XX ETC-AX78XX Datasheet
222Kb / 11P
   3-Terminal Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com