Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

AX78XX Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

Part No. AX78XX
Description  3-Terminal Positive Voltage Regulators
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC [List of Unclassifed Manufacturers]
Homepage  
Logo 

AX78XX Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

 
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 11 page
background image
Page No. : 3/11
AVANTICS - AX78XX Series
Specification No.: 050308-FE0003
AX7806 Series Electrical Characteristics
V
IN=11V, IOUT=500mA, CIN=0.33uF, COUT=0.1uF, 0°C≤TJ≤125°C (unless otherwise specified)
AX7806AJ/AI/ANE/AE
Symbol
Parameter
Conditions
Min
Typ
Max
Units
T
J=25°C, IOUT=500mA
5.82
6
6.18
5mA
≤I
OUT≤1A
V
O
Output Voltage
8V
≤V
IN≤25V, POUT≤15W
5.82
6
6.18
V
T
J=25°C, 8V≤VIN≤25V
-3
60
∆V
O
Line Regulation
T
J=25°C, 9V≤VIN≤13V
-1
25
mV
T
J=25°C, 5mA≤IOUT≤1A
-
15
100
∆V
O
Load Regulation
T
J=25°C, 250mA≤IOUT≤750mA
-5
50
mV
I
B
Quiescent Current
I
OUT=5mA, TJ=25°C
-3.9
8
mA
I
OUT=500mA, 9V≤VIN≤25V, TJ=25
o
C
--
1.3
∆I
B
Quiescent Current
Change
5mA
≤I
OUT≤1A, VIN=11V, TJ=25
o
C
--
0.5
mA
eN
Output Noise Voltage
B=10Hz~100KHz, I
OUT=50mA, TJ=25°C
-
-
55
uV/V
O
RR
Ripple Rejection
11V
≤V
IN≤19V, f=120Hz, IOUT=50mA, TJ=25
o
C
56
72
-
dB
V
D
Dropout Voltage
T
J=25°C, IOUT=1A
-2
2.5
V
R
O
Output Resistance
f=1KHz
-
17
-
m
I
SC
Short Circuit Current
V
IN=45V, TJ=25°C
-2.3
2.8
A
∆V
O/∆T
Output Voltage Drift
0oC
≤T
J≤125
o
C
--
0.7
mV/
°C
AX7806BJ/BI/BNE/BE
Symbol
Parameter
Conditions
Min
Typ
Max
Units
T
J=25°C, IOUT=500mA
5.7
6
6.3
5mA
≤I
OUT≤1A
V
O
Output Voltage
8V
≤V
IN≤25V, POUT≤15W
5.7
6
6.3
V
T
J=25°C, 8V≤VIN≤25V
-3
120
∆V
O
Line Regulation
T
J=25°C, 9V≤VIN≤13V
-1
60
mV
T
J=25°C, 5mA≤IOUT≤1A
-
15
120
∆V
O
Load Regulation
T
J=25°C, 250mA≤IOUT≤750mA
-5
60
mV
I
B
Quiescent Current
I
OUT=5mA, TJ=25°C
-3.9
8
mA
I
OUT=500mA, 9V≤VIN≤25V, TJ=25
o
C
--
1.3
∆I
B
Quiescent Current
Change
5mA
≤I
OUT≤1A, VIN=11V, TJ=25
o
C
--
0.5
mA
eN
Output Noise Voltage
B=10Hz~100KHz, I
OUT=50mA, TJ=25°C
-
-
55
uV/V
O
RR
Ripple Rejection
11V
≤V
IN≤19V, f=120Hz, IOUT=50mA, TJ=25
o
C
56
72
-
dB
V
D
Dropout Voltage
T
J=25°C, IOUT=1A
-2
2.5
V
R
O
Output Resistance
f=1KHz
-
17
-
m
I
SC
Short Circuit Current
V
IN=45V, TJ=25°C
-2.3
2.8
A
∆V
O/∆T
Output Voltage Drift
0oC
≤T
J≤125
o
C
--
0.7
mV/
°C


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LM78L00LM78L00 Series 3-Terminal Positive Voltage Regulators 1 2 3 4 5 MoreNational Semiconductor (TI)
TA78L05F3-TERMINAL POSITIVE VOLTAGE REGULATORS 1 2 3 4 5 MoreToshiba Semiconductor
PJ78003-Terminal Fixed Voltage Positive Regulators 1 2 3 4 5 MoreList of Unclassifed Manufacturers
H78LXX3-TERMINAL POSITIVE VOLTAGE REGULATORS 1 2 3 4 5 MoreHi-Sincerity Mocroelectronics
H78XX3-TERMINAL POSITIVE VOLTAGE REGULATORS 1 2 3 4 5 MoreHi-Sincerity Mocroelectronics
PJ78L003-Terminal Low Current Positive Voltage Regulators 1 2 3 4 5 MoreList of Unclassifed Manufacturers
LM7812A3-TERMINAL 1A POSITIVE VOLTAGE REGULATORS 1 2 3 4 5 MoreFairchild Semiconductor
LM3413-Terminal Positive Voltage Regulators 1 2 3 4 5 MoreNational Semiconductor (TI)
AX78LXX3-Terminal Positive Voltage Regulators 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn