Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

AX78XX Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Part No. AX78XX
Description  3-Terminal Positive Voltage Regulators
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC [List of Unclassifed Manufacturers]
Homepage  
Logo 

AX78XX Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 11 page
background image
Page No. : 6/11
AVANTICS - AX78XX Series
Specification No.: 050308-FE0003
AX7812 Series Electrical Characteristics
V
IN=19V, IOUT=500mA, CIN=0.33uF, COUT=0.1uF, 0°C≤TJ≤125°C (unless otherwise specified)
AX7812AJ/AI/ANE/AE
Symbol
Parameter
Conditions
Min
Typ
Max
Units
T
J=25°C, IOUT=500mA
11.64
12
12.36
5mA
≤I
OUT≤1A
V
O
Output Voltage
14V
≤V
IN≤30V, POUT≤15W
11.64
12
12.36
V
T
J=25°C, 14.5V≤VIN≤30V
-10
120
∆V
O
Line Regulation
T
J=25°C, 16V≤VIN≤22V
-3
60
mV
T
J=25°C, 5mA≤IOUT≤1A
-12
100
∆V
O
Load Regulation
T
J=25°C, 250mA≤IOUT≤750mA
-4
60
mV
I
B
Quiescent Current
I
OUT=5mA, Tj=25°C
-3.9
8
mA
I
OUT=500mA, 14.5V≤VIN≤30V, TJ=25
o
C
--
1.3
∆I
B
Quiescent Current
Change
5mA
≤I
OUT≤1A, VIN=19V, TJ=25
o
C
--
0.5
mA
eN
Output Noise Voltage
B=10Hz~100KHz, I
OUT=50mA, TJ=25°C
-
-
90
uV/V
O
RR
Ripple Rejection
19V
≤V
IN≤25V, f=120Hz, IOUT=50mA, TJ=25
o
C
50
66
-
dB
V
D
Dropout Voltage
T
J=25°C, IOUT=1A
-2
2.5
V
R
O
Output Resistance
f=1KHz
-
18
-
m
I
SC
Short Circuit Current
T
J=25°C
-2.3
2.8
A
∆V
O/∆T
Output Voltage Drift
0oC
≤T
J≤125
o
C
--
1.6
mV/
°C
AX7812BJ/BI/BNE/BE
Symbol
Parameter
Conditions
Min
Typ
Max
Units
T
J=25°C, IOUT=500mA
11.4
12
12.6
5mA
≤I
OUT≤1A
V
O
Output Voltage
14V
≤V
IN≤30V, POUT≤15W
11.4
12
12.6
V
T
J=25°C, 14.5V≤VIN≤30V
-10
240
∆V
O
Line Regulation
T
J=25°C, 16V≤VIN≤22V
-3
120
mV
T
J=25°C, 5mA≤IOUT≤1A
-12
240
∆V
O
Load Regulation
T
J=25°C, 250mA≤IOUT≤750mA
-4
120
mV
I
B
Quiescent Current
I
OUT=5mA, TJ=25°C
-3.9
8
mA
I
OUT=500mA, 14.5V≤VIN≤30V, TJ=25
o
C
--
1.3
∆I
B
Quiescent Current
Change
5mA
≤I
OUT≤1A, VIN=19V, TJ=25
o
C
--
0.5
mA
eN
Output Noise Voltage
B=10Hz~100KHz, I
OUT=50mA, TJ=25°C
-
-
90
uV/V
O
RR
Ripple Rejection
19V
≤V
IN≤25V, f=120Hz, IOUT=50mA, TJ=25
o
C
50
66
-
dB
V
D
Dropout Voltage
T
J=25°C, IOUT=1A
-2
2.5
V
R
O
Output Resistance
f=1KHz
-
18
-
m
I
SC
Short Circuit Current
T
j=25°C
-2.3
2.8
A
∆V
O/∆T
Output Voltage Drift
0oC
≤T
J≤125
o
C
--
1.6
mV/
°C


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LM78L00LM78L00 Series 3-Terminal Positive Voltage Regulators 1 2 3 4 5 MoreNational Semiconductor (TI)
TA78L05F3-TERMINAL POSITIVE VOLTAGE REGULATORS 1 2 3 4 5 MoreToshiba Semiconductor
PJ78003-Terminal Fixed Voltage Positive Regulators 1 2 3 4 5 MoreList of Unclassifed Manufacturers
H78LXX3-TERMINAL POSITIVE VOLTAGE REGULATORS 1 2 3 4 5 MoreHi-Sincerity Mocroelectronics
H78XX3-TERMINAL POSITIVE VOLTAGE REGULATORS 1 2 3 4 5 MoreHi-Sincerity Mocroelectronics
PJ78L003-Terminal Low Current Positive Voltage Regulators 1 2 3 4 5 MoreList of Unclassifed Manufacturers
LM7812A3-TERMINAL 1A POSITIVE VOLTAGE REGULATORS 1 2 3 4 5 MoreFairchild Semiconductor
LM3413-Terminal Positive Voltage Regulators 1 2 3 4 5 MoreNational Semiconductor (TI)
AX78LXX3-Terminal Positive Voltage Regulators 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn