Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AVCH8T245DGVRE4 Datasheet(PDF) 5 Page - Texas Instruments

Part # 74AVCH8T245DGVRE4
Description  8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VILTAGE TRANSLATION AND 3-STATE OUTPUTS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74AVCH8T245DGVRE4 Datasheet(HTML) 5 Page - Texas Instruments

  74AVCH8T245DGVRE4 Datasheet HTML 1Page - Texas Instruments 74AVCH8T245DGVRE4 Datasheet HTML 2Page - Texas Instruments 74AVCH8T245DGVRE4 Datasheet HTML 3Page - Texas Instruments 74AVCH8T245DGVRE4 Datasheet HTML 4Page - Texas Instruments 74AVCH8T245DGVRE4 Datasheet HTML 5Page - Texas Instruments 74AVCH8T245DGVRE4 Datasheet HTML 6Page - Texas Instruments 74AVCH8T245DGVRE4 Datasheet HTML 7Page - Texas Instruments 74AVCH8T245DGVRE4 Datasheet HTML 8Page - Texas Instruments 74AVCH8T245DGVRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
SN74AVCH8T245
8BIT DUALSUPPLY BUS TRANSCEIVER
WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3STATE OUTPUTS
SCES565F − APRIL 2004 − REVISED APRIL 2005
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted) (see Note 7)
PARAMETER
TEST CONDITIONS
VCCA
VCCB
TA = 25°C
−40
°C to 85°C
UNIT
PARAMETER
TEST CONDITIONS
VCCA
VCCB
MIN
TYP
MAX
MIN
MAX
UNIT
IOH = −100 µA
1.2 V to 3.6 V
1.2 V to 3.6 V
VCCO − 0.2 V
IOH = −3 mA
1.2 V
1.2 V
0.95
VOH
IOH = −6 mA
VI = VIH
1.4 V
1.4 V
1.05
V
VOH
IOH = −8 mA
VI = VIH
1.65 V
1.65 V
1.2
V
IOH = −9 mA
2.3 V
2.3 V
1.75
IOH = −12 mA
3 V
3 V
2.3
IOL = 100 µA
1.2 V to 3.6 V
1.2 V to 3.6 V
0.2
IOL = 3 mA
1.2 V
1.2 V
0.15
VOL
IOL = 6 mA
VI = VIL
1.4 V
1.4 V
0.35
V
VOL
IOL = 8 mA
VI = VIL
1.65 V
1.65 V
0.45
V
IOL = 9 mA
2.3 V
2.3 V
0.55
IOL = 12 mA
3 V
3 V
0.7
II
Control
inputs
VI = VCCA or GND
1.2 V to 3.6 V
1.2 V to 3.6 V
±0.025 ±0.25
±1
µA
VI = 0.42 V
1.2 V
1.2 V
25
VI = 0.49 V
1.4 V
1.4 V
15
IBHL†
VI = 0.58 V
1.65 V
1.65 V
25
µA
IBHL†
VI = 0.7 V
2.3 V
2.3 V
45
µA
VI = 0.8 V
3.3 V
3.3 V
100
VI = 0.78 V
1.2 V
1.2 V
−25
VI = 0.91 V
1.4 V
1.4 V
−15
IBHH‡
VI = 1.07 V
1.65 V
1.65 V
−25
µA
IBHH‡
VI = 1.6 V
2.3 V
2.3 V
−45
µA
VI = 2 V
3.3 V
3.3 V
−100
1.2 V
1.2 V
50
1.6 V
1.6 V
125
IBHLO§
VI = 0 to VCC
1.95 V
1.95 V
200
µA
IBHLO§
VI = 0 to VCC
2.7 V
2.7 V
300
µA
3.6 V
3.6 V
500
1.2 V
1.2 V
−50
1.6 V
1.6 V
−125
IBHHO¶
VI = 0 to VCC
1.95 V
1.95 V
−200
µA
IBHHO¶
VI = 0 to VCC
2.7 V
2.7 V
−300
µA
3.6 V
3.6 V
−500
† The bus-hold circuit can sink at least the minimum low sustaining current at VIL max. IBHL should be measured after lowering VIN to GND and
then raising it to VIL max.
‡ The bus-hold circuit can source at least the minimum high sustaining current at VIH min. IBHH should be measured after raising VIN to VCC and
then lowering it to VIH min.
§ An external driver must source at least IBHLO to switch this node from low to high.
¶ An external driver must sink at least IBHHO to switch this node from high to low.
NOTE 7: VCCO is the VCC associated with the output port.


Similar Part No. - 74AVCH8T245DGVRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74AVCH8T245DGVRE4 TI-74AVCH8T245DGVRE4 Datasheet
570Kb / 20P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
74AVCH8T245DGVRE4 TI-74AVCH8T245DGVRE4 Datasheet
656Kb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results

Similar Description - 74AVCH8T245DGVRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC8T245_101 TI-SN74LVC8T245_101 Datasheet
905Kb / 23P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC16245DGGR TI-SN74LVC16245DGGR Datasheet
1Mb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC138PW TI-SN74LVC138PW Datasheet
1Mb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC8T245 TI1-SN74AVC8T245_17 Datasheet
1Mb / 31P
[Old version datasheet]   8-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and 3-State Outputs
SN74LVCH8T245 TI-SN74LVCH8T245_10 Datasheet
941Kb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC1G02MDRLREP TI-SN74LVC1G02MDRLREP Datasheet
1Mb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC8T245 TI-SN74AVC8T245_10 Datasheet
670Kb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVCH8T245_101 TI-SN74LVCH8T245_101 Datasheet
875Kb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC8T245 TI-SN74LVC8T245_10 Datasheet
906Kb / 23P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC8T245-Q1 TI1-SN74AVC8T245-Q1 Datasheet
681Kb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com