Electronic Components Datasheet Search |
|
74AVCH8T245PWRE4 Datasheet(PDF) 2 Page - Texas Instruments |
|
74AVCH8T245PWRE4 Datasheet(HTML) 2 Page - Texas Instruments |
2 / 19 page SN74AVCH8T245 8BIT DUALSUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3STATE OUTPUTS SCES565F − APRIL 2004 − REVISED APRIL 2005 2 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 description/ordering information (continued) The SN74AVCH8T245 is designed for asynchronous communication between data buses. The device transmits data from the A bus to the B bus or from the B bus to the A bus, depending on the logic level at the direction-control (DIR) input. The output-enable (OE) input can be used to disable the outputs so the buses are effectively isolated. The SN74AVCH8T245 is designed so the control pins (DIR and OE) are supplied by VCCA. The SN74AVCH8T245 solution is compatible with a single-supply system and can be replaced later with a ’245 function, with minimal printed circuit board redesign. This device is fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs, preventing damaging current backflow through the device when it is powered down. The VCC isolation feature ensures that if either VCC input is at GND, both outputs are in the high-impedance state. The bus-hold circuitry on the powered-up side always stays active. Active bus-hold circuitry holds unused or undriven inputs at a valid logic state. Use of pullup or pulldown resistors with the bus-hold circuitry is not recommended. To ensure the high-impedance state during power up or power down, OE shall be tied to VCC through a pullup resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver. FUNCTION TABLE (each 8-bit section) INPUTS OPERATION OE DIR OPERATION L L B data to A bus L H A data to B bus H X All outputs Hi-Z logic diagram (positive logic) DIR OE A1 B1 To Seven Other Channels 2 3 22 21 |
Similar Part No. - 74AVCH8T245PWRE4 |
|
Similar Description - 74AVCH8T245PWRE4 |