Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLK4250 Datasheet(PDF) 1 Page - Texas Instruments

Part # TLK4250
Description  QUAD 1.0 to 2.5 Gbpss TRANSCEIVER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK4250 Datasheet(HTML) 1 Page - Texas Instruments

  TLK4250 Datasheet HTML 1Page - Texas Instruments TLK4250 Datasheet HTML 2Page - Texas Instruments TLK4250 Datasheet HTML 3Page - Texas Instruments TLK4250 Datasheet HTML 4Page - Texas Instruments TLK4250 Datasheet HTML 5Page - Texas Instruments TLK4250 Datasheet HTML 6Page - Texas Instruments TLK4250 Datasheet HTML 7Page - Texas Instruments TLK4250 Datasheet HTML 8Page - Texas Instruments TLK4250 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
TLK4250
QUAD 1.0 to 2.5 Gbps TRANSCEIVER
SWRS025 − APRIL 2004
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Hot Plug Protection
D Quad 1.0 to 2.5 Gigabits Per Second (Gbps)
Serializer/Deserializer
D Independent Channel Operation
D 2.5-V Power Supply for Low Power
Operation
D Selectable Signal Preemphasis for Serial
Output
D Interfaces to Backplane, Copper Cables, or
Optical Converters
D Lock Indication and Sync Mode for Fast
Initialization
D 18-Bit Parallel Buses for Flexible Interface
Applications
D On-Chip PLL Provides Clock Synthesis
From Low-Speed Reference
D Receiver Differential Input Thresholds
200 mV Min
D Rated for Industrial Temperature Range
D Typical Power: 1700 mW at 2.5 Gbps
D Ideal for High-Speed Backplane
Interconnect and Point-to-Point Data Link
D Internal Passive Receive Equalization
D Small Footprint 19 mm x 19 mm, 289-Ball
PBGA Package
description
The TLK4250 device is a four-channel, multi-gigabit transceiver used in high-speed bidirectional point-to-point
data transmission systems. The four channels in the transceiver are configured as four separate links. The
transceiver supports an effective serial interface speed of 1.0 Gbps to 2.5 Gbps per channel, providing up to
2.25 Gbps of data bandwidth per channel.
The primary application of the transceiver is to provide high-speed I/O data channels for point-to-point baseband
data transmission over controlled impedance media of approximately 50
Ω. The transmission media can be a
printed-circuit board, copper cables, or fiber-optic cable. The maximum rate and distance of data transfer
depend on the attenuation characteristics of the media and the noise coupling to the environment.
The transceiver can also replace parallel data transmission architectures by providing a reduction in the number
of traces, connector pins, and transmit/receive pins. Parallel data loaded into the transmitter is delivered to the
receiver over a serial channel, which can be a coaxial copper cable, a controlled impedance backplane, or an
optical link. The data is then reconstructed into its original parallel format. It offers significant power and cost
savings over current solutions, as well as scalability for higher data rate in the future.
The transceiver performs the data parallel-to-serial and serial-to-parallel conversions. The clock extraction
functions as a physical layer interface device. The serial transceiver interface operates at a maximum data rate
of 2.5 Gbps. Each transmitter latches 18-bit parallel data at a rate based on the supplied reference clock
(GTx_CLK). The 18-bit parallel data is internally encoded into 20 bits by framing the 18-bit data with start and
stop bits. The resulting 20-bit frame is then transmitted differentially at 20 times the reference clock (GTx_CLK)
rate.
The receiver section performs the serial-to-parallel conversion on the input data, synchronizing the resulting
20-bit wide parallel data to the recovered clock (Rx_CLK). It then extracts the 18 bits of data from the 20-bit wide
data resulting in 18 bits of parallel data at the receive data terminals (RDx[0:17]). This results in an effective data
payload of 0.9 Gbps to 2.25 Gbps (18 bits data x GTx_CLK frequency) per channel.
The transceiver provides an internal loopback capability for self-test purposes. Serial data from the serializer
is passed directly to the deserializer, allowing the protocol device a functional self-check of the physical
interface.
Copyright
 2004, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PowerPAD is a trademark of Texas Instruments.


Similar Part No. - TLK4250

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK4201EA TI-TLK4201EA Datasheet
736Kb / 17P
[Old version datasheet]   4.25-GBPS CABLE AND PC BOARD EQUALIZER
TLK4201EARGTR TI-TLK4201EARGTR Datasheet
736Kb / 17P
[Old version datasheet]   4.25-GBPS CABLE AND PC BOARD EQUALIZER
TLK4201EARGTRG4 TI-TLK4201EARGTRG4 Datasheet
736Kb / 17P
[Old version datasheet]   4.25-GBPS CABLE AND PC BOARD EQUALIZER
TLK4201EARGTT TI-TLK4201EARGTT Datasheet
736Kb / 17P
[Old version datasheet]   4.25-GBPS CABLE AND PC BOARD EQUALIZER
TLK4201EARGTTG4 TI-TLK4201EARGTTG4 Datasheet
736Kb / 17P
[Old version datasheet]   4.25-GBPS CABLE AND PC BOARD EQUALIZER
More results

Similar Description - TLK4250

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK2501 TI-TLK2501 Datasheet
387Kb / 25P
[Old version datasheet]   1.5 TO 2.5 GBPS TRANSCEIVER
TLK2521 TI-TLK2521 Datasheet
317Kb / 19P
[Old version datasheet]   1 to 2.5 Gbps TRANSCEIVER
TLK2501IRCPRG4 TI1-TLK2501IRCPRG4 Datasheet
1,002Kb / 31P
[Old version datasheet]   1.5 TO 2.5 GBPS TRANSCEIVER
TLK2521IPAP TI1-TLK2521IPAP Datasheet
488Kb / 22P
[Old version datasheet]   1.0 to 2.5 Gbps 18-BIT SERDES
TLK3101 TI1-TLK3101_16 Datasheet
612Kb / 28P
[Old version datasheet]   2.5 Gbps to 3.125 Gbps TRANSCEIVER
TLK2500 TI1-TLK2500 Datasheet
297Kb / 10P
[Old version datasheet]   1.6 Gbps to 2.5 Gbps TRANSCEIVER
TLK2500IRCP TI-TLK2500IRCP Datasheet
268Kb / 20P
[Old version datasheet]   1.6 Gbps to 2.5 Gbps TRANSCEIVER
TLK3101 TI-TLK3101 Datasheet
322Kb / 24P
[Old version datasheet]   2.5 Gbps to 3.125 Gbps TRANSCEIVER
logo
National Semiconductor ...
SCAN50C400A NSC-SCAN50C400A Datasheet
1Mb / 30P
   1.25/2.5/5.0 Gbps Quad Multi-Rate Backplane Transceiver
logo
Texas Instruments
TLK4120 TI-TLK4120 Datasheet
346Kb / 19P
[Old version datasheet]   QUAD 0.5 to 1.3 Gbps TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com