Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLK4250IGPV Datasheet(PDF) 2 Page - Texas Instruments

Part # TLK4250IGPV
Description  QUAD 1.0 to 2.5 Gbpss TRANSCEIVER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK4250IGPV Datasheet(HTML) 2 Page - Texas Instruments

  TLK4250IGPV Datasheet HTML 1Page - Texas Instruments TLK4250IGPV Datasheet HTML 2Page - Texas Instruments TLK4250IGPV Datasheet HTML 3Page - Texas Instruments TLK4250IGPV Datasheet HTML 4Page - Texas Instruments TLK4250IGPV Datasheet HTML 5Page - Texas Instruments TLK4250IGPV Datasheet HTML 6Page - Texas Instruments TLK4250IGPV Datasheet HTML 7Page - Texas Instruments TLK4250IGPV Datasheet HTML 8Page - Texas Instruments TLK4250IGPV Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
TLK4250
QUAD 1.0 to 2.5 Gbps TRANSCEIVER
SWRS025 − APRIL 2004
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
The transceiver is designed to be hot plug capable. An on-chip power-on reset circuit holds the Rx_CLK low
during power up. This circuit also places the parallel side output signal terminals, DOUTTxP and DOUTTxN,
into a high-impedance state during power up.
The transceiver uses a 2.5-V supply. The I/O section is 3-V compatible. With the 2.5-V supply, the transceiver
is power efficient, consuming less than 1700 mW typically. The transceiver is characterized for operation from
−40
°C to 85°C.
AVAILABLE OPTIONS
PACKAGE
TA
PLASTIC BALL GRID ARRAY
(PBGA)
−40
°C to 85°C
TLK4250IGPV


Similar Part No. - TLK4250IGPV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK4201EA TI-TLK4201EA Datasheet
736Kb / 17P
[Old version datasheet]   4.25-GBPS CABLE AND PC BOARD EQUALIZER
TLK4201EARGTR TI-TLK4201EARGTR Datasheet
736Kb / 17P
[Old version datasheet]   4.25-GBPS CABLE AND PC BOARD EQUALIZER
TLK4201EARGTRG4 TI-TLK4201EARGTRG4 Datasheet
736Kb / 17P
[Old version datasheet]   4.25-GBPS CABLE AND PC BOARD EQUALIZER
TLK4201EARGTT TI-TLK4201EARGTT Datasheet
736Kb / 17P
[Old version datasheet]   4.25-GBPS CABLE AND PC BOARD EQUALIZER
TLK4201EARGTTG4 TI-TLK4201EARGTTG4 Datasheet
736Kb / 17P
[Old version datasheet]   4.25-GBPS CABLE AND PC BOARD EQUALIZER
More results

Similar Description - TLK4250IGPV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK2501 TI-TLK2501 Datasheet
387Kb / 25P
[Old version datasheet]   1.5 TO 2.5 GBPS TRANSCEIVER
TLK2521 TI-TLK2521 Datasheet
317Kb / 19P
[Old version datasheet]   1 to 2.5 Gbps TRANSCEIVER
TLK2501IRCPRG4 TI1-TLK2501IRCPRG4 Datasheet
1,002Kb / 31P
[Old version datasheet]   1.5 TO 2.5 GBPS TRANSCEIVER
TLK2521IPAP TI1-TLK2521IPAP Datasheet
488Kb / 22P
[Old version datasheet]   1.0 to 2.5 Gbps 18-BIT SERDES
TLK3101 TI1-TLK3101_16 Datasheet
612Kb / 28P
[Old version datasheet]   2.5 Gbps to 3.125 Gbps TRANSCEIVER
TLK2500 TI1-TLK2500 Datasheet
297Kb / 10P
[Old version datasheet]   1.6 Gbps to 2.5 Gbps TRANSCEIVER
TLK2500IRCP TI-TLK2500IRCP Datasheet
268Kb / 20P
[Old version datasheet]   1.6 Gbps to 2.5 Gbps TRANSCEIVER
TLK3101 TI-TLK3101 Datasheet
322Kb / 24P
[Old version datasheet]   2.5 Gbps to 3.125 Gbps TRANSCEIVER
logo
National Semiconductor ...
SCAN50C400A NSC-SCAN50C400A Datasheet
1Mb / 30P
   1.25/2.5/5.0 Gbps Quad Multi-Rate Backplane Transceiver
logo
Texas Instruments
TLK4120 TI-TLK4120 Datasheet
346Kb / 19P
[Old version datasheet]   QUAD 0.5 to 1.3 Gbps TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com