Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65552A Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS65552A
Description  INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65552A Datasheet(HTML) 3 Page - Texas Instruments

  TPS65552A Datasheet HTML 1Page - Texas Instruments TPS65552A Datasheet HTML 2Page - Texas Instruments TPS65552A Datasheet HTML 3Page - Texas Instruments TPS65552A Datasheet HTML 4Page - Texas Instruments TPS65552A Datasheet HTML 5Page - Texas Instruments TPS65552A Datasheet HTML 6Page - Texas Instruments TPS65552A Datasheet HTML 7Page - Texas Instruments TPS65552A Datasheet HTML 8Page - Texas Instruments TPS65552A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
SWITCHING CHARACTERISTICS
TPS65552A
SLVS567 – JULY 2005
T
A = 25°C, VBAT = 4.2 V, VCC = 5 V, V(SW) = 4.2 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
R(ONL)
ON resistance of XFULL
I(XFULL) = -1 mA
1.5
3
k
V(PKH)(1)
Upper threshold voltage of I_PEAK
2.4
V
V(PKL)(1)
Lower threshold voltage of I_PEAK
0.6
V
CHG = H, V(SW) = 0 V
ICC1
Supply current from VBAT
27
µA
(free run by tMAX)
CHG = H, V(SW) = 0 V
ICC2
Supply current from VCC
2.5
5
mA
(free run by tMAX)
ICC3
Supply current from VCC and
CHG = L
1
µA
VBAT
Ilkg1
Leakage current of SW terminal
2
µA
Ilkg2
Leakage current of XFULL ter-
V(XFULL) = 5 V
1
µA
minal
SW ON resistance between
R(ONSW)
I(SW) = 1 A
0.3
1
SW and PGND
R(IGBT1)
G_IGBT pullup resistance
V(G_IGBT) = 0 V
5
10
15
R(IGBT2)
G_IGBT pulldown resistance
V(G_IGBT) = 5 V
25
51
75
I(PEAK1)
Upper peak of I(SW)
V(I_IPEAK) = 3 V
1.58
1.68
1.78
A
I(PEAK2)
Lower peak of I(SW)
V(I_IPEAK) = 0 V
0.77
0.87
0.97
A
Charge completion detect voltage
V(FULL)
TPS65552A
28.7
29
29.3
V
at V(SW)
V(ZERO)
Zero current detection at V(SW)
1
20
60
mV
T(SD)(1)
Thermal shutdown temperature
150
160
170
°C
Over VDS detection at V(SW)
0.95
1.2
1.45
V
tMAX
MAX ON time
50
80
120
µs
Pulldown resistance of CHG,
R(INPD)
VCHG = V(F_ON) = 4.2 V
100
k
F_ON
(1)
Specified by design.
T
A = 25°C, VBAT = 4.2 V, VCC = 5 V, V(SW) = 4.2 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
F_ON
↑↓ - G_IGBT↑↓
50
ns
SW ON after V(SW) dips from V(ZERO)
45
ns
SW OFF after I(SW) exceeds I(PEAK)
270
ns
tPD(1)
Propagation delay
XFULL
↓ after V
(SW) exceeds V(FULL)
300
ns
SW ON after CHG
20
ns
SW OFF after CHG
20
ns
(1)
Specified by design.
3


Similar Part No. - TPS65552A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65552A TI1-TPS65552A Datasheet
731Kb / 20P
[Old version datasheet]   INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65552A TI1-TPS65552A Datasheet
531Kb / 16P
[Old version datasheet]   INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65552ADGQ TI1-TPS65552ADGQ Datasheet
731Kb / 20P
[Old version datasheet]   INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65552ADGQ TI1-TPS65552ADGQ Datasheet
531Kb / 16P
[Old version datasheet]   INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65552ADGQG4 TI1-TPS65552ADGQG4 Datasheet
731Kb / 20P
[Old version datasheet]   INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
More results

Similar Description - TPS65552A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65552ADGQG4 TI1-TPS65552ADGQG4 Datasheet
731Kb / 20P
[Old version datasheet]   INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65552A TI1-TPS65552A_16 Datasheet
531Kb / 16P
[Old version datasheet]   INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65563 TI-TPS65563 Datasheet
596Kb / 16P
[Old version datasheet]   INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65560 TI-TPS65560 Datasheet
944Kb / 13P
[Old version datasheet]   INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65563A TI-TPS65563A Datasheet
807Kb / 18P
[Old version datasheet]   INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65573 TI-TPS65573 Datasheet
425Kb / 13P
[Old version datasheet]   INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65561 TI-TPS65561 Datasheet
568Kb / 16P
[Old version datasheet]   INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65562 TI1-TPS65562 Datasheet
668Kb / 16P
[Old version datasheet]   INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
logo
Monolithic Power System...
MP3360 MPS-MP3360 Datasheet
324Kb / 8P
   Highly Integrated Photo Flash Charger and IGBT Driver
EV3356DG-00A MPS-EV3356DG-00A Datasheet
279Kb / 6P
   Integrated Photo Flash Charger IGBT Driver EV Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com