Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8XC51RA Datasheet(PDF) 9 Page - Intel Corporation

Part # 8XC51RA
Description  CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

8XC51RA Datasheet(HTML) 9 Page - Intel Corporation

Back Button 8XC51RA Datasheet HTML 5Page - Intel Corporation 8XC51RA Datasheet HTML 6Page - Intel Corporation 8XC51RA Datasheet HTML 7Page - Intel Corporation 8XC51RA Datasheet HTML 8Page - Intel Corporation 8XC51RA Datasheet HTML 9Page - Intel Corporation 8XC51RA Datasheet HTML 10Page - Intel Corporation 8XC51RA Datasheet HTML 11Page - Intel Corporation 8XC51RA Datasheet HTML 12Page - Intel Corporation 8XC51RA Datasheet HTML 13Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
8XC51RARBRC
DC CHARACTERISTICS (Over Operating Conditions) (Continued)
All parameter values apply to all devices unless otherwise indicated
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
(Note 4)
VOH1
Output High Voltage
VCCb03
V
IOH eb200 mA
(Port 0 in External Bus Mode)
VCCb07
V
IOH eb32 mA
VCCb15
V
IOH eb70 mA
VOH2
Output High Voltage
05 VCC
VIOH eb800 mA
(RST)
075 VCC
VIOH eb300 mA
09 VCC
VIOH eb80 mA
IIL
Logical 0 Input Current
(Ports 1 2 and 3)
b
50
m
AVIN e 045V
ILI
Input leakage Current (Port 0)
g
10
m
AVIN e VIL or VIH
ITL
Logical 1 to 0 Transition Current
(Ports 1 2 and 3)
Commercial
b
675
m
AVIN e 2V
Express
b
775
m
A
RRST
RST Pulldown Resistor
40
225
KX
CIO
Pin Capacitance
10
pF
1 MHz 25 C
ICC
Power Supply Current
(Note 3)
Active Mode
at 12 MHz (Figure 5)
15
30
mA
at 16 MHz
38
mA
at 20 MHz
47
mA
at 24 MHz
56
mA
Idle Mode
at 12 MHz (Figure 5)
5
75
mA
at 16 MHz
95
mA
at 20 MHz
115
mA
at 24 MHz
135
mA
Power Down Mode
5
75
m
A
NOTES
1 Capacitive loading on Ports 0 and 2 may cause noise pulses above 04V to be superimposed on the VOLs of ALE and
Ports 1 2 and 3 The noise is due to external bus capacitance discharging into the Port 0 and Port 2 pins when these pins
change from 1 to 0 In applications where capacitive loading exceeds 100 pF the noise pulses on these signals may exceed
08V It may be desirable to qualify ALE or other signals with a Schmitt Triggers or CMOS-level input logic
2 Capacitive loading on Ports 0 and 2 cause the VOH on ALE and PSEN to drop below the 09 VCC specification when the
address lines are stabilizing
3 See Figures 6 – 9 for test conditions Minimum VCC for Power Down is 2V
4 Typicals are based on a limited number of samples and are not guaranteed The values listed are at room temperature
and 5V
5 Under steady state (non-transient) conditions IOL must be externally limited as follows
Maximum IOL per port pin
10mA
Maximum IOL per 8-bit port
Port 0
26 mA
Ports 1 2 and 3
15 mA
Maximum total IOL for all output pins
71 mA
If IOL exceeds the test condition VOL may exceed the related specification Pins are not guaranteed to sink current greater
than the listed test conditions
9


Similar Part No. - 8XC51RA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
8XC51RA PHILIPS-8XC51RA Datasheet
348Kb / 55P
   8-bit CMOS (low voltage, low power and high speed) microcontroller families
1999 Apr 01
8XC51RA++ PHILIPS-8XC51RA+ Datasheet
355Kb / 56P
   80C51 8-bit microcontroller family 8K-4K/256-1K OTP/ROM/ROMless, low voltage (2.7V-5.5V), low power, high speed (33 MHz)
2000 Aug 07
8XC51RA++ NXP-8XC51RA+ Datasheet
238Kb / 32P
   80C51 8-bit microcontroller family 128/256 byte RAM ROMless low voltage (2.7 V–5.5 V), low power, high speed (33 MHz)
2000 Aug 07
More results

Similar Description - 8XC51RA

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
8XC51GB INTEL-8XC51GB Datasheet
311Kb / 22P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
80C31BH INTEL-80C31BH Datasheet
229Kb / 16P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
8XC52 INTEL-8XC52 Datasheet
317Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
80C52 INTEL-80C52 Datasheet
312Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
87C51FA INTEL-87C51FA Datasheet
279Kb / 18P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
TD87C54 INTEL-TD87C54 Datasheet
312Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
EN80C321SF88 INTEL-EN80C321SF88 Datasheet
1Mb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
M80C51FB INTEL-M80C51FB Datasheet
184Kb / 12P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
EE87C51FB1SF76 INTEL-EE87C51FB1SF76 Datasheet
256Kb / 18P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
87C51FA INTEL-87C51FA Datasheet
279Kb / 18P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com