Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8XC51RB Datasheet(PDF) 10 Page - Intel Corporation

Part # 8XC51RB
Description  CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

8XC51RB Datasheet(HTML) 10 Page - Intel Corporation

Back Button 8XC51RB Datasheet HTML 6Page - Intel Corporation 8XC51RB Datasheet HTML 7Page - Intel Corporation 8XC51RB Datasheet HTML 8Page - Intel Corporation 8XC51RB Datasheet HTML 9Page - Intel Corporation 8XC51RB Datasheet HTML 10Page - Intel Corporation 8XC51RB Datasheet HTML 11Page - Intel Corporation 8XC51RB Datasheet HTML 12Page - Intel Corporation 8XC51RB Datasheet HTML 13Page - Intel Corporation 8XC51RB Datasheet HTML 14Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
8XC51RARBRC
272659 – 7
ICC Max at other frequencies is given by
Active Mode
ICC Max e 22 c Freq a 31
Idle Mode
ICC Max e 05 c Freq a 15
Where Freq is in MHz ICC Max is given in mA
Figure 5 ICC vs Frequency
272659 – 8
All other pins disconnected
TCLCH e TCHCL e 5ns
Figure 6 ICC Test Condition Active
Mode
272659 – 9
All other pins disconnected
TCLCH e TCHCL e 5ns
Figure 7 ICC Test Condition Idle Mode
272659 – 10
All other pins disconnected
Figure 8 ICC Test Condition Power Down Mode
VCC e 20V to 60V
272659 – 11
Figure 9 Clock Signal Waveform for ICC Tests in Active and Idle Modes TCLCH e TCHCL e 5ns
10


Similar Part No. - 8XC51RB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
8XC51RB PHILIPS-8XC51RB Datasheet
348Kb / 55P
   8-bit CMOS (low voltage, low power and high speed) microcontroller families
1999 Apr 01
8XC51RB++ PHILIPS-8XC51RB+ Datasheet
355Kb / 56P
   80C51 8-bit microcontroller family 8K-4K/256-1K OTP/ROM/ROMless, low voltage (2.7V-5.5V), low power, high speed (33 MHz)
2000 Aug 07
8XC51RB++ NXP-8XC51RB+ Datasheet
238Kb / 32P
   80C51 8-bit microcontroller family 128/256 byte RAM ROMless low voltage (2.7 V–5.5 V), low power, high speed (33 MHz)
2000 Aug 07
More results

Similar Description - 8XC51RB

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
8XC51GB INTEL-8XC51GB Datasheet
311Kb / 22P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
80C31BH INTEL-80C31BH Datasheet
229Kb / 16P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
8XC52 INTEL-8XC52 Datasheet
317Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
80C52 INTEL-80C52 Datasheet
312Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
87C51FA INTEL-87C51FA Datasheet
279Kb / 18P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
TD87C54 INTEL-TD87C54 Datasheet
312Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
EN80C321SF88 INTEL-EN80C321SF88 Datasheet
1Mb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
M80C51FB INTEL-M80C51FB Datasheet
184Kb / 12P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
EE87C51FB1SF76 INTEL-EE87C51FB1SF76 Datasheet
256Kb / 18P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
87C51FA INTEL-87C51FA Datasheet
279Kb / 18P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com