Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC1G14 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74LVC1G14
Description  Single Schmitt-trigger inverter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC1G14 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74LVC1G14 Datasheet HTML 5Page - NXP Semiconductors 74LVC1G14 Datasheet HTML 6Page - NXP Semiconductors 74LVC1G14 Datasheet HTML 7Page - NXP Semiconductors 74LVC1G14 Datasheet HTML 8Page - NXP Semiconductors 74LVC1G14 Datasheet HTML 9Page - NXP Semiconductors 74LVC1G14 Datasheet HTML 10Page - NXP Semiconductors 74LVC1G14 Datasheet HTML 11Page - NXP Semiconductors 74LVC1G14 Datasheet HTML 12Page - NXP Semiconductors 74LVC1G14 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
2004 Sep 10
9
Philips Semiconductors
Product specification
Single Schmitt-trigger inverter
74LVC1G14
AC CHARACTERISTICS
GND = 0 V; tr =tf ≤ 2.0 ns.
AC WAVEFORMS
SYMBOL
PARAMETER
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
OTHER
VCC (V)
Tamb = −40 °C to +85 °C
tPHL/tPLH
propagation delay A to Y
see Figs 6 and 7
1.65 to 1.95
1.0
4.1
11.0
ns
2.3 to 2.7
0.7
2.8
6.5
ns
2.7
0.7
3.2
6.5
ns
3.0 to 3.6
0.7
3.0
5.5
ns
4.5 to 5.5
0.7
2.2
5.0
ns
Tamb = −40 °C to +125 °C
tPHL/tPLH
propagation delay A to Y
see Figs 6 and 7
1.65 to 1.95
1.0
14.0
ns
2.3 to 2.7
0.7
8.5
ns
2.7
0.7
8.5
ns
3.0 to 3.6
0.7
7.0
ns
4.5 to 5.5
0.7
6.5
ns
handbook, halfpage
MNA640
tPHL
tPLH
VM
VM
A input
Y output
GND
VI
VOH
VOL
Fig.6 Input A to output Y propagation delay times.
VCC
VM
INPUT
VI
tr =tf
1.65 V to 1.95 V
0.5
× VCC
VCC
≤ 2.0 ns
2.3 V to 2.7 V
0.5
× VCC
VCC
≤ 2.0 ns
2.7 V
1.5 V
2.7 V
≤ 2.5 ns
3.0 V to 3.6 V
1.5 V
2.7 V
≤ 2.5 ns
4.5 V to 5.5 V
0.5
× VCC
VCC
≤ 2.5 ns
VOL and VOH are typical output voltage drop that occur with the output load.


Similar Part No. - 74LVC1G14

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G14 NXP-74LVC1G14 Datasheet
99Kb / 16P
   Single Schmitt-trigger inverter
Rev. 07-18 July 2007
logo
Diodes Incorporated
74LVC1G14 DIODES-74LVC1G14 Datasheet
273Kb / 14P
   SINGLE SCHMITT-TRIGGER INVERETER
DS35123 Rev. 1 - 2
74LVC1G14 DIODES-74LVC1G14 Datasheet
300Kb / 13P
   SINGLE SCHMITT-TRIGGER INVERETER
logo
NXP Semiconductors
74LVC1G14 PHILIPS-74LVC1G14 Datasheet
368Kb / 20P
   Single Schmitt-trigger inverter
Rev. 12-6 August 2012
logo
Nexperia B.V. All right...
74LVC1G14 NEXPERIA-74LVC1G14 Datasheet
290Kb / 19P
   Single Schmitt-trigger inverter
Rev. 17 - 20 January 2022
More results

Similar Description - 74LVC1G14

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLU1G14 ONSEMI-NLU1G14_12 Datasheet
137Kb / 10P
   Single Schmitt-Trigger Inverter
July, 2012 ??Rev. 2
logo
Unisonic Technologies
U74AHCT1G14 UTC-U74AHCT1G14 Datasheet
198Kb / 4P
   SINGLE SCHMITT-TRIGGER INVERTER
logo
NXP Semiconductors
74LVC1G14 NXP-74LVC1G14 Datasheet
99Kb / 16P
   Single Schmitt-trigger inverter
Rev. 07-18 July 2007
logo
Texas Instruments
SN74AUC1G14-EP TI-SN74AUC1G14-EP Datasheet
158Kb / 9P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER INVERTER
SN74AUC1G14 TI-SN74AUC1G14 Datasheet
320Kb / 13P
[Old version datasheet]   SINGLE SCHMITT TRIGGER INVERTER
SN74LVC1G14 TI1-SN74LVC1G14_15 Datasheet
1Mb / 27P
[Old version datasheet]   Single Schmitt-Trigger Inverter
logo
Unisonic Technologies
U74LVC1G14 UTC-U74LVC1G14_V01 Datasheet
181Kb / 5P
   SINGLE SCHMITT-TRIGGER INVERTER
logo
Diodes Incorporated
74AHC1G14Q DIODES-74AHC1G14Q Datasheet
662Kb / 9P
   SINGLE SCHMITT-TRIGGER INVERTER
March 2022 Rev. 2 - 2
logo
NXP Semiconductors
74LVC1G14GW.125 NXP-74LVC1G14GW.125 Datasheet
368Kb / 20P
   Single Schmitt-trigger inverter
Rev. 12-6 August 2012
logo
ON Semiconductor
MC74VHC1G14 ONSEMI-MC74VHC1G14_13 Datasheet
121Kb / 6P
   Single Schmitt-Trigger Inverter
February, 2013 ??Rev. 19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com