Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APA2068KAI-TUL Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APA2068KAI-TUL
Description  Stereo 2.6W Audio Power Amplifier (with DC_Volume Control)
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA2068KAI-TUL Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APA2068KAI-TUL Datasheet HTML 1Page - Anpec Electronics Coropration APA2068KAI-TUL Datasheet HTML 2Page - Anpec Electronics Coropration APA2068KAI-TUL Datasheet HTML 3Page - Anpec Electronics Coropration APA2068KAI-TUL Datasheet HTML 4Page - Anpec Electronics Coropration APA2068KAI-TUL Datasheet HTML 5Page - Anpec Electronics Coropration APA2068KAI-TUL Datasheet HTML 6Page - Anpec Electronics Coropration APA2068KAI-TUL Datasheet HTML 7Page - Anpec Electronics Coropration APA2068KAI-TUL Datasheet HTML 8Page - Anpec Electronics Coropration APA2068KAI-TUL Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Jul., 2005
APA2068
www.anpec.com.tw
4
Electrical Characteristics (Cont.)
Operating Characteristics, SE mode. VDD=5V,TA=25°C, Gain=1V/V (unless otherwise noted)
APA2068
Symbol
Parameter
Test Condition
Min. Typ. Max.
Unit
THD=10%, RL=16
Ω, Fin=1kHz
220
THD=10%, RL=32
Ω, Fin=1kHz
120
THD=1%, RL=16
Ω, Fin=1kHz
160
PO
Maximum Output Power
THD=1%, RL=32
Ω, Fin=1kHz
95
mW
PO=125mW, RL=16
Ω, Fin=1kHz
0.09
THD+N Total Harmonic Distortion Plus
Noise
PO=65mW, RL=32
Ω, Fin=1kHz
0.09
%
PSRR Power Ripple Rejection Ratio
VIN=0.1Vrms, RL=8
Ω, CB=1µF,
Fin=120Hz
60
dB
Xtalk
Channel Separation
CB=1
µF, RL=32Ω, Fin=1kHz
60
dB
S/N
Signal to Noise Ratio
PO=75mW, SE, RL=32
Ω, A_wieght
100
dB
Pin Description
BY PASS 4
13 SE/BTL
VOLMAX 8
GND 5
15 VDD
LIN- 6
12 GND
SHUTDOWN 2
14 ROUT+
RIN- 3
16 ROUT-
11 LOUT+
10 VDD
VOLUME 7
MUTE 1
9
LOUT-
APA2068
Thermal Pad
(Connected to GND for better heat dissipation)
Pin Function Description
Pin
No.
Name
Config
Function Description
1
MUTE
I
Mute control signal input, hold low for normal operation, hold high
to mute.
2
SHUTDOWN
I
It will be into shutdown mode when pull low. ISD = 1
µA
3
RIN-
I
Right channel input terminal
4
BYPASS
I
Bias voltage generator
5,12
GND
-
Ground connection, Connected to thermal pad.
6
LIN-
I
Left channel input terminal
7
VOLUME
I
Input signal for internal volume gain setting.
8
VOLMAX
I
Setting the maximum output swing. Input a non-zero voltage (VC)
to this pin, the output voltage swing will be clamped between VOH
(the maximum positive value) - VC & VOL (the minimum negative
value) + VC. Disable this function when tie this pin to GND.
Maximum input voltage
≤ 1/2 VDD.


Similar Part No. - APA2068KAI-TUL

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA2068KAI-TRG ANPEC-APA2068KAI-TRG Datasheet
423Kb / 24P
   Stereo 2.6W Audio Power Amplifier (With DC_Volume Control)
APA2068KAI-TRL ANPEC-APA2068KAI-TRL Datasheet
423Kb / 24P
   Stereo 2.6W Audio Power Amplifier (With DC_Volume Control)
More results

Similar Description - APA2068KAI-TUL

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA2068 ANPEC-APA2068_12 Datasheet
423Kb / 24P
   Stereo 2.6W Audio Power Amplifier (With DC_Volume Control)
APA2069 ANPEC-APA2069_11 Datasheet
389Kb / 23P
   Stereo 2.6W Audio Power Amplifier (with DC_Volume Control)
logo
Unisonic Technologies
PA7469 UTC-PA7469 Datasheet
322Kb / 12P
   STEREO 2.6W AUDIO POWER AMPLIFIER WITH DC_VOLUME CONTROL)
logo
Anpec Electronics Corop...
APA2069 ANPEC-APA2069 Datasheet
464Kb / 26P
   Stereo 2.6W Audio Power Amplifier (with DC_Volume Control)
APA2030 ANPEC-APA2030 Datasheet
746Kb / 27P
   Stereo 2.6W Audio Amplifier(With Gain Control)
APA2065 ANPEC-APA2065 Datasheet
451Kb / 25P
   Stereo 2.7-W Audio Power Amplifier (with DC_Volume Control)
APA2030 ANPEC-APA2030_13 Datasheet
483Kb / 30P
   Stereo 2.6W Audio Amplifier (With Gain Control)
APA2120 ANPEC-APA2120 Datasheet
248Kb / 30P
   Stereo 2-W Audio Power Amplifier (with DC_Volume Control)
APA2120 ANPEC-APA2120_13 Datasheet
417Kb / 27P
   Stereo 2-W Audio Power Amplifier (with DC_Volume Control)
logo
Unisonic Technologies
PA7469 UTC-PA7469_15 Datasheet
322Kb / 12P
   STEREO 2.6W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com