Electronic Components Datasheet Search |
|
APL5523KAC-TR Datasheet(PDF) 10 Page - Anpec Electronics Coropration |
|
APL5523KAC-TR Datasheet(HTML) 10 Page - Anpec Electronics Coropration |
10 / 11 page Copyright ANPEC Electronics Corp. Rev. A.1 - July., 2004 APL5523 www.anpec.com.tw 10 R e lia b ility te s t p ro g ra m Te st ite m M e th o d D escrip tio n SO L D ER A B IL IT Y M IL -S TD -8 8 3 D -2 0 0 3 24 5 °C , 5 SE C H O LT M IL-S T D -8 8 3D -1 00 5 .7 10 00 H rs B ia s @ 1 25 °C PC T J ESD -2 2 - B, A1 0 2 1 6 8 Hrs , 1 0 0 % RH , 1 2 1 °C TST M IL -S TD -8 8 3 D -10 11 .9 -6 5 °C ~ 1 5 0°C , 20 0 C ycles E S D M IL -S T D -88 3 D -3 0 1 5.7 V H B M > 2K V, V M M > 2 0 0V L a tc h -U p J E S D 7 8 1 0 m s , I tr > 1 0 0 m A Carrier Tape A J B T2 T1 C t Ao E W Po P Ko Bo D1 D F P1 Application A B C J T1 T2 W P E 330 ±1 62 ± 1.5 12.75 + 0.1 5 2 + 0.5 12.4 +0.2 2 ± 0.2 12 + 0.3 - 0.1 8 ± 0.1 1.75 ± 0.1 F D D1 Po P1 Ao Bo Ko t SOP-8/P 5.5 ± 0.1 1.55±0.1 1.55+ 0.25 4.0 ± 0.1 2.0 ± 0.1 6.4 ± 0.1 5.2± 0.1 2.1 ± 0.1 0.3±0.013 (mm) |
Similar Part No. - APL5523KAC-TR |
|
Similar Description - APL5523KAC-TR |