Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLF861A Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BLF861A
Description  UHF power LDMOS transistor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF861A Datasheet(HTML) 4 Page - NXP Semiconductors

  BLF861A Datasheet HTML 1Page - NXP Semiconductors BLF861A Datasheet HTML 2Page - NXP Semiconductors BLF861A Datasheet HTML 3Page - NXP Semiconductors BLF861A Datasheet HTML 4Page - NXP Semiconductors BLF861A Datasheet HTML 5Page - NXP Semiconductors BLF861A Datasheet HTML 6Page - NXP Semiconductors BLF861A Datasheet HTML 7Page - NXP Semiconductors BLF861A Datasheet HTML 8Page - NXP Semiconductors BLF861A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
2001 Feb 09
4
Philips Semiconductors
Product specification
UHF power LDMOS transistor
BLF861A
APPLICATION INFORMATION
RF performance in a common source 860 MHz test circuit. Th =25 °C; Rth mb-h = 0.15 K/W; unless otherwise specified.
Note
1. Sync compression: input sync
≥ 33%; output sync 27% measured in an 860 MHz test circuit.
Ruggedness in class-AB operation
The BLF861A is capable of withstanding a load mismatch corresponding to VSWR = 10 : 1 through all phases under the
following conditions: VDS = 32 V; f = 860 MHz at rated load power.
The BLF861A is an improved version of the BLF861 on ruggedness and is capable to withstand abrupt source or load
mismatch errors under the nominal power condition.
MODE OF
OPERATION
f
(MHz)
VDS
(V)
IDQ
(A)
PL
(W)
Gp
(dB)
η
D
(%)
dIm
(dBc)
∆G
p
(dB)
CW; class-AB
860
32
1
150
>13.5
typ. 14.5
>50
−≤1
2-tone; class-AB
f1 = 860
f1 = 860.1
32
1
150 (PEP)
>14
>40
≤−25
PAL BG (TV); class-AB
860
(ch 69)
32
1
> 150
typ. 170
(peak sync)
>14
>40
note 1
handbook, halfpage
400
900
12
0
4
8
500
xi
ri
zi
(
Ω)
f (MHz)
600
700
800
MCD871
Fig.3
Input impedance as a function of frequency
(series components); typical push-pull
values.
CW, class-AB operation; VDS = 32 V; IDQ =1A;
PL = 170 W (total device); Th =25 °C.
handbook, halfpage
400
900
10
0
−5
5
500
600
700
800
f (MHz)
ZL
(
Ω)
MCD872
XL
RL
Fig.4
Load impedance as a function of frequency
(series components); typical push-pull
values.
CW, class-AB operation; VDS = 32 V; IDQ =1A;
PL = 170 W (total device); Th =25 °C.


Similar Part No. - BLF861A

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
BLF861A ASI-BLF861A Datasheet
18Kb / 1P
   UHF POWER LDMOS TRANSISTOR
logo
NXP Semiconductors
BLF861A NXP-BLF861A Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
logo
New Jersey Semi-Conduct...
BLF861A NJSEMI-BLF861A Datasheet
100Kb / 2P
   UHF power LDMOS transistor
logo
Quanzhou Jinmei Electro...
BLF861A_2015 JMNIC-BLF861A_2015 Datasheet
120Kb / 16P
   UHF power LDMOS transistor
More results

Similar Description - BLF861A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
BLC6G20-140 AD-BLC6G20-140 Datasheet
51Kb / 9P
   UHF power LDMOS transistor
logo
NXP Semiconductors
BLF881_1012 PHILIPS-BLF881_1012 Datasheet
202Kb / 18P
   UHF power LDMOS transistor
Rev. 3-7 December 2010
BLF3G21-6 NXP-BLF3G21-6 Datasheet
103Kb / 12P
   UHF power LDMOS transistor
Rev. 01-25 June 2008
BLF4G20LS-130 NXP-BLF4G20LS-130 Datasheet
85Kb / 11P
   UHF power LDMOS transistor
Rev. 01-1 June 2007
BLF4G22-130 NXP-BLF4G22-130 Datasheet
91Kb / 13P
   UHF power LDMOS transistor
Rev. 01-3 July 2007
BLF878 NXP-BLF878 Datasheet
147Kb / 18P
   UHF power LDMOS transistor
Rev. 01-15 December 2008
BLF647 PHILIPS-BLF647 Datasheet
127Kb / 16P
   UHF power LDMOS transistor
2001 Nov 27
BLF2047 PHILIPS-BLF2047 Datasheet
101Kb / 12P
   UHF power LDMOS transistor
1999 Dec 02
BLF2047L PHILIPS-BLF2047L Datasheet
103Kb / 12P
   UHF power LDMOS transistor
1999 Dec 06
BLF6G20-180P PHILIPS-BLF6G20-180P Datasheet
49Kb / 8P
   UHF power LDMOS transistor
Rev. 01-19 April 2006
BLF6G20-45 PHILIPS-BLF6G20-45 Datasheet
46Kb / 8P
   UHF power LDMOS transistor
Rev. 01-20 February 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com