Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

C8051F300 Datasheet(PDF) 34 Page - List of Unclassifed Manufacturers

Part No. C8051F300
Description  Mixed Signal ISP Flash MCU Family
Download  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

C8051F300 Datasheet(HTML) 34 Page - List of Unclassifed Manufacturers

Back Button C8051F300 Datasheet HTML 30Page - List of Unclassifed Manufacturers C8051F300 Datasheet HTML 31Page - List of Unclassifed Manufacturers C8051F300 Datasheet HTML 32Page - List of Unclassifed Manufacturers C8051F300 Datasheet HTML 33Page - List of Unclassifed Manufacturers C8051F300 Datasheet HTML 34Page - List of Unclassifed Manufacturers C8051F300 Datasheet HTML 35Page - List of Unclassifed Manufacturers C8051F300 Datasheet HTML 36Page - List of Unclassifed Manufacturers C8051F300 Datasheet HTML 37Page - List of Unclassifed Manufacturers C8051F300 Datasheet HTML 38Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 174 page
background image
C8051F300/1/2/3/4/5
34
Rev. 2.6
5.1.
Analog Multiplexer and PGA
The analog multiplexers (AMUX0) select the positive and negative inputs to the PGA, allowing any Port pin
to be measured relative to any other Port pin or GND. Additionally, the on-chip temperature sensor or the
positive power supply (VDD) may be selected as the positive PGA input. When GND is selected as the
negative input, ADC0 operates in Single-ended Mode; all other times, ADC0 operates in Differential
Mode. The ADC0 input channels are selected in the AMX0SL register as described in SFR Definition 5.1.
The conversion code format differs in Single-ended versus Differential modes, as shown below. When in
Single-ended Mode (negative input is selected GND), conversion codes are represented as 8-bit unsigned
integers. Inputs are measured from ‘0’ to VREF x 255/256. Example codes are shown below.
When in Differential Mode (negative input is not selected as GND), conversion codes are represented as
8-bit signed 2s complement numbers. Inputs are measured from –VREF to VREF x 127/128. Example
codes are shown below.
Important Note About ADC0 Input Configuration: Port pins selected as ADC0 inputs should be config-
ured as analog inputs and should be skipped by the Digital Crossbar. To configure a Port pin for analog
input, set to ‘0’ the corresponding bit in register P0MDIN. To force the Crossbar to skip a Port pin, set to ‘1’
the corresponding bit in register XBR0. See Section “12. Port Input/Output” on page 99 for more Port I/
O configuration details.
The PGA amplifies the AMUX0 output signal as defined by the AMP0GN1-0 bits in the ADC0 Configuration
register (SFR Definition 5.2). The PGA is software-programmable for gains of 0.5, 1, 2, or 4. The gain
defaults to 0.5 on reset.
5.2.
Temperature Sensor
The typical temperature sensor transfer function is shown in Figure 5.2. The output voltage (VTEMP) is the
positive PGA input when the temperature sensor is selected by bits AMX0P2-0 in register AMX0SL; this
voltage will be amplified by the PGA according to the user-programmed PGA settings.
Input Voltage
ADC0 Output (Conversion Code)
VREF x 255/256
0xFF
VREF x 128/256
0x80
VREF x 64/256
0x40
0
0x00
Input Voltage
ADC0 Output (Conversion Code)
VREF x 127/128
0x7F
VREF x 64/128
0x40
0
0x00
–VREF x 64/128
0xC0
–VREF
0x80


Similar Part No. - C8051F300

ManufacturerPart No.DatasheetDescription
Silicon Laboratories
Silicon Laboratories
C8051F300 SILABS-C8051F300 Datasheet
1Mb / 176P
   Mixed Signal ISP Flash MCU Family
C8051F300-GDI SILABS-C8051F300-GDI Datasheet
210Kb / 9P
   8 kB Flash, 8-Bit ADC MCU Die in Wafer Form
C8051F300-GM SILABS-C8051F300-GM Datasheet
976Kb / 179P
   Mixed Signal ISP Flash MCU Family
C8051F300-GS SILABS-C8051F300-GS Datasheet
976Kb / 179P
   Mixed Signal ISP Flash MCU Family
C8051F300 SILABS-C8051F300_08 Datasheet
976Kb / 179P
   Mixed Signal ISP Flash MCU Family
More results

Similar Description - C8051F300

ManufacturerPart No.DatasheetDescription
Silicon Laboratories
Silicon Laboratories
C8051F300 SILABS-C8051F300 Datasheet
1Mb / 176P
   Mixed Signal ISP Flash MCU Family
C8051F120 SILABS-C8051F120 Datasheet
2Mb / 356P
   Mixed Signal ISP Flash MCU Family
C8051F50X SILABS-C8051F50X Datasheet
2Mb / 312P
   Mixed Signal ISP Flash MCU Family
C8051F70X SILABS-C8051F70X Datasheet
1Mb / 290P
   Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X_14 Datasheet
1Mb / 275P
   Mixed Signal ISP Flash MCU Family
C8051F124-GQR SILABS-C8051F124-GQR Datasheet
1Mb / 350P
   Mixed Signal ISP Flash MCU Family
C8051F80X SILABS-C8051F80X Datasheet
1Mb / 250P
   Mixed Signal ISP Flash MCU Family
C8051F80X SILABS-C8051F80X_14 Datasheet
1Mb / 251P
   Mixed Signal ISP Flash MCU Family
C8051F040-GQR SILABS-C8051F040-GQR Datasheet
2Mb / 328P
   Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X Datasheet
3Mb / 276P
   Mixed Signal ISP Flash MCU Family
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz