Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM3019-00 Datasheet(PDF) 1 Page - California Micro Devices Corp

Part # CM3019-00
Description  Micropower, 500mA Low Noise CMOS LDO Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM3019-00 Datasheet(HTML) 1 Page - California Micro Devices Corp

  CM3019-00 Datasheet HTML 1Page - California Micro Devices Corp CM3019-00 Datasheet HTML 2Page - California Micro Devices Corp CM3019-00 Datasheet HTML 3Page - California Micro Devices Corp CM3019-00 Datasheet HTML 4Page - California Micro Devices Corp CM3019-00 Datasheet HTML 5Page - California Micro Devices Corp CM3019-00 Datasheet HTML 6Page - California Micro Devices Corp CM3019-00 Datasheet HTML 7Page - California Micro Devices Corp CM3019-00 Datasheet HTML 8Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
CALIFORNIA MICRO DEVICES
Preliminary
CM3019
© 2004 California Micro Devices Corp. All rights reserved
02/20/04
430 N. McCarthy Blvd, Milpitas, California 95035
Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
1
Micropower, 500mA Low Noise CMOS LDO Regulator
Features
• 500mA output current capability
• 500mA peak in SOT-23 package
• 500mA continuous in MSOP package
• 500mV maximum dropout voltage at full load
• Excellent line and load regulation
• Stable with any output capacitor
• Ultra low noise with optional bypass capacitor
• Fast power-up with bypass capacitor
• “Zero” current in Shutdown mode
• Thermal Overload Protection
• Foldback Current Limiting Protection
• Reverse current protection
Applications
Notebook, and palmtop computers
Cell phones and battery powered devices
Consumer and personal electronics
PC Card Vcc and Vpp regulation and switching
Table 1: CM3019 Regulator Family
Product
Output Voltage
CM3019-00
Adjustable
CM3019-12
1.2V
CM3019-15
1.5V
CM3019-18
1.8V
CM3019-25
2.5V
CM3019-28
2.8V
CM3019-30
3.0V
CM3019-33
3.3V
For other output voltages, please contact the factory
Product Description
The CM3019 is a CMOS linear voltage regulator with low
quiescent current, very low drop out voltage and better
than 1% initial output voltage accuracy.
The quiescent current is typically 150µA at light loads and
only 165µA at 500mA. This is 5% more efficient than
equivalent Bi-CMOS devices that can waste up to 25mA at
500mA.
Load regulation is maintained for peak currents up to
500mA. This is useful for supplying inrush currents during
power-up and transient conditions. Continuous output
current is limited by package type and board layout.
A dedicated control input (EN, Active High) has been
included for power-up sequencing flexibility. When this
input is taken low, the regulator is disabled. In this state,
the supply current will drop to near zero.
The device also features reverse current protection. This
protects the device by blocking the pass transistors
parasitic diode when the output voltage is forced higher
than the input.
For low noise performance and increased power supply
ripple rejection a noise bypass capacitor can be connected
to the BYP pin. Connecting this capacitor will not
significantly delay the speed of power-up.
The CM3019 is fully protected, offering both overload
current limiting and high temperature thermal shutdown.
To reduce board cost and layout size the CM3019 was
designed to be stable with or without any output capacitor.
This includes tiny, low ESR ceramic capacitors.
Housed in a low profile MSOP8 package, or a SOT23-
5/SOT23-6,
the
device
is
ideal
for
space
critical
applications.
Typical Application Circuit
Block Diagram


Similar Part No. - CM3019-00

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CM3010 ETC1-CM3010 Datasheet
253Kb / 12P
   LoRaWAN??ACM
logo
Chicago Miniature Lamp,...
CM3011 CML-CM3011 Datasheet
220Kb / 1P
   S-8 Double Contact Bayonet Base
logo
Visual Communications C...
CM3011 VCC-CM3011 Datasheet
33Kb / 1P
   Contact Bayonet Base
logo
California Micro Device...
CM3014 CALMIRCO-CM3014 Datasheet
250Kb / 10P
   MICROPOWER, 150MA LOW DROPOUT CMOS REGULATOR
CM3014-15ST CALMIRCO-CM3014-15ST Datasheet
250Kb / 10P
   MICROPOWER, 150MA LOW DROPOUT CMOS REGULATOR
More results

Similar Description - CM3019-00

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM3016-48 CALMIRCO-CM3016-48 Datasheet
216Kb / 10P
   Micropower, 4.75V/500mA Low Noise CMOS LDO Regulator
logo
Seaward Electronics Inc...
SE3335 SEAWARD-SE3335 Datasheet
167Kb / 5P
   500mA Low Noise CMOS LDO Regulator
logo
Linear Technology
LT1763 LINER-LT1763 Datasheet
278Kb / 16P
   500mA, Low Noise, LDO Micropower Regulators
LT1763 LINER-LT1763_1 Datasheet
275Kb / 20P
   500mA, Low Noise, LDO Micropower Regulators
LT1763 LINER-LT1763_10 Datasheet
1Mb / 22P
   500mA, Low Noise, LDO Micropower Regulators
LT1763 LINER-LT1763_15 Datasheet
1Mb / 22P
   500mA, Low Noise, LDO Micropower Regulators
logo
BCD Semiconductor Manuf...
AP2213 BCDSEMI-AP2213_09 Datasheet
754Kb / 22P
   500mA LOW NOISE LDO REGULATOR
AP2213 BCDSEMI-AP2213 Datasheet
292Kb / 21P
   500mA LOW NOISE LDO REGULATOR
logo
Micrel Semiconductor
MIC5209YM-TR MICREL-MIC5209YM-TR Datasheet
1Mb / 13P
   500mA Low-Noise LDO Regulator
MIC5209 MICREL-MIC5209 Datasheet
91Kb / 13P
   500mA Low-Noise LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com