Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC081S101CIMM Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DAC081S101CIMM
Description  8-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DAC081S101CIMM Datasheet(HTML) 4 Page - National Semiconductor (TI)

  DAC081S101CIMM Datasheet HTML 1Page - National Semiconductor (TI) DAC081S101CIMM Datasheet HTML 2Page - National Semiconductor (TI) DAC081S101CIMM Datasheet HTML 3Page - National Semiconductor (TI) DAC081S101CIMM Datasheet HTML 4Page - National Semiconductor (TI) DAC081S101CIMM Datasheet HTML 5Page - National Semiconductor (TI) DAC081S101CIMM Datasheet HTML 6Page - National Semiconductor (TI) DAC081S101CIMM Datasheet HTML 7Page - National Semiconductor (TI) DAC081S101CIMM Datasheet HTML 8Page - National Semiconductor (TI) DAC081S101CIMM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Electrical Characteristics (Continued)
Values shown in this table are design targets and are subject to change before product release. The following specifica-
tions apply for V
A = +2.7V to +5.5V, RL =2k
Ω to GND, C
L = 200 pF to GND, fSCLK = 30 MHz, input code range 4 to 251.
Boldface limits apply for T
MIN
≤ T
A
≤ T
MAX: all other limits TA = 25˚C, unless otherwise specified.
Symbol
Parameter
Conditions
Typical
(Note 9)
Limits
(Note 9)
Units
(Limits)
I
OS
Output Short Circuit Current
V
A = 5V, VOUT = 0V,
Input code = FFh
−63
mA
V
A = 3V, VOUT = 0V,
Input code = FFh
−50
mA
V
A = 5V, VOUT = 5V,
Input code = 00h
74
mA
V
A = 3V, VOUT = 3V,
Input code = 00h
53
mA
LOGIC INPUT
I
IN
Input Current (Note 10)
±1
µA (max)
V
IL
Input Low Voltage (Note 10)
V
A =5V
0.8
V (max)
V
A =3V
0.5
V (max)
V
IH
Input High Voltage (Note 10)
V
A =5V
2.4
V (min)
V
A =3V
2.1
V (min)
C
IN
Input Capacitance (Note 10)
3
pF (max)
POWER REQUIREMENTS
I
A
Supply Current (output
unloaded)
Normal Mode
f
SCLK =30MHz
V
A = 5.5V
256
328
µA (max)
V
A = 3.6V
174
224
µA (max)
Normal Mode
f
SCLK =20MHz
V
A = 5.5V
221
294
µA (max)
V
A = 3.6V
154
200
µA (max)
Normal Mode
f
SCLK =0
V
A = 5.0V
142
µA (max)
V
A = 3.0V
107
µA (max)
All PD Modes,
f
SCLK =30MHz
V
A = 5.0V
83
µA (max)
V
A = 3.0V
42
µA (max)
All PD Modes,
f
SCLK =20MHz
V
A = 5.0V
56
µA (max)
V
A = 3.0V
28
µA (max)
All PD Modes,
f
SCLK = 0 (Note 10)
V
A = 5.5V
0.06
1.0
µA (max)
V
A = 3.6V
0.04
1.0
µA (max)
P
C
Power Consumption (output
unloaded)
Normal Mode
f
SCLK =30MHz
V
A = 5.5V
1.41
1.80
mW (max)
V
A = 3.6V
0.63
0.81
mW (max)
Normal Mode
f
SCLK =20MHz
V
A = 5.5V
1.22
1.62
mW (max)
V
A = 3.6V
0.55
0.72
mW (max)
Normal Mode
f
SCLK =0
V
A = 5.0V
0.71
µW (max)
V
A = 3.0V
0.32
µW (max)
All PD Modes,
f
SCLK =30MHz
V
A = 5.0V
0.42
µW (max)
V
A = 3.0V
0.13
µW (max)
All PD Modes,
f
SCLK =20MHz
V
A = 5.0V
0.28
µW (max)
V
A = 3.0V
0.08
µW (max)
All PD Modes,
f
SCLK = 0 (Note 10)
V
A = 5.5V
0.33
5.5
µW (max)
V
A = 3.6V
0.14
3.6
µW (max)
I
OUT /IA
Power Efficiency
I
LOAD = 2mA
V
A =5V
91
%
V
A =3V
94
%
www.national.com
4


Similar Part No. - DAC081S101CIMM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC081S101CIMM/NOPB TI1-DAC081S101CIMM/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   DAC081S101 8-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC081S101CIMMX/NOPB TI1-DAC081S101CIMMX/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   DAC081S101 8-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
More results

Similar Description - DAC081S101CIMM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DAC084S085 NSC-DAC084S085 Datasheet
832Kb / 18P
   8-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
DAC081S101 TI1-DAC081S101_15 Datasheet
1Mb / 29P
[Old version datasheet]   DAC081S101 8-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
logo
National Semiconductor ...
DAC082S085 NSC-DAC082S085 Datasheet
870Kb / 19P
   8-Bit Micro Power DUAL Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
DAC081S101 TI-DAC081S101 Datasheet
1Mb / 28P
[Old version datasheet]   DAC081S101 8-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
11696 TI-11696 Datasheet
913Kb / 19P
[Old version datasheet]   12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
logo
National Semiconductor ...
DAC121S101 NSC-DAC121S101 Datasheet
907Kb / 19P
   12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC101S101 NSC-DAC101S101 Datasheet
905Kb / 19P
   10-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC121S101QML NSC-DAC121S101QML_10 Datasheet
520Kb / 24P
   12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
DAC082S085 TI1-DAC082S085_16 Datasheet
1Mb / 31P
[Old version datasheet]   DAC082S085 8-Bit Micro Power DUAL Digital-to-Analog Converter With Rail-to-Rail Output
DAC104S085 TI-DAC104S085 Datasheet
1Mb / 29P
[Old version datasheet]   10-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com