Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELM7S00 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # ELM7S00
Description  CMOS LOGIC IC
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ELM7S00 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  ELM7S00 Datasheet HTML 1Page - List of Unclassifed Manufacturers ELM7S00 Datasheet HTML 2Page - List of Unclassifed Manufacturers ELM7S00 Datasheet HTML 3Page - List of Unclassifed Manufacturers ELM7S00 Datasheet HTML 4Page - List of Unclassifed Manufacturers ELM7S00 Datasheet HTML 5Page - List of Unclassifed Manufacturers ELM7S00 Datasheet HTML 6Page - List of Unclassifed Manufacturers ELM7S00 Datasheet HTML 7Page - List of Unclassifed Manufacturers ELM7S00 Datasheet HTML 8Page - List of Unclassifed Manufacturers ELM7S00 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
17
CMOS LOGIC IC ELM7S00,ELM7S00B 2-input NAND Gate
TEST CIRCUIT
* Output should be opened when measuring current consumption.
6 ns
6 ns
tPHL
tTHL
tTLH
90%
50%
10%
90%
tPLH
50%
10%
90%
50%
10%
10%
50%
90%
INPUT
OUTPUT
GND
VCC
VOH
VOL
P u l s e
O s c i l l a t o r
V C C
I N P U T
C L
O U T P U T
50Ω
MEASURED WAVE PATTERN
Parameter
Sym.
VCC Min. Typ. Max.
Min.
Max.
Units Conditions
2.0
-
18
125
-
155
tTLH
4.5
-
7
25
-
31
ns
High-Output
6.0
-
6
21
-
26
Refer to
Down-time
2.0
-
14
125
-
155
test circuit
tTHL
4.5
-
6
25
-
31
ns
6.0
-
6
21
-
26
2.0
-
16
100
-
125
tPLH
4.5
-
8
20
-
25
ns
Propagation
6.0
-
7
17
-
21
Refer to
Delay-time
2.0
-
16
100
-
125
test circuit
tPHL
4.5
-
6
20
-
25
ns
6.0
-
5
17
-
21
Input Capacity
CIN
-
-
5
10
-
10
pF
Equivalent Inner Capacity
CPD
-
-
10
-
-
-
pF
Top = -40∼+85℃
Top = 25℃
( CL=50pF, tr=tf=6ns )
* CPD is IC's inner equivalent capacity which is calculated from non-loaded operating current consumption
referred to following test circuit. Averaged operating current consumption at non-load is calculated as
following formula
;
ICC (opr) = CPD ・ VCC ・ fIN + ICC


Similar Part No. - ELM7S00

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM7S00B ELM-TECH-ELM7S00B Datasheet
596Kb / 3P
   CMOS LOGIC IC 2-input NAND gate
logo
ELM Electronics
ELM7S00B ELM-ELM7S00B Datasheet
325Kb / 3P
   2-input NAND gate
logo
ELM Technology Corporat...
ELM7S00B ELM-TECH-ELM7S00B_17 Datasheet
603Kb / 3P
   CMOS LOGIC IC ELM7S00B 2-input NAND gate
More results

Similar Description - ELM7S00

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM7SU04B ELM-ELM7SU04B Datasheet
322Kb / 3P
   CMOS LOGIC IC
ELM7SU04BW ELM-ELM7SU04BW Datasheet
327Kb / 3P
   CMOS LOGIC IC
logo
ELM Technology Corporat...
ELM7S04B ELM-TECH-ELM7S04B Datasheet
276Kb / 3P
   CMOS LOGIC IC Inverter
logo
ELM Electronics
ELM7SH08XB ELM-ELM7SH08XB Datasheet
320Kb / 3P
   HIGH SPEED CMOS LOGIC IC
ELM7SH32XB ELM-ELM7SH32XB Datasheet
318Kb / 3P
   HIGH SPEED CMOS LOGIC IC
ELM7SH86XB ELM-ELM7SH86XB Datasheet
320Kb / 3P
   HIGH SPEED CMOS LOGIC IC
logo
ELM Technology Corporat...
ELM7S14B ELM-TECH-ELM7S14B Datasheet
277Kb / 3P
   CMOS LOGIC IC Schmitt Inverter
logo
ELM Electronics
ELM7SH125XA ELM-ELM7SH125XA Datasheet
398Kb / 4P
   HIGH SPEED CMOS LOGIC IC
logo
ELM Technology Corporat...
ELM7SU04B ELM-TECH-ELM7SU04B Datasheet
276Kb / 3P
   CMOS LOGIC IC Unbuffer Inverter
logo
ELM Electronics
ELM7SH14XB ELM-ELM7SH14XB Datasheet
322Kb / 3P
   HIGH SPEED CMOS LOGIC IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com