Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELM7S02B Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ELM7S02B
Description  CMOS LOGIC IC
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ELM7S02B Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ELM7S02B Datasheet HTML 1Page - List of Unclassifed Manufacturers ELM7S02B Datasheet HTML 2Page - List of Unclassifed Manufacturers ELM7S02B Datasheet HTML 3Page - List of Unclassifed Manufacturers ELM7S02B Datasheet HTML 4Page - List of Unclassifed Manufacturers ELM7S02B Datasheet HTML 5Page - List of Unclassifed Manufacturers ELM7S02B Datasheet HTML 6Page - List of Unclassifed Manufacturers ELM7S02B Datasheet HTML 7Page - List of Unclassifed Manufacturers ELM7S02B Datasheet HTML 8Page - List of Unclassifed Manufacturers ELM7S02B Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
13
ELM7Sxx,ELM7SxxB
ELM7Sxx,ELM7SxxB
ELM7Sxx,ELM7SxxB
ELM7Sxx,ELM7SxxB
ELM7Sxx,ELM7SxxB SERIES CMOS LOGIC IC
GENERAL DESCRIPTION
ELM7Sxx,ELM7SxxB Series are CMOS ICs. They realize a high speed operation similar to LS-TTL with a
lower power consumption by CMOS features. An inner circuit structure of 3-stages logic gates obtains wider
noise immunity and constant output.
ELM7S66,ELM7S66B are CMOS analog switches. They realize a high speed operation with a low power
consumption by CMOS features. With a low on resistance and a high transmission rate, they realize a wider
input voltage range.
FEATURES
Very small
SOT-25 (2.9×1.6×1.1mm) 5 - pin package
SOT-26 (2.9×1.6×1.1mm) 6 - pin package
Same electrical characteristics as 74HC Series
Power voltage range
: 2.0 ∼ 6.0V
Operation temp. range
: -40 ∼+85℃
| IOH | = IOL = 2mA (min)
SERIES
Function
NAND
AND
NOR
OR
Diagram
(TOP VIEW)
Product
ELM7S00
ELM7S00B
ELM7S08
ELM7S08B
ELM7S02
ELM7S02B
ELM7S32
ELM7S32B
Function
INV
UNB. INV
UNB. INV×2
EX OR
Diagram
(TOP VIEW)
Product
ELM7S04
ELM7S04B
ELM7SU04
ELM7SU04B
ELM7SU04W
ELM7SU04BW
ELM7S86
ELM7S86B
Function
ANALOG SW
SMT. INV
Diagram
(TOP VIEW)
Product
ELM7S66
ELM7S66B
ELM7S14
ELM7S14B
GND
VCC
GND
VCC
VCC
GND
VCC
GND
VCC
GND
VCC
GND
VCC
GND
VCC
GND
VCC
GND
VCC
GND


Similar Part No. - ELM7S02B

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM7S02B ELM-TECH-ELM7S02B Datasheet
276Kb / 3P
   CMOS LOGIC IC 2-input NOR gate
logo
ELM Electronics
ELM7S02B ELM-ELM7S02B Datasheet
325Kb / 3P
   2-input NOR gate
logo
ELM Technology Corporat...
ELM7S02B ELM-TECH-ELM7S02B_17 Datasheet
603Kb / 3P
   CMOS LOGIC IC ELM7S02B 2-input NOR gate
More results

Similar Description - ELM7S02B

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM7SU04B ELM-ELM7SU04B Datasheet
322Kb / 3P
   CMOS LOGIC IC
ELM7SU04BW ELM-ELM7SU04BW Datasheet
327Kb / 3P
   CMOS LOGIC IC
logo
ELM Technology Corporat...
ELM7S04B ELM-TECH-ELM7S04B Datasheet
276Kb / 3P
   CMOS LOGIC IC Inverter
logo
ELM Electronics
ELM7SH08XB ELM-ELM7SH08XB Datasheet
320Kb / 3P
   HIGH SPEED CMOS LOGIC IC
ELM7SH32XB ELM-ELM7SH32XB Datasheet
318Kb / 3P
   HIGH SPEED CMOS LOGIC IC
ELM7SH86XB ELM-ELM7SH86XB Datasheet
320Kb / 3P
   HIGH SPEED CMOS LOGIC IC
logo
ELM Technology Corporat...
ELM7S14B ELM-TECH-ELM7S14B Datasheet
277Kb / 3P
   CMOS LOGIC IC Schmitt Inverter
logo
ELM Electronics
ELM7SH125XA ELM-ELM7SH125XA Datasheet
398Kb / 4P
   HIGH SPEED CMOS LOGIC IC
logo
ELM Technology Corporat...
ELM7SU04B ELM-TECH-ELM7SU04B Datasheet
276Kb / 3P
   CMOS LOGIC IC Unbuffer Inverter
logo
ELM Electronics
ELM7SH14XB ELM-ELM7SH14XB Datasheet
322Kb / 3P
   HIGH SPEED CMOS LOGIC IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com