Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT28C010HT14A-15T Datasheet(PDF) 3 Page - Catalyst Semiconductor

Part # CAT28C010HT14A-15T
Description  1024K-Bit CMOS PARALLEL E2PROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT28C010HT14A-15T Datasheet(HTML) 3 Page - Catalyst Semiconductor

  CAT28C010HT14A-15T Datasheet HTML 1Page - Catalyst Semiconductor CAT28C010HT14A-15T Datasheet HTML 2Page - Catalyst Semiconductor CAT28C010HT14A-15T Datasheet HTML 3Page - Catalyst Semiconductor CAT28C010HT14A-15T Datasheet HTML 4Page - Catalyst Semiconductor CAT28C010HT14A-15T Datasheet HTML 5Page - Catalyst Semiconductor CAT28C010HT14A-15T Datasheet HTML 6Page - Catalyst Semiconductor CAT28C010HT14A-15T Datasheet HTML 7Page - Catalyst Semiconductor CAT28C010HT14A-15T Datasheet HTML 8Page - Catalyst Semiconductor CAT28C010HT14A-15T Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Advanced Information
CAT28C010
3
Doc. No. 25093-00 7/99 P-1
D.C. OPERATING CHARACTERISTICS
VCC = 5V
±10%, unless otherwise specified.
Limits
Symbol
Parameter
Min.
Typ.
Max.
Units
Test Conditions
ICC
VCC Current (Operating, TTL)
40
mA
CE = OE = VIL, f=6MHz
All I/O’s Open
ICCC(5)
VCC Current (Operating, CMOS)
25
mA
CE = OE = VILC, f=6MHz
All I/O’s Open
ISB
VCC Current (Standby, TTL)
3
mA
CE = VIH, All I/O’s Open
ISBC(6)
VCC Current (Standby, CMOS)
200
µA
CE = VIHC,
All I/O’s Open
ILI
Input Leakage Current
-10
10
µAVIN = GND to VCC
ILO
Output Leakage Current
-10
10
µAVOUT = GND to VCC,
CE = VIH
VIH(6)
High Level Input Voltage
2
VCC +0.3
V
VIL(5)
Low Level Input Voltage
-1
0.8
V
VOH
High Level Output Voltage
2.4
V
IOH = –400
µA
VOL
Low Level Output Voltage
0.4
V
IOL = 2.1mA
VWI
Write Inhibit Voltage
3.5
V
*COMMENT
Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
These are stress ratings only, and functional operation
of the device at these or any other conditions outside of
those listed in the operational sections of this specifica-
tion is not implied. Exposure to any absolute maximum
rating for extended periods may affect device perfor-
mance and reliability.
ABSOLUTE MAXIMUM RATINGS*
Temperature Under Bias ................. –55
°C to +125°C
Storage Temperature ....................... –65
°C to +150°C
Voltage on Any Pin with
Respect to Ground(2) ........... –2.0V to +VCC + 2.0V
VCC with Respect to Ground ............... –2.0V to +7.0V
Package Power Dissipation
Capability (Ta = 25
°C)................................... 1.0W
Lead Soldering Temperature (10 secs) ............ 300
°C
Output Short Circuit Current(3) ........................ 100 mA
RELIABILITY CHARACTERISTICS
Symbol
Parameter
Min.
Max.
Units
Test Method
NEND(1)
Endurance
104 or 105
Cycles/Byte
MIL-STD-883, Test Method 1033
TDR(1)
Data Retention
100
Years
MIL-STD-883, Test Method 1008
VZAP(1)
ESD Susceptibility
2000
Volts
MIL-STD-883, Test Method 3015
ILTH(1)(4)
Latch-Up
100
mA
JEDEC Standard 17
Note:
(1) This parameter is tested initially and after a design or process change that affects the parameter.
(2) The minimum DC input voltage is –0.5V. During transitions, inputs may undershoot to –2.0V for periods of less than 20 ns. Maximum DC
voltage on output pins is VCC +0.5V, which may overshoot to VCC +2.0V for periods of less than 20 ns.
(3) Output shorted for no more than one second. No more than one output shorted at a time.
(4) Latch-up protection is provided for stresses up to 100mA on address and data pins from –1V to VCC +1V.
(5) VILC = –0.3V to +0.3V.
(6) VIHC = VCC –0.3V to VCC +0.3V.


Similar Part No. - CAT28C010HT14A-15T

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT28C161P-17TE13 CATALYST-CAT28C161P-17TE13 Datasheet
160Kb / 12P
   Supervisory Circuits with SPI Serial E2PROM, Precision Reset Controller and Watchdog Timer
CAT28C161P-25TE13 CATALYST-CAT28C161P-25TE13 Datasheet
160Kb / 12P
   Supervisory Circuits with SPI Serial E2PROM, Precision Reset Controller and Watchdog Timer
CAT28C161P-28TE13 CATALYST-CAT28C161P-28TE13 Datasheet
160Kb / 12P
   Supervisory Circuits with SPI Serial E2PROM, Precision Reset Controller and Watchdog Timer
CAT28C161P-30TE13 CATALYST-CAT28C161P-30TE13 Datasheet
160Kb / 12P
   Supervisory Circuits with SPI Serial E2PROM, Precision Reset Controller and Watchdog Timer
CAT28C161P-42TE13 CATALYST-CAT28C161P-42TE13 Datasheet
160Kb / 12P
   Supervisory Circuits with SPI Serial E2PROM, Precision Reset Controller and Watchdog Timer
More results

Similar Description - CAT28C010HT14A-15T

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT28C64BJ-12 CATALYST-CAT28C64BJ-12 Datasheet
57Kb / 12P
   64K-Bit CMOS PARALLEL E2PROM
CAT28HT256 CATALYST-CAT28HT256 Datasheet
218Kb / 10P
   256K-Bit CMOS PARALLEL E2PROM
CAT28LV65 CATALYST-CAT28LV65 Datasheet
79Kb / 10P
   64K-Bit CMOS PARALLEL E2PROM
CAT28LV256 CATALYST-CAT28LV256 Datasheet
53Kb / 10P
   256K-Bit CMOS PARALLEL E2PROM
CAT28C512 CATALYST-CAT28C512 Datasheet
97Kb / 10P
   512K-Bit CMOS PARALLEL E2PROM
CAT28C17A CATALYST-CAT28C17A Datasheet
59Kb / 8P
   16K-Bit CMOS PARALLEL E2PROM
CAT28C257 CATALYST-CAT28C257 Datasheet
75Kb / 10P
   256K-Bit CMOS PARALLEL E2PROM
CAT28HT64 CATALYST-CAT28HT64 Datasheet
219Kb / 10P
   64K-Bit CMOS PARALLEL E2PROM
CAT28LV64 CATALYST-CAT28LV64 Datasheet
78Kb / 10P
   64K-Bit CMOS PARALLEL E2PROM
CAT28C16A CATALYST-CAT28C16A Datasheet
54Kb / 8P
   16K-Bit CMOS PARALLEL E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com