Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELM7SU04BW Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # ELM7SU04BW
Description  CMOS LOGIC IC
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ELM7SU04BW Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button ELM7SU04BW Datasheet HTML 2Page - List of Unclassifed Manufacturers ELM7SU04BW Datasheet HTML 3Page - List of Unclassifed Manufacturers ELM7SU04BW Datasheet HTML 4Page - List of Unclassifed Manufacturers ELM7SU04BW Datasheet HTML 5Page - List of Unclassifed Manufacturers ELM7SU04BW Datasheet HTML 6Page - List of Unclassifed Manufacturers ELM7SU04BW Datasheet HTML 7Page - List of Unclassifed Manufacturers ELM7SU04BW Datasheet HTML 8Page - List of Unclassifed Manufacturers ELM7SU04BW Datasheet HTML 9Page - List of Unclassifed Manufacturers ELM7SU04BW Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
18
DESCRIPTION
ELM7S08,ELM7S08B are CMOS 2-input AND gate ICs. They realize a high speed operation similar to LS-
TTL with a lower power consumption by CMOS features. An inner circuit structure of 3-stages logic gates
obtains wider noise immunity and constant output.
FEATURES
Package
: SOT-25 package
Same electrical characteristics as 74HC Series
Power voltage range
: 2.0 ∼ 6.0V
Operation temp. range
: -40 ∼ +85℃
| IOH | = IOL = 2mA (min)
MAXIMUM ABSOLUTE RATINGS
Parameter
Symbol
Value
Units
Power Voltage
VCC
-0.5∼+7.0
V
Input Voltage
VIN
-0.5∼VCC+0.5
V
Output Voltage
VOUT
-0.5∼VCC+0.5
V
Input Protection Diode Current
IIK
±20
mA
Output Parasitic Diode Current
IOK
±20
mA
Output Current
IOUT
±25
mA
VCC/GND Current
ICC, IGND
±25
mA
Power Dissipation
Pd
200
mW
Storage Temp.
Tstg
-65∼+150
ELM7S08,ELM7S08B
ELM7S08,ELM7S08B
ELM7S08,ELM7S08B
ELM7S08,ELM7S08B
ELM7S08,ELM7S08B 2-input AND Gate
MARKING
PIN CONFIGURATION
Pin No.
Pin Name
1INB
2INA
3GND
4OUTX
5VCC
Output
INA
INB
OUTX
Low
Low
Low
Low
High
Low
High
Low
Low
High
High
High
Input
No.
Mark
Contents
E
ELM7Sxx, ELM7Sxx series
2
ELM7S08, ELM7S08B
A∼M (excepted I)
Lot No.
SOT-25
①② ③
TOP VIEW
12
3
54


Similar Part No. - ELM7SU04BW

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM7SU04BW ELM-TECH-ELM7SU04BW Datasheet
278Kb / 3P
   CMOS LOGIC IC Unbuffer Inverter횞2
logo
ELM Electronics
ELM7SU04BW ELM-ELM7SU04BW Datasheet
327Kb / 3P
   CMOS LOGIC IC
logo
ELM Technology Corporat...
ELM7SU04BW ELM-TECH-ELM7SU04BW_17 Datasheet
602Kb / 3P
   CMOS LOGIC IC ELM7SU04BW Unbuffer Inverter횞2
More results

Similar Description - ELM7SU04BW

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM7SU04B ELM-ELM7SU04B Datasheet
322Kb / 3P
   CMOS LOGIC IC
ELM7SU04BW ELM-ELM7SU04BW Datasheet
327Kb / 3P
   CMOS LOGIC IC
logo
ELM Technology Corporat...
ELM7S04B ELM-TECH-ELM7S04B Datasheet
276Kb / 3P
   CMOS LOGIC IC Inverter
logo
ELM Electronics
ELM7SH08XB ELM-ELM7SH08XB Datasheet
320Kb / 3P
   HIGH SPEED CMOS LOGIC IC
ELM7SH32XB ELM-ELM7SH32XB Datasheet
318Kb / 3P
   HIGH SPEED CMOS LOGIC IC
ELM7SH86XB ELM-ELM7SH86XB Datasheet
320Kb / 3P
   HIGH SPEED CMOS LOGIC IC
logo
ELM Technology Corporat...
ELM7S14B ELM-TECH-ELM7S14B Datasheet
277Kb / 3P
   CMOS LOGIC IC Schmitt Inverter
logo
ELM Electronics
ELM7SH125XA ELM-ELM7SH125XA Datasheet
398Kb / 4P
   HIGH SPEED CMOS LOGIC IC
logo
ELM Technology Corporat...
ELM7SU04B ELM-TECH-ELM7SU04B Datasheet
276Kb / 3P
   CMOS LOGIC IC Unbuffer Inverter
logo
ELM Electronics
ELM7SH14XB ELM-ELM7SH14XB Datasheet
322Kb / 3P
   HIGH SPEED CMOS LOGIC IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com