Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FC7113 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # FC7113
Description  Power Amplifier Module for CDMA/AMPS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FC7113 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  FC7113 Datasheet HTML 1Page - List of Unclassifed Manufacturers FC7113 Datasheet HTML 2Page - List of Unclassifed Manufacturers FC7113 Datasheet HTML 3Page - List of Unclassifed Manufacturers FC7113 Datasheet HTML 4Page - List of Unclassifed Manufacturers FC7113 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
FC7113
Power Amplifier Module for CDMA/AMPS
Preliminary
5 / 5
Last Update 12/30/04
Future
Communications
Integrated circuit Inc.
PACKAGE OUTLINE AND DIMENSIONS
0.52±0.04
1.32±0.1
SIDE VIEW
BOTTOM VIEW
3±0.05
PIN 1 INDICATOR
TOP VIEW
3±0.05
4
5
2
3
7
6
8
0.8
0.225
1.5
0.4
0.65
1.5
0.5
7113
YMXN
Pin 1 Identifier
Line
Device Marking Description
1
3
2
FCI's Company Name
7113 = Product Name
YMXN LOT Code
Y = Year code
M = Month code
X = Manufacture code
N = Wafer number
All dimensions are in millimeters


Similar Part No. - FC7113

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FC7103 ETC1-FC7103 Datasheet
193Kb / 6P
   Power Amplifier Module for CDMA/AMPS
More results

Similar Description - FC7113

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FC7103 ETC1-FC7103 Datasheet
193Kb / 6P
   Power Amplifier Module for CDMA/AMPS
logo
Agilent(Hewlett-Packard...
ACPM-7813 HP-ACPM-7813 Datasheet
183Kb / 21P
   CDMA/AMPS Power Amplifier Module
logo
Broadcom Corporation.
ACPM-7813 BOARDCOM-ACPM-7813 Datasheet
205Kb / 20P
   CDMA/AMPS Power Amplifier Module
logo
Skyworks Solutions Inc.
CX77105 SKYWORKS-CX77105 Datasheet
563Kb / 17P
   Power Amplifier Module for CDMA/AMPS (824-849 MHz)
logo
ANADIGICS, Inc
AWT6111 ANADIGICS-AWT6111 Datasheet
79Kb / 4P
   CDMA/AMPS Power Amplifier
logo
List of Unclassifed Man...
RMPA0913C-58 ETC-RMPA0913C-58 Datasheet
257Kb / 6P
   3.5V AMPS/CDMA Power Amplifier
logo
Skyworks Solutions Inc.
SKY77162 SKYWORKS-SKY77162 Datasheet
212Kb / 13P
   System Smart Power Amplifier Module for CDMA / AMPS (824-849 MHz)
logo
AVAGO TECHNOLOGIES LIMI...
WS1102-TR1 AVAGO-WS1102-TR1 Datasheet
476Kb / 16P
   3 x 3 Power Amplifier Module for CDMA/AMPS (824??49 MHz)
logo
ANADIGICS, Inc
AWT6130 ANADIGICS-AWT6130 Datasheet
195Kb / 8P
   Cellular Dual Mode AMPS/CDMA 3.5V 29dBm Power Amplifier Module
AWT6112 ANADIGICS-AWT6112 Datasheet
361Kb / 12P
   Cellular Dual Mode AMPS/CDMA 3.4V/28dBm Linear Power Amplifier Module
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com