Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFG310W Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BFG310W
Description  NPN 14 GHz wideband transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFG310W Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BFG310W Datasheet HTML 3Page - NXP Semiconductors BFG310W Datasheet HTML 4Page - NXP Semiconductors BFG310W Datasheet HTML 5Page - NXP Semiconductors BFG310W Datasheet HTML 6Page - NXP Semiconductors BFG310W Datasheet HTML 7Page - NXP Semiconductors BFG310W Datasheet HTML 8Page - NXP Semiconductors BFG310W Datasheet HTML 9Page - NXP Semiconductors BFG310W Datasheet HTML 10Page - NXP Semiconductors BFG310W Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
9397 750 14245
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 2 February 2005
7 of 12
Philips Semiconductors
BFG310W/XR
NPN 14 GHz wideband transistor
8.
Application information
Table 8:
SPICE parameters of the BFG310W DIE
Sequence
Parameter
Value
Unit
1
IS
16.17
aA
2
BF
210
-
3NF
1
-
4
VAF
50
V
5
IKF
59.83
mA
6
ISE
1.726
fA
7
NE
2.114
-
8BR
6
-
9NR
1
-
10
VAR
2.3
V
11
IKR
10
A
12
ISC
0
aA
13
NC
1.5
-
14
RB
3.6
15
RE
2.1
16
RC
1.6
17
CJE
115.6
fF
18
VJE
866.3
mV
19
MJE
0.285
-
20
CJC
68.18
fF
21
VJC
601
mV
22
MJC
0.123
-
23
XCJC
1
-
24
FC
0.7
-
25
TF
8.3
ps
26
XTF
10
-
27
VTF
1000
V
28
ITF
150
mA
29
PTF
0
deg
30
TR
0
ns
31
KF
0
-
32
AF
1
-
33
TNOM
25
°C
34
EG
1.014
eV
35
XTB
0
-
36
XTI
8
-
37
Q1.AREA
1
-


Similar Part No. - BFG310W

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFG310W NXP-BFG310W Datasheet
168Kb / 13P
   NPN 14 GHz wideband transistor
Rev. 2
BFG310W-XR NXP-BFG310W-XR Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BFG310W/XR NXP-BFG310W/XR Datasheet
168Kb / 13P
   NPN 14 GHz wideband transistor
Rev. 2
logo
Quanzhou Jinmei Electro...
BFG310W JMNIC-BFG310W_15 Datasheet
82Kb / 12P
   NPN 14 GHz wideband transistor
BFG310W_2015 JMNIC-BFG310W_2015 Datasheet
82Kb / 12P
   NPN 14 GHz wideband transistor
More results

Similar Description - BFG310W

ManufacturerPart #DatasheetDescription
logo
Quanzhou Jinmei Electro...
BFG325W JMNIC-BFG325W_15 Datasheet
93Kb / 12P
   NPN 14 GHz wideband transistor
logo
NXP Semiconductors
BFG310W NXP-BFG310W Datasheet
168Kb / 13P
   NPN 14 GHz wideband transistor
Rev. 2
logo
Quanzhou Jinmei Electro...
BFG310W_2015 JMNIC-BFG310W_2015 Datasheet
82Kb / 12P
   NPN 14 GHz wideband transistor
BFG325_2015 JMNIC-BFG325_2015 Datasheet
86Kb / 12P
   NPN 14 GHz wideband transistor
BFG310 JMNIC-BFG310_15 Datasheet
81Kb / 12P
   NPN 14 GHz wideband transistor
logo
NXP Semiconductors
BFG310 PHILIPS-BFG310 Datasheet
73Kb / 12P
   NPN 14 GHz wideband transistor
Rev. 01-2 February 2005
BFG325W NXP-BFG325W Datasheet
178Kb / 13P
   NPN 14 GHz wideband transistor
Rev. 2
BFG325W PHILIPS-BFG325W Datasheet
85Kb / 12P
   NPN 14 GHz wideband transistor
Rev. 01-2 February 2005
BFG325 PHILIPS-BFG325 Datasheet
78Kb / 12P
   NPN 14 GHz wideband transistor
Rev. 01-2 February 2005
logo
Quanzhou Jinmei Electro...
BFG310_2015 JMNIC-BFG310_2015 Datasheet
81Kb / 12P
   NPN 14 GHz wideband transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com