Electronic Components Datasheet Search |
|
M74HC138B1R Datasheet(PDF) 5 Page - STMicroelectronics |
|
M74HC138B1R Datasheet(HTML) 5 Page - STMicroelectronics |
5 / 10 page M74HC138 5/10 CAPACITIVE CHARACTERISTICS 1) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) = CPD x VCC x fIN + ICC TEST CIRCUIT CL = 50pF or equivalent (includes jig and probe capacitance) RT = ZOUT of pulse generator (typically 50Ω) WAVEFORM 1: PROPAGATION DELAYS FOR INVERTING OUTPUTS (f=1MHz; 50% duty cycle) Symbol Parameter Test Condition Value Unit VCC (V) TA = 25°C -40 to 85°C -55 to 125°C Min. Typ. Max. Min. Max. Min. Max. CIN Input Capacitance 5.0 5 101010 pF CPD Power Dissipation Capacitance (note 1) 5.0 47 pF |
Similar Part No. - M74HC138B1R |
|
Similar Description - M74HC138B1R |