Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IL9270N Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # IL9270N
Description  DTMF signal receiver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IL9270N Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  IL9270N Datasheet HTML 1Page - List of Unclassifed Manufacturers IL9270N Datasheet HTML 2Page - List of Unclassifed Manufacturers IL9270N Datasheet HTML 3Page - List of Unclassifed Manufacturers IL9270N Datasheet HTML 4Page - List of Unclassifed Manufacturers IL9270N Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
IL9270N
Korzhenevskogo 12, Minsk, 220064, Republic of
Belarus
Fax:
+375 (17) 278 28 22,
Phone: +375 (17) 278 07 11, 277 24 70, 277 24 61,
277 69 16
E-mail: belms@belms.belpak.minsk.by
URL: www.bms.by
DTMF signal receiver
(analog HM9270)
IC IL9270N is (DTMF) signal two-channel receiver-decoder (code 2 from 8).IÑ is fabricated
on CÌÎS technology and containes bandpass filters on switched capacitors. IC checks
length of incoming twochannel signal dispatches and pauses between them. Information
output as 4-digit binary code.IC clocking is carried out from quartz(-crystal) resonator with
frequency Fc= 3,579545 ÌHz.
MAIN CHARACTERISTICS
demodulates all 16 standard DTMF signals
Low consumed capacitance: 15 mW
One power source: 5 V+-5%
quarts generator with frequency 3,58 mHz is used
three state outputs
probability of mistaken decoding is 1/10000
Package - plastic 18-connection DIP (type 2104.18-À)
APPLICATION
* Àutomatic Òelephone Station
* call alert paging
* remote control systems
* credit card systems
* button telephone systems
* answering mashine
* domestic auto systems
Arrangement and purpose of outputs
Pin
Symbol
Purpose
01
02
03
04
05,06
07,08
09
10
11·14
15
16
17
18
IN+
IN-
CS
Vref
NC
OSC1,2
GND
TOE
Q1-Q4
StD
ESt
St/GT
Vcc
non inverting input ÎA
inverting input ÎA
operational amplifier outputÎA)
reference voltage output (Vcc/2)
unconnected
tact input/output.
general
input of output inable
three state data output
control outputèÿ
output of early control
control input/output
power +5 V


Similar Part No. - IL9270N

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IL9270N INTEGRAL-IL9270N Datasheet
559Kb / 12P
   DTMF RECEIVER High-Performance Silicon-Gate CMOS
More results

Similar Description - IL9270N

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC7387M SANYO-LC7387M Datasheet
114Kb / 6P
   DTMF Receiver?
logo
List of Unclassifed Man...
HM9202 ETC1-HM9202 Datasheet
79Kb / 1P
   DTMF RECEIVER
logo
Holtek Semiconductor In...
HT9170B HOLTEK-HT9170B_02 Datasheet
187Kb / 13P
   DTMF Receiver
logo
List of Unclassifed Man...
M-8870 ETC2-M-8870 Datasheet
255Kb / 8P
   DTMF Receiver
logo
ELAN Microelectronics C...
HM9270C EMC-HM9270C Datasheet
66Kb / 10P
   DTMF RECEIVER
logo
List of Unclassifed Man...
MS8870 ETC-MS8870 Datasheet
138Kb / 8P
   DTMF Receiver
logo
Silan Microelectronics ...
SC9270C SILAN-SC9270C Datasheet
177Kb / 12P
   DTMF RECEIVER
logo
Sanyo Semicon Device
LC73872M SANYO-LC73872M Datasheet
115Kb / 6P
   DTMF Receiver?
logo
Holtek Semiconductor In...
HT9170 HOLTEK-HT9170 Datasheet
124Kb / 12P
   DTMF Receiver
logo
Sanyo Semicon Device
LC7385 SANYO-LC7385 Datasheet
164Kb / 7P
   DTMF Receiver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com