Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRISA6131 Datasheet(PDF) 1 Page - International Rectifier

Part # IRISA6131
Description  INTEGRATED SWITCHER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRISA6131 Datasheet(HTML) 1 Page - International Rectifier

  IRISA6131 Datasheet HTML 1Page - International Rectifier IRISA6131 Datasheet HTML 2Page - International Rectifier IRISA6131 Datasheet HTML 3Page - International Rectifier IRISA6131 Datasheet HTML 4Page - International Rectifier IRISA6131 Datasheet HTML 5Page - International Rectifier IRISA6131 Datasheet HTML 6Page - International Rectifier IRISA6131 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
www.irf.com
1
IRIS-A6131
Features
•Small sized 8-pin DIP type full molded package, optimum IC for low-
height SMPS
•Off-timer circuit is provided on the monolithic control IC
• Low start-up circuit current (10uA max)
•Low circuit current at operation (1.5mA typ)
• Avalanche energy guaranteed MOSFET with high VDSS
The built-in power MOSFET simplifies the surge absorption
circuit since the MOSFET guarantees the avalanche energy.
No VDSS de-rating is required.
•Built-in Start-up circuit (the power loss in the start-up circuit is
reduced by cutting off the start-up circuit after the IC starts its
operation.)
•Auto Burst Stand-by (realizing input power<0.1W at no load)
•Auto Bias Function (stable burst operation without the interference on
transformer)
•Two operational modes by auto switching functions
For normal operation: PRC mode
For stand-by operation (at light load): Burst mode
•Built-in Leading Edge Blanking Function
• Built-in constant voltage drive circuit
Various kinds of protection functions
Pulse-by-pulse Overcurrent Protection (OCP)
Overvoltage Protection with latch mode (OVP)
Thermal Shutdown with latch mode (TSD)
INTEGRATED SWITCHER
Package Outline
8 Lead PDIP
Descriptions
IRIS-A6131 is a hybrid IC consisting of a power MOSFET and a controller IC, designed for PRC
fly-back converter type SMPS (Switching Mode Power Supply) applications, applicable for PRC
operation for small power SMPS. This IC realizes downsizing and standardizing of a power supply
system reducing external component count and simplifying the circuit design.
Note: PRC is abbreviation for “Pulse Ratio Control” (On-width control with fixed OFF-time).
Typical Connection Diagram
Type
MOSFET
VDSS(V)
RDS(ON)
MAX
ACinput(V)
Pout(W)
Note 1
IRIS-A6131
500
3.95Ω
100/120±15%
10
Key Specifications
D
DD
DD
DD
D
O
OO
OC
CC
CP
PP
P
F
FF
FB
BB
B
V
VV
Vc
cc
cc
cc
cG
GG
GN
NN
ND
DD
D
2
22
2
1
11
1
3
33
34
44
4
5
55
5
7
77
7
8
88
8
6
66
6
S
SS
St
tt
ta
aa
ar
rr
rt
tt
tu
uu
up
pp
p
N
NN
NC
CC
C
I
II
IR
RR
RI
II
IS
SS
S-
--
-A
AA
A6
66
61
11
13
33
31
11
1
Note 1: The pout (W) represents the thermal rating at PRC Operation. The peak power output is obtained by
approximating 120 to 140% of the above listed value. When the output voltage is low and ON-duty is narrow, the
Pout (W) shall become lower than that of above value.


Similar Part No. - IRISA6131

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRISA6331 IRF-IRISA6331 Datasheet
379Kb / 7P
   INTEGRATED SWITCHER
More results

Similar Description - IRISA6131

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRIS-G5624A IRF-IRIS-G5624A_1 Datasheet
269Kb / 7P
   INTEGRATED SWITCHER
IRIS-G6351S IRF-IRIS-G6351S Datasheet
272Kb / 7P
   INTEGRATED SWITCHER
IRIS-G6623 IRF-IRIS-G6623 Datasheet
280Kb / 7P
   INTEGRATED SWITCHER
IRISA6331 IRF-IRISA6331 Datasheet
379Kb / 7P
   INTEGRATED SWITCHER
IRIS-F6428S IRF-IRIS-F6428S Datasheet
278Kb / 7P
   INTEGRATED SWITCHER
IRISG5624A IRF-IRISG5624A Datasheet
271Kb / 7P
   INTEGRATED SWITCHER
IRIS4015 IRF-IRIS4015 Datasheet
63Kb / 6P
   INTEGRATED SWITCHER
IRIS4013 IRF-IRIS4013 Datasheet
66Kb / 6P
   INTEGRATED SWITCHER
IRIS4007 IRF-IRIS4007 Datasheet
62Kb / 6P
   INTEGRATED SWITCHER
IRIS-G6624 IRF-IRIS-G6624 Datasheet
277Kb / 7P
   INTEGRATED SWITCHER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com