Electronic Components Datasheet Search |
|
CS4624-CQ Datasheet(PDF) 3 Page - Cirrus Logic |
|
CS4624-CQ Datasheet(HTML) 3 Page - Cirrus Logic |
3 / 7 page 2 PI293PP1 JUL ‘98 CS4622/24 Description the CS4622/24 enables real mode DOS compatible PCI-only audio sub- systems. This device, combined with application and driver software, provides a complete system solution for hardware acceleration of Windows 95® Direct- Sound®, DirectSound3D®, DirectInput, and Wavetable Synthesis. WDM drivers provide support for both Windows 98 and Windows NT 5.0. The CS4622/24 is based on the Cirrus Logic CrystalClear Stream Processor (SP) DSP core. The SP core is optimized for digital audio processing, and is powerful enough to handle complex signal processing tasks such as Dolby Digital AC-3 decoding (CS4622 only) with ease. The SP core is supported by a bus mastering PCI interface and a built-in dedicated DMA engine with hard- ware scatter-gather support. These support functions ensure extremely efficient transfer of audio data streams to and from host-based memory buffers, provid- ing a system solution with maximum performance and minimal host CPU loading. The all-digital CS4622/24 supports a variety of audio I/O configurations including direct connection to the CrystalClear CS4297 AC ‘97 Codec. A sec- ondary AC ‘97 2.0 interface provides support for multi-channel and digital docking solutions. Added extended I/O supports DAA control for modem applications. Consumer Digital input and output (S/PDIF) interfaces support both PCM and compressed 5.1 digital data formats. PC/PCI, DDMA, and CrystalClear Legacy support provide PCI-only legacy games compatibility. 96-Stream DMA Controller with Hardware Scatter/Gather MPU-401 MIDI Interface PCI Interface Joystick Interface PC/PCI & CCLS Legacy AC ’97 2.0 Interface AC ’97 2.0 Interface S/PDIF In S/PDIF Out ZV Port Async. Modem Interface Program ROM Parameter RAM SLIMD SP Core Sample RAM Program RAM Coefficient ROM PCI Bus 4622-4pi.fm Page 2 Tuesday, July 7, 1998 1:21 PM |
Similar Part No. - CS4624-CQ |
|
Similar Description - CS4624-CQ |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |