Electronic Components Datasheet Search |
|
EMIF10-COZ01F1 Datasheet(PDF) 1 Page - STMicroelectronics |
|
EMIF10-COZ01F1 Datasheet(HTML) 1 Page - STMicroelectronics |
1 / 7 page ® 1/7 MAIN PRODUCT CHARACTERISTICS EMI filtering and ESD protection for: ■ Computers and printers ■ Communication systems ■ Mobile phones DESCRIPTION The EMIF10-COM01F2 is a highly integrated device designed to suppress EMI / RFI noise in all systems subjected to electromagnetic interfer- ences. The EMIF10 Flip-Chip packaging means the package size is equal to the die size. Additionally, this filter includes an ESD protection circuitry which prevents the protected device from destruction when subjected to ESD surges up to 15 kV. BENEFITS ■ EMI symmetrical (I/O) low-pass filter ■ Lead free package ■ Very low PCB space consuming: < 6mm 2 ■ Very thin package: 0.65 mm ■ High efficiency in ESD suppression on both input & output pins ■ High reliability offered by monolithic integration COMPLIES WITH THE FOLLOWING STANDARDS: IEC61000-4-2 level 4 15kV (air discharge) 8kV (contact discharge) EMIF10-COM01F2 EMI FILTER INCLUDING ESD PROTECTION REV. 2 April 2005 Flip-Chip (25 Bumps) Figure 1: Pin Configuration (Ball side) 1 2 3 4 5 ED C BA 02 04 03 05 06 09 08 010 07 GND GND GND I1 I9 I8 I10 I2 I4 I3 GND GND I6 I7 01 I5 TM: IPAD is a trademark of STMicroelectronics. Table 1: Order Code Part Number Marking EMIF010-COM01F2 FE Figure 2: Basic cell configuration Output Low-pass Filter R = 200 I/O Ω C = 45 pF line Input IPAD™ |
Similar Part No. - EMIF10-COZ01F1 |
|
Similar Description - EMIF10-COZ01F1 |