Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEEL18LV8ZS-15L Datasheet(PDF) 8 Page - Anachip Corp

Part # PEEL18LV8ZS-15L
Description  CMOS Programmable Electrically Erasable Logic Device
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

PEEL18LV8ZS-15L Datasheet(HTML) 8 Page - Anachip Corp

Back Button PEEL18LV8ZS-15L Datasheet HTML 2Page - Anachip Corp PEEL18LV8ZS-15L Datasheet HTML 3Page - Anachip Corp PEEL18LV8ZS-15L Datasheet HTML 4Page - Anachip Corp PEEL18LV8ZS-15L Datasheet HTML 5Page - Anachip Corp PEEL18LV8ZS-15L Datasheet HTML 6Page - Anachip Corp PEEL18LV8ZS-15L Datasheet HTML 7Page - Anachip Corp PEEL18LV8ZS-15L Datasheet HTML 8Page - Anachip Corp PEEL18LV8ZS-15L Datasheet HTML 9Page - Anachip Corp PEEL18LV8ZS-15L Datasheet HTML 10Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Anachip Corp.
www.anachip.com.tw
Rev. 1.0 Dec 16, 2004
8/10
Table 4 - A.C. Electrical Characteristics
Over the operating range
9
-15/I-15
3V
±10% 3.3V±10%
Symbol
Parameter
Min Max Min Max
Units
tPD
Input
6 to non-registered output in continuous mode13
20
15
ns
tOE
Input
6 to output enable7
20
15
ns
tOD
Input
6 to output disable7
20
15
ns
tCO1
Clock to Output
17
12
ns
tCO2
Clock to comb output delay via internal registered
feedback
30
25
ns
tCF
Clock to Feedback
13
8
ns
tSC
Input
6 or feedback setup to clock
17
12
ns
tHC
Input
6 hold after clock
0
0
ns
tCL, tCH
Clock low time, clock high time
9
15
10
ns
tCP
Min clock period Ext (tSC + tCO1 )
32
24
ns
fMAX1
Internal feedback 1/ (tSC + tCF)
12
33.3
50
MHz
fMAX2
External Feedback (1/ tCP)
12
31.25
41.67
MHz
fMAX3
No Feedback 1/ (tCL + tCH)
12
33.3
50
MHz
tAW
Asynchronous Reset Pulse Width
20
15
ns
tAP
Input to Asynchronous Reset
20
15
ns
tAR
Asynchronous Reset recovery time
20
15
ns
tRESET
Power-on reset time for registers in clear state
14
5
5
µs
Inputs I/O,
Registered Feedback,
Synchronous Preset
Clock
Asynchronous
Reset
Registered
Outputs
Combinatorial
Outputs
Figure 7 - Switching Waveforms
Notes:
1.
Minimum DC input is -0.5V, however, inputs may undershoot to
-2.0V for periods less than 20 ns.
2.
VI and VO are not specified for program / verify operation.
3.
The Supply Voltage range of 2.7 to 3.6V was chosen to allow
this part to be used in both 3V
±10% and 3.3V ±10%
applications.
4.
Test Points for Clock and VCC in tR and tF are referenced at
the 10% and 90% levels.
5.
I/O pins are 0V and VCC .
6.
"Input" refers to an input pin signal.
7.
tOE is measured from input transition to V REF
± 0.1V, TOD is
measured from input transition to VOH -0.1V or VOL +0.1V;
VREF =VL.
8.
Capacitances are tested on a sample basis.
9.
Test conditions assume: signal transition times of 3ns or less
from the 10% and 90% points, timing reference levels of 1.5V
(Unless otherwise specified).
10.
Test one output at a time for duration of less than 1 second.
11.
ICC for a typical application: This parameter is tested with the
device programmed as an 8-bit Counter.
12.
Parameters are not 100% tested. Specifications are based on
initial characterization and are tested after any design process
modification that might affect operational frequency.
13.
tPD , tOE , tOD , tCO , tSC , and tAP are approximately 5 ns.
slower on the first transaction from sleep mode.
14.
All inputs at GND.


Similar Part No. - PEEL18LV8ZS-15L

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
PEEL18LV8ZS-25 ANACHIP-PEEL18LV8ZS-25 Datasheet
260Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL18LV8ZS-25L ANACHIP-PEEL18LV8ZS-25L Datasheet
260Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL18LV8ZS-35 ANACHIP-PEEL18LV8ZS-35 Datasheet
260Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL18LV8ZS-35L ANACHIP-PEEL18LV8ZS-35L Datasheet
260Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
More results

Similar Description - PEEL18LV8ZS-15L

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
PEEL18CV8Z ANACHIP-PEEL18CV8Z Datasheet
442Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL18LV8Z-25 ANACHIP-PEEL18LV8Z-25 Datasheet
260Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL22LV10AZ ANACHIP-PEEL22LV10AZ Datasheet
683Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL16CV8 ANACHIP-PEEL16CV8 Datasheet
386Kb / 11P
   CMOS Programmable Electrically Erasable Logic Device
logo
List of Unclassifed Man...
PEEL22CV10 ETC-PEEL22CV10 Datasheet
247Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
logo
Anachip Corp
PEEL22CV10A ANACHIP-PEEL22CV10A Datasheet
339Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
logo
List of Unclassifed Man...
16CV8-25 ETC2-16CV8-25 Datasheet
168Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
logo
Anachip Corp
PEEL22CV10AZ ANACHIP-PEEL22CV10AZ Datasheet
475Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
logo
List of Unclassifed Man...
22LV10AZ-25 ETC2-22LV10AZ-25 Datasheet
139Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
18CV8 ETC-18CV8 Datasheet
411Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com